Part Number Hot Search : 
BA604 C2434S 140SA1 1N3050D AP4056 OPN20 TORX177 BT301
Product Description
Full Text Search
 

To Download GTCX28-XXXX-P15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT: GTCX28-XXXX-P15
308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
Gas Discharge Tube High Surge Two Electrode Series
Overvoltage Protection Device Raychem Circuit Protection Products
DOCUMENT: SCD 25820 REV LETTER: C REV DATE: MAY 25, 2007 PAGE NO.: 1 OF 5
Specification Status: Released
BENEFITS
* * * * Helps provide overvoltage fault protection against high energy surges Suitable for sensitive equipment due to excellent impulse sparkover response Suitable for high-frequency applications Highly reliable performance
FEATURES
* * * * * * Crowbar device with low arc-voltage Low capacitance and insertion loss High accuracy spark-over voltages for high precision designs Tested per ITU K.12 recommendations Optional Fail-Short mechanism Non-radioactive materials
APPLICATIONS
* Telecommunications: - MDF modules, xDSL equipment, RF system protection * Industrial Electronics and Commercial Electronics, such as - Power Supplies, Surge Protectors, Alarm systems
SYMBOL
TYPICAL APPLICATION SCHEMATIC
PolySwitch Device
SiBar Device
PRODUCT: GTCX28-XXXX-P15
308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
Gas Discharge Tube High Surge Two Electrode Series
Overvoltage Protection Device Raychem Circuit Protection Products
DOCUMENT: SCD 25820 REV LETTER: C REV DATE: MAY 25, 2007 PAGE NO.: 2 OF 5
PART NUMBERING
EXAMPLE:
GT C N 2 8 - 231 M - P 15 - FS Series GT : Gas Tube Material C : Ceramic Type N : No Leads A : Axial Leaded Number of Electrodes 2 : Two Diameter 8 : 8mm Packaging No Suffix: standard Tray packaging -B: Bulk packaging (only upon special request) with Fail-Short mechanism Surge Rating 15 : 15kA (10 times 8 x 20s) Product Family Voltage Tolerance M : 20% Voltage Designator 900 : 90 x 10^0 = 90V 151 : 15 x 10^1 = 150V 231 : 23 x 10^1 = 230V 251 : 25 x 10^1 = 250V 351 : 35 x 10^1 = 350V
DEVICE MARKING
EXAMPLE : GTCN28-900M-P15
09 P 15 GN Week of Manufacture
Per Raychem Circuit Protection lot number system : E.g. G = First half of 2004; N = week 14
Surge Rating: 15 : 15kA Product Family Voltage Designator 09 : 90 V Raychem Symbol
PRODUCT: GTCX28-XXXX-P15
308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
Gas Discharge Tube High Surge Two Electrode Series
Overvoltage Protection Device Raychem Circuit Protection Products
DOCUMENT: SCD 25820 REV LETTER: C REV DATE: MAY 25, 2007 PAGE NO.: 3 OF 5
GENERAL CHARACTERISTICS
No Radioactive Material Storage temperature: Devices without Fail-Short Mechanism: Devices with Fail-Short Mechanism: Operating temperature: Devices without Fail-Short Mechanism: Devices with Fail-Short Mechanism: Body: Nickel Plated Leads: Tin Plated -40C ... +90C -20C ... +65C -40C ... +90C -20C ... +65C
DEVICE RATINGS AND CHARACTERISTICS
DC Sparkover Voltage Impulse Sparkover Voltage Insulation Resistance DC Capacitance Holdover Impulse Life Voltage Impulse Discharge Current 8/20s AC Discharge Current, 50Hz Repeat 10 times (1s interval) 20A 20A
Part Number
@ 100V/s @ 100V/s @ 1kV/s
@ 100VDC
@ 1MHz
Per ITUK.12
10/1000s, 100A
Repeat 10 Single Single times Hit, 9 Hit (5 times each Cycles polarity) 20kA 20kA 15kA 15kA 90A 90A
GTCN28-900M-P15 GTCA28-900M-P15 GTCN28-151M-P15 GTCA28-151M-P15
72 - 108V 120 - 180V
450V 500V
500V 600V
10,000M 10,000M
1
1.5pF 1.5pF 1.5pF 3.5pF 1.5pF 1.5pF 1.5pF
52V 52V
300 times 300 times
1
GTCN28-231M-P15 GTCN28-231M-P15-FS 184 -280V GTCA28-231M-P15 GTCN28-251M-P15 GTCA28-251M-P15 GTCN28-351M-P15 GTCA28-351M-P15 200 - 300V 280 - 420V
600V
700V
10,000M
52V
300 times
20kA
15kA
90A
20A
600V 700V
700V 800V
10,000M 10,000M
52V 52V
300 times 300 times
20kA 20kA
15kA 15kA
90A 90A
20A 20A
Note 1. Insulation Resistance measured at 50 VDC.
PRODUCT: GTCX28-XXXX-P15
308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
Gas Discharge Tube High Surge Two Electrode Series
Overvoltage Protection Device Raychem Circuit Protection Products
DOCUMENT: SCD 25820 REV LETTER: C REV DATE: MAY 25, 2007 PAGE NO.: 4 OF 5
DIMENSIONS
No Leads, no Fail-Short mechanism (GTCN28-xxxx-P15)
A mm: in*: MIN 5.8 0.23 MAX 6.2 0.24 MIN 7.8 0.31
C MAX 8.2 0.32
*Rounded off approximation
No Leads, with Fail-Short mechanism (GTCN28-231M-P15-FS) Fail-Short Operation Time 50Hz 0.7A : 210s 2.0A : 60s 7.0A: <1s
A mm: in*: MIN 5.8 0.23 MAX 6.2 0.24 MIN ---
B MAX 9.5 0.37 MIN 7.8 0.31
C MAX 8.2 0.32 MIN ---
F MAX 7.0 0.28 MIN ---
G MAX 3.0 0.12
*Rounded off approximation
Axial Leads, no Fail-Short mechanism (GTCA28-xxxx-P15)
A mm: in*: MIN 5.8 0.23 MAX 6.2 0.24 MIN 7.8 0.31
C MAX 8.2 0.32 MIN 28.0 1.10
D MAX 32.0 1.26
d NOM 1.0 0.04
*Rounded off approximation
PRODUCT: GTCX28-XXXX-P15
308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
Gas Discharge Tube High Surge Two Electrode Series
Overvoltage Protection Device Raychem Circuit Protection Products
DOCUMENT: SCD 25820 REV LETTER: C REV DATE: MAY 25, 2007 PAGE NO.: 5 OF 5
PACKAGING
Packaging Quantity Bulk* ( vacuum bags) 200 Tray 100 Standard Box 1,000**
* Standard packaging is in trays. Bulk packaging is only available upon request. ** 5 bags or 10 trays
Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of each product for their applications. Tyco Electronics Corporation assumes no responsibility for the use of its product or for any infringement of patents or other rights of third parties resulting from the use of its product. No license is granted by implication or otherwise under any patent or proprietary right of Tyco Electronics except the right to use such product for the purpose for which it is sold. Tyco Electronics reserves the right to change or update, without notice, any information contained in this publication; to change, without notice, the design, construction, processing, or specification of any product; and to discontinue or limit production or distribution of any product. This publication supersedes and replaces all information previously supplied. Without expressed or written consent by an officer of Tyco Electronics, Tyco Electronics does not authorize the use of any of its products as components in nuclear facility applications, aerospace, or in critical life support devices or systems. Tyco Electronics' only obligations are those in the Tyco Electronics Standard Terms and Conditions of Sale and in no case will Tyco Electronics be liable for any incidental, indirect, or consequential damages arising from the sale, resale, use, or misuse of its products.
(c) 2004, 2007 Tyco Electronics Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of GTCX28-XXXX-P15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X