Part Number Hot Search : 
18XXN 20PG0C EE08645 EE08645 LT161 03929 C1206 TE13A
Product Description
Full Text Search
 

To Download GBJ15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ15005 THRU GBJ1510
Reverse Voltage - 50 to 1000 Volts
GLASS PASSIVATED BRIDGE RECTIFIER
Forward Current - 15.0 Ampere
FEATURES
Glass passivated chip junction Reliable low cost construction utilizing molded plastic technique Ideal for printed circuit board Low reverse leakage current Low forward voltage drop High surge current capabiliy

GBJ
MECHANICAL DATA

Case:Molded plastic, GBJ Terminals: Terminals: Leads solderable per MIL-STD-202 method 208 guaranteed Epoxy: UL 94V-0 rate flame retardant Mounting Position: Any
Dimensions in inches and (millimeters)

MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Parameter
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current with Heatsink at TC = 100 OC Peak Forward Surge Current, 8.3 ms Single Half-Sine -Wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at 7.5 A DC and 25 OC Maximum Reverse Current at TA = 25 C at Rated DC Blocking Voltage TA = 125 OC
O
Symbols VRRM VRMS VDC I(AV) IFSM VF IR CJ RJC TJ,TS
GBJ 15005 50 35 50
GBJ 1501 100 70 100
GBJ 1502 200 140 200
GBJ 1504 400 280 400 15 200 1.1 10 500 60 0.8
GBJ 1506 600 420 600
GBJ 1508 800 560 800
GBJ Units 1510 1000 700 1000 V V V A A V A pF
O
Typical Junction Capacitance Typical Thermal Resistance 2)
1)
C/W
O
Operating and Storage Temperature Range
1) 2)
-55 to +150
C
Measured at 1 MHz and applied reverse voltage of 4 VDC. Thermal resistance from junction to case with device mounted on 300 mm X 300 mm X 1.6 mm Cu plate heatsink.
GBJ15005 THRU GBJ1510
RATINGS AND CHARACTERISTIC CURVES
IF, INSTANTANEOUS FORWARD CURRENT (A)
15 With heatsink Resistive or inductive load 100
Tj = 25C Pulse width: 300s
IO, AVERAGE RECTIFIED CURRENT (A)
10
10
1.0
5.0 Without heatsink 0 0 120 80 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
Single Half-Sine Wave (JEDEC Method)
0.1
40
160
0.01
0
0.4 1.2 1.6 2.0 0.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FWD. SURGE CURRENT (A)
25 0
100
200
Cj, JUNCTION CAPACITANCE (pF)
10
100
0 1
Tj = 25C
10
100
1.0
f = 1 MHz
Tj = 25C
1.0
NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Surge Current
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
100
IR, INSTANTANEOUS REVERSE CURRENT (A)
1000
100
Tj = 125C Tj = 100C
10
1.0
Tj = 50C
Tj = 25C
0.1 0 20 40 60 80 100 120 PERCENT OF PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics


▲Up To Search▲   

 
Price & Availability of GBJ15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X