Part Number Hot Search : 
01922 3AYO11 41000 ICS87 500000 PJ664L P6KE56C CY29940
Product Description
Full Text Search
 

To Download GBJ15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
GBJ15005 THRU GBJ1510
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ
I A H
Features
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop, high current capability. Reliable low cost construction utilizing molded plastic technique results in inexpensive product
* * * * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance 0.8C/W J to C (With heatsink) Typical Thermal Resistance 3.5C/W J to L (Without heatsink) Typical Thermal Resistance 12C/W J to A (Without heatsink) Maximum Reccurrent Peak Reverse Voltage GBJ1005 50V GBJ1501 100V GBJ1502 200V GBJ1504 400V GBJ1506 600V GBJ1508 800V GBJ1510 1000V Device Marking Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D F
B E
G
Catalog Number GBJ15005 GBJ1501 GBJ1502 GBJ1504 GBJ1506 GBJ1508 GBJ1510
+
P L C
M N O O
DIMENSIONS INCHES MIN 1.170 .780 .670 .019 .430 .090 .120 .130 .170 .100 .020 .080 .040 .390 .290 .150 MM MIN 29.70 19.70 17.00 4.70 10.80 2.30 3.10 3.40 4.40 2.50 0.60 2.00 0.90 9.80 7.30 3.80
K J
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage 2 I t Rating for fusing IF(AV) IFSM 15 A 240A Tc = 100C 8.3ms, half sine IFM = 7.5A TJ = 25C IR 10 A 500uA TJ = 25C TJ = 125C
VF
1.05V
DIM A B C D E F G H I J K L M N O P
MAX 1.190 .800 .710 .019 .440 .110 .130 .150 .190 .110 .030 .090 .040 .400 .300 .170
MAX 30.30 20.30 18.00 4.90 11.20 2.70 3.40 3.80 4.80 2.90 0.80 2.40 1.10 10.20 7.70 4.20
NOTE
It
2
240A2S (t<8.3ms)
Typical Junction CJ 60 pF Measured at Capacitance 1.0MHz, VR=4.0V NOTES : 1. Pulse Test: Pulse Width 300sec, Duty Cycle 1% 2. Device mounted on 300mm * 300mm *1.6mm Cu Plate Heatsink
www.cnelectr.com
RATING AND CHARACTERISTIC CURVES GBJ15005 thru GBJ1510
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
15 12
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD WITH HEATSINK
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
300 250 200 150 100 50 0 1 2 5 10
Single Half-Sine-Wave (JEDEC METHOD)
9 6
WITHOUT HEATSINK
3
0
20
40
60
80
100
120
140
20
50
100
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
10
CAPACITANCE , (pF)
TJ = 25 C
10
1.0
0.1
TJ = 25 C, f = 1MHz
PULSE WIDTH 300us
1.0 1.0 4.0 10.0 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE , VOLTS
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT ,(uA)
TJ = 125 C
100
TJ = 100 C
10
TJ = 50 C
1.0
TJ = 25 C
0.1 0 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of GBJ15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X