Part Number Hot Search : 
AM27S07 H53326 AD7660 IMX25 SM200 TA0230A BA6906F1 42042
Product Description
Full Text Search
 

To Download FMS006Z-2000-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series FMS SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Voltage Rating. Operating Temp. Range: Mating Cycles: 500M min. at 500V DC 250V ACrms for 1 minute 100m max. at 10mA / 20mV max. 0.5A 5.0Vrms -55C to +85C 5,000 insertions
Card Connectors
Part Number (Details)
FMS006Z
without Switch
- 2000 - 0 - 2001 - 1
SIM Card Reader
A-59
FMS006Z
with Switch
Materials and Finish
Insulator: LCP, glass filled (UL94V-0) Contact Plating: Mating Face - Gold over Nickel Solder Tails - Gold over Nickel
Features
Conforms to GSM11.11 standard for the European mobile phone system Smooth extraction function by Push / Push mechanism With and without switch For assembly on top of the PC-Board Tape and Reel Packaging (800 pcs./reel)
Outline Connector Dimensions for FMS006Z-200*-*
SW1 and SW2 for FMS006Z-2001-1 only
View A View A (with card)
Recommended PCB Layout (Mounting Side)
Card Insertion
Card ejected
Card locked
Card push position
For FMS006Z-2001-1 only
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors


▲Up To Search▲   

 
Price & Availability of FMS006Z-2000-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X