Part Number Hot Search : 
02CIS STK40 37791 SGM8534 HC164M MD8243 2N90H 3133F
Product Description
Full Text Search
 

To Download FKU5MA100RJP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
FKU/FRU Thermal Cut-offs Resistors
Thermal Cut-offs Resistors
Cement Resistors with Thermal Cut-offs - FKU/FRU Series
Ultimate Protection Thermal Cutoffs for High Power Applications
Preview Fast-acting protection device for high-power applications combines thermal fuse element and resistor on a single substrate. Token offers FKU (Wirewound Resistor + Thermal Cut-offs) and FRU (Metal Oxide Film Resistor + Thermal Cut-offs) two Series, both are a new concept in thermal fuse technology and are designed to protect against overheating in electrical products. The two active components, a thermal cutoff is a fusible alloy and a resistor is a voltage divider, both are surrounded by a ceramic cement with special resin. Under normal operating temperatures the fusible alloy joins the two lead wires within the body of the cutoff and the power resistor acts as a normal function resistor. When the preset temperature of the cutoff is reached, the fusible alloy melts and with the aid of the special resin, complete cutoff is ensured. By combining a thermal fuse element and resistor on a single substrate, Token has created a fast-acting ultimate protection device for high power applications up to 10A/250V. Resistance range of FKU Wirewound Type Thermal Cut-offs is 1~100 and FRU Metal Oxide Film Type Thermal Cut-offs is 110~10K. Both standard precision tolerance is J(5%). Our custom solutions are designed to address your need for technical and economic success in a timely manner. Contact us with your specific needs. Features - Miniature size - Radial leaded form - Accurate fusing temperature - Various temperature settings - Current Rating: Up to 10Amp - Products with Pb-free Terminations and RoHS compliant - Economical by combining both function of a thermal fuse and a pulse resistor Applications - Motors - fans, copiers, washing machines, air conditioners, compressors. - Electronics - TVs, tape recorders, stereos, video recorders, fluorescent lamps, transformers, surge suppressors, computers, telecommunication equipment. - Appliances - electric blankets, space heaters, stoves, irons, hair dryers, cookers, toaster ovens, clothes dryers, toasters, mixers, microwave ovens, crock pots. Version 2010
http://www.token.com.tw/ rfq token.com.tw
01 of 03
TOKEN
W
FKU/FRU Thermal Cut-offs Resistors
D Rated Power (%) Power Derating Curve
General Specifications (Unit: mm)
120 100 80 60 40 20
25C
H
5MM 5MN
D1 RM
D2
h
0 -40 -20 0 20 40 60 80 100 120 140 160 Ambient Temperature (C)
Type FKU/FRU-5M FKU/FRU-7M FKU/FRU-10M
W1 13 13 16
D1 9 9 12
H 1.5 25 38 35
Dimension (mm) RM+2/-1 h D1(R terminal) 5 5 4.5 1 0.80.1 7.5
D2(F terminal) 2A:0.6 0.110A:1.0 0.1
Electrical Performance Fusing Temperature Protector MARK A B C D E F G H N M Fusing Standard Standard Temperature(C) Current(A) Voltage(V) 109+1/-3 1294 1524 10 188+3/-1 226+1/-3 250 95+3/-0 1104 2 1264 1304 1454 Rated Power at 25C (W) 5M 1.2 1.6 1.6 2.0 2.0 0.8 1.2 1.4 1.6 2.1 Resistance Range() FKU FRU Tolerance(%) FKU FRU
7M
1.4 2.0 2.0 2.4 2.4 1.2 1.4 1.6 2.0 2.4
10M 2.0 2.5 2.5 3.5 3.5
1~100 110~10K
J(5) K(10)
J(5)
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
How to Order
FKU/FRU Thermal Cut-offs Resistors
FRU Part Number
Code
5M
Resistance Value
A
10R
Code 1R 10R 100R 1K
K
P
Resistance Value () Metal Oxide type Thermal Cut-offs Wirewound type Thermal Cut-offs
Resistance Value ()
FRU FKU
1 10 100R 1000
Rated Power (W): 5M, 7M, 10M Thermal Cut-offs ()
Code Thermal Cut-offs
Resistance Tolerance (%)
Code J Resistance Tolerance (%)
A B C D E F G H N M
109+1/-3C 1294C 1524C 188+3/-1C 226+1/-3C 95+3/-0C 1104C 1264C 1304C 1454C
K Package
Code P
5% 10%
Package
Bulk
Back to 1st Page - Thermal Cut-offs Resistors (FKU/FRU)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of FKU5MA100RJP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X