Part Number Hot Search : 
DG418DK 2N3528 C1672 TSOP41 FM201 M810T SMA5913 PIC12HV
Product Description
Full Text Search
 

To Download FAS-16-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Internal Connectors
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range:
Series FAS MIL Std. IDC Type Socket, (2.54mm Pitch)
Part Number (Details)
1,000M min. at 500V DC 700V ACrms for 1 minute 30m max. at 10mA 1A -20C to +105C
FAS
Series (socket) No. of Leads
- 3401 - 2 2
01 - * - 0 * F
Materials and Finish
Housing: PBT, glass filled UL 94V-0 rated Contacts: Phosphor Bronze Plating: Contacts - Au over Ni IDC Terminals - Flash Au over Nickel
Housing Type: 2 = MIL std. key (with central key) Pressure Cover Type: 1 = Open End 2 = Closed End Strain Relief
Features
2.54 mm contact pitch connectors for 50 MIL standard flat cables Variations include latch header plugs, box header plugs, and flat cable sockets
Housing Colour: 1 = Black 2 = Blue (Standard) 0 = Mating Cables (1.27 pitch): AWG 28 Stranded Wire or AWG 30 Solid Wire Contact Plating: A = Gold (0.76m over Ni 2.5~4.5m) B = Gold (0.3m over Ni 2.5~4.5m) IDC Terminal Plating: F = Flash Au over Ni
Jigs and Tools
(For FAS / FAP Type) Hand press: FX-003 Applicable jig: FA-005
Applicable Cables
AWG 28 stranded wire, 1.27mm pitch AWG 30 solid wire, 1.27mm pitch (e.g. DK**-*, FLEX-S*, TPFLEX-N*, FS-FLEX-B*, see Section F)
Outline Dimensions
Contact Details
Strain Relief Pressure Cover
Socket
Cable Connection
D-16
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Series FAS MIL Std. IDC Type Socket, (2.54mm Pitch)
Part Numbers
Part Number No. of Leads A
Internal Connectors
Standard types see table. For other versions please contact Yamaichi, minimum order quantity may be required B C D E
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
D-17
2.54mm Board-to-Cable Connectors
FAS-1001-2101-2-0AF FAS-1001-2101-2-0BF FAS-1401-2101-2-0AF FAS-1401-2101-2-0BF FAS-1601-2101-2-0AF FAS-1601-2101-2-0BF FAS-1601-2101-2-0BF FAS-2001-2101-2-0AF FAS-2001-2101-2-0BF FAS-2001-2201-2-0AF FAS-2601-2101-1-0BF FAS-2601-2101-2-0AF FAS-2601-2101-2-0BF FAS-2601-2201-2-0AF FAS-3001-2101-2-0BF FAS-3401-2101-1-0BF FAS-3401-2101-2-0AF FAS-3401-2101-2-0BF FAS-4001-2101-1-0BF FAS-4001-2101-2-0AF FAS-4001-2101-2-0BF FAS-4001-2201-2-0AF FAS-5001-2101-2-0AF FAS-5001-2101-2-0BF FAS-6001-2101-2-0AF FAS-6401-2101-1-0BF FAS-6401-2101-2-0AF FAS-6401-2101-2-0BF
10 10 14 14 16 16 16 20 20 20 26 26 26 26 30 34 34 34 40 40 40 40 50 50 60 64 64 64
10.16 10.16 16.16 16.16 17.78 17.78 17.78 22.86 22.86 22.86 30.48 30.48 30.48 30.48 35.56 40.64 40.64 40.64 48.26 48.26 48.26 48.26 60.96 60.96 73.66 78.74 78.74 78.74
17.28 17.28 22.28 22.28 24.90 24.90 24.90 29.98 29.98 29.98 37.60 37.60 37.60 37.60 42.68 47.76 47.76 47.76 55.38 55.38 55.38 55.38 68.08 68.08 80.78 85.86 85.86 85.86
12.86 12.86 17.86 17.86 20.48 20.48 20.48 25.56 25.56 25.56 33.18 33.18 33.18 33.18 38.26 43.34 43.34 43.34 50.96 50.96 50.96 50.96 63.66 63.66 76.36 81.44 81.44 81.44
13.76 13.76 18.72 18.72 21.38 21.38 21.38 26.46 26.46 26.46 34.08 34.08 34.08 34.08 39.16 44.24 44.24 44.24 51.86 51.86 51.86 51.86 64.56 64.56 77.26 82.34 82.34 82.34
15.76 15.76 20.56 20.56 23.38 23.38 23.38 28.46 28.46 28.46 36.08 36.08 36.08 36.08 41.16 46.24 46.24 46.24 53.86 53.86 53.86 53.86 66.56 66.56 79.26 84.34 84.34 84.34
Internal Connectors
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range:
Series FAS IDC - Socket, 2.54mm Pitch (2-Point Contact)
Part Number (Details)
1,000M min. at 500V DC 700V ACrms for 1 minute 30m max. at 10mA 1A -20C to +105C
FAS
Series (socket) No. of Leads Center Key
- 34
- 17
Materials and Finish
Housing: PBT, glass filled UL 94V-0 rated Contacts: Copper Alloy Plating: Contacts - Au 0.3m over Ni IDC Terminals - Flash Au over Ni
Features
2.54mm contact pitch sockets for flat cables with cable-end strain relief Applicable Cables Variations include latch header plugs (for PC-board connection AWG 28 stranded wire, 1.27mm pitch and IDC) and IDC sockets AWG 30 solid wire, 1.27mm pitch Two-point contact of the flat cable sockets ensures high reliability (e.g. DK**-*, FLEX-S*, TPFLEX-N*, FS-FLEX-B*, see Section F)
Jigs and Tools
Hand press: FX-003 Applicable jig: FA-005
Outline Dimensions
Contact Details
Standard types see table. For other versions from 10 to 64 leads please contact Yamaichi, minimum order quantity may be required Part Number FAS-16-17 FAS-20-17 No. of Leads 16 20 A 24.90 29.98 B 17.78 22.86 Part Number FAS-26-17 FAS-34-17 No. of Leads 26 34 A 37.60 47.76 B 30.48 40.64
D-18
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER


▲Up To Search▲   

 
Price & Availability of FAS-16-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X