Part Number Hot Search : 
MAX11326 B4303 MP358W 828H8EX AD8038AR LF358 66000 SLD301WT
Product Description
Full Text Search
 

To Download ESD05000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/ACC/ESD05000/B/12/10/2005
Support pour Relais SP/ST Socket for SP/ST relay
Screw terminal sockets for use with SPA/SPD and STA/STD/STN solid state relays compatible with Electromechanical relays, having 5mm pin spacing. Mounting can be arranged either directly on panel or via DIN-46377 Omega rail. The screw terminals have jaw-type rising clamps offering touch-proof (IP20) protection. Their reduced lateral dimension is ideally suited on high density DIN-rail applications. An optional plastic retaining spring, acting also as a relay ejecting device (1 model for SP and 1 model for ST) , and a clip-on identification tab are available to complete the series
page 1/1- F/GB
ESD05000
36,7 15,7 26,8
C O M N O
Specifications : Insulation resistance Dielectric strength UL, CSA (*) see SSR specifications
12A 250VAC (*) >1000Mohms >3KV
21
1 1
DC output 21 Com
+
AC output 21 Com 14
AC/DC output 21 Com 14
14
-
24
14
67,7
A2
A1
C O I L N C
A2 A1
A 2 A1
A 2 A1
22
12
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
r
celduc
e l a i
www.celduc.com
(R)
s


▲Up To Search▲   

 
Price & Availability of ESD05000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X