Part Number Hot Search : 
TTA160 SXN15 1N4937 1N4627 C0686A FA7616CP 1000M ACHIPS
Product Description
Full Text Search
 

To Download EQVP-HC72B-35328000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
EQVP-HC72 SERIES
Features * * * * * * Extremely low jitter Low cost Express delivery Stability from 20ppm, -40 to +85C Absolute pull range 50ppm Serial ID with comprehensive traceability
HCMOS 7x5mm 2.5V VCXO
Freq: 0.75MHz to 180MHz
OUTLINE & DIMENSIONS
Description The XPRESSO range of fully configurable VCXOs utilizes a family of proprietary ASICs developed for noise reduction to provide oscillators with noise levels comparable to traditional bulk-produced quartz and SAW-based VCXOs. XPRESSO VCXOs are low-cost, low-noise, have a wide frequency range, excellent ambient performance and are available on very short leadtimes. All XPRESSO VCXOs are 100% final tested . Electrical Specification Frequency Range: Absolute Pull Range: Operating Temperature Range: Storage Temperature Range: Supply Voltage: Input Current 0.75 ~ 20.0MHz: 20+ ~ 50.0MHz: 50+ ~ 100.0MHz: 100+ ~ 130.0MHz: 130+ ~ 160.0MHz: 160+ ~ 180.0MHz: Output Load: Start-up Time: Output Enable/Disable Time: Control Voltage Tuning Slope: Control Voltage Linearity: Control Voltage Tuning Range: Modulation Bandwidth: Nominal Control Voltage: Output Low Voltage 0.75 ~ 160MHz: 160+ ~ 180MHz: Output High Voltage: 0.75 ~ 160MHz: 160+ ~ 180MHz: Model Selection Guide 0.750MHz ~ 180.0MHz 50ppm -20 ~ +70 to -40 ~ +85C -55 to +125C +2.5VDC 5% 22mA 25mA 29mA 32mA 35mA 37mA 15pF 10ms 100ns 40 ~ 75ppm/V typical 10% 0V ~ 2.5V 10kHz minimum 1.25 volts 10% Vdd maximum 20% Vdd maximum 90% Vdd minimum 80% Vdd minimum
Typical applications * Any application requiring an oscillator. * SONET * Ethernet * Storage Area Networks * Broadband Access * Microprocessors/DSP/FPGA * Industrial Controllers * Test and measurement * Fibre Channel
Output Symmetry: Output Enable Voltage: Output Disable Voltage: Rise/Fall Times:
45/55% >70% Vdd max. <30% Vdd max. 3.5ns maximum
Supply Format Tape and Reel, 16mm tape, 8.0mm pitch, 1k reel = 178mmO 2k reel = 255mmO
EQVP - H C 7 2 B R - 35.328000
H = HCMOS C = Ceramic 7 = 7 x 5mm 2 = 2.5V Jitter Measurements Rj/Dj Composition Frequency Phase Jitter Time Interval Error Random Deterministic Total Jitter (Tj) (14*Rj)+Dj Jitter (Dj) (MHz) (12kHz~20MHz) s of jitter distribution Jitter (Rj) (ps) (ps p-p) (ps RMS) (ps RMS) (ps RMS) 62.5 106.25 125.0 156.25 2.1 1.2 1.1 0.8 3.1 3.5 2.7 3.7 1.3 1.4 1.3 1.4 8.4 8.3 6.7 9.7 27.6 27.7 25.6 29.5 Frequency Blank = -20~+70C R = -40 ~ +85C B = 50ppm Absolute Pull Range
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of EQVP-HC72B-35328000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X