Part Number Hot Search : 
LBT37402 NJU7054D NJU7054D AM29LV64 12A12 PC0802L M3851 UJA1164
Product Description
Full Text Search
 

To Download EPI0L4592KSP45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Power Inductor
ELECTRONICS INC.
EPI KSP45 Series
* Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor * Also suitable for use in high quality filter applications and as a Coupled Inductor * Low cost Robust construction to withstand most SMT processes
Primary Specification
Part Number Connection Inductance (H 20%) @ 0 Adc 2.2 0.55 3.4 0.85 4.8 1.2 8.8 2.2 19.6 4.9 30.4 7.6 39.2 9.8 60.0 15.0 78.4 19.6 Inductance (H Min.) @ Idc 1.6 0.4 2.4 0.6 3.2 0.8 6.0 1.5 14 3.5 21.2 5.3 26.8 6.7 40 10 52 13 DCR ( Max.) .024 .006 .029 .007 .033 .008 .055 .014 .128 .032 .158 .040 .179 .045 .339 .085 .387 .097 I dc (Amps) 2.95 5.90 2.70 5.40 2.50 5.00 1.95 3.90 1.25 2.50 1.15 2.30 1.05 2.10 0.80 1.60 0.75 1.50
EPI0L4592KSP45 EPI0L6542KSP45 EPI0L8502KSP45 EPI1L5392KSP45 EPI3L5252KSP45 EPI5L3232KSP45 EPI6L7212KSP45 EPI100162KSP45 EPI130152KSP45
Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel
Package KSP45
.460 Max. (11.68) Top View Pin 1 I.D. Marking : PCA Inductance Value D.C.
1 2 4 3
Schematic
1 2 4 3
.460 Max. (11.68)
.422 (10.72) .277 (7.04)
20 ) .1 .05 (3
.235 Max. (5.97) Bottom View .350 (8.89) .350 (8.89) Recommended Layout
45 ) .1 .68 (3 92 ) .3 .96 (9
Notes : 1. Temperature Rise : 40C Max. @ Idc 2. Inductance Change at Idc : 40% Max.
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIXXXXXXKSP45a Rev. 1 12/11/02
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com
Surface Mount Power Inductor
ELECTRONICS INC.
EPI KSP45 Series
* Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor * Also suitable for use in high quality filter applications and as a Coupled Inductor * Low cost Robust construction to withstand most SMT processes
Primary Specification
Part Number EPI160142KSP45 EPI210132KSP45 EPI350821KSP45 EPI470761KSP45 EPI690621KSP45 EPI101561KSP45 EPI131461KSP45 EPI191421KSP45 Connection Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Inductance (H 20%) @ 0 Adc 99.2 24.8 130 32.5 196 49.0 275 68.8 396 99.0 592 148 800 200 1200 300 Inductance (H Min.) @ Idc 64 16 84 21 140 35 188 47 276 69 400 100 520 130 760 190 DCR ( Max.) .436 .109 .503 .126 1.221 .305 1.445 .362 2.162 .541 2.660 .665 3.804 .951 4.703 1.176 I dc (Amps) 0.70 1.40 0.65 1.30 0.41 0.82 0.38 0.76 0.31 0.62 0.28 0.56 0.23 0.46 0.21 0.42
Package KSP45
.460 Max. (11.68) 4 Pin 1 I.D. Marking : PCA Inductance Value D.C. 1 2 3 .460 Max. (11.68) .422 (10.72) .277 (7.04) 1 2
Schematic
4 3
Top View
20 ) .1 .05 (3
.235 Max. (5.97) Bottom View .350 (8.89) .350 (8.89) Recommended Layout
45 ) .1 .68 (3 92 ) .3 .96 (9
Notes : 1. Temperature Rise : 40C Max. @ Idc 2. Inductance Change at Idc : 40% Max.
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIXXXXXXKSP45b Rev. 1 12/11/02
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPI0L4592KSP45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X