Part Number Hot Search : 
RBS80470 TH58N B10011S DTV1500M BY251 PEMD48 IHD2151 APED3
Product Description
Full Text Search
 

To Download EPC-740-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode-Chip
Preliminary Wavelength range Infrared, selective Type Integrated filter 6/28/2007 Technology AlGaAs/GaAs
EPC-740-0.5
rev. 04/07 Electrodes P (anode) up
460 360 300
typ. dimensions (m)
typ. thickness 300 (20) m anode gold alloy, 1.5 m cathode gold alloy, 0.5 m
Description Infrared-selective photodiode with narrow response range (680-770 nm) Applications Optical communications, safety equipment, light barriers
PD-02
Miscellaneous Parameters
Tamb = 25 unless otherwise specified C, Parameter Active area Operating temperature range Storage temperature range Test onditions Symbol A Tamb Tstg Value 0.17 -40 to +125 -40 to +125 Unit mm C C
Optical and Electrical Characteristics Tamb = 25 unless otherwise specified C, Test Parameter conditions IR = 10 A Reverse voltage2 Dark current Responsivity at Peak sensitivity Spectral range at 10 % Spectral bandwidth at 50% Junction capacitance Switching time
1 2
Symbol VR ID S P 0.5 0.4 CJ tr, tf
Min 5
Typ
Max
Unit V
VR = 5 V P1 VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 5 V
40 0.5 740 680 80 40 15/30
200
pA A/W nm
770
nm nm pF ns
Measured on bare chip on TO-18 header information only
Labeling
Type EP-740-0.5 Typ. ID [pA] Typ. S[A/W] Lot N Quantity
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 2
Photodiode-Chip
Preliminary 6/28/2007
EPC-740-0.5
rev. 04/07
Spectral response (typical) normalized to S at P
1,0
0,8
Responsivity (arb. units)
0,6
0,4
0,2
0,0 600 650 700 750 800 850 900
Wavelength (nm)
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 2


▲Up To Search▲   

 
Price & Availability of EPC-740-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X