Part Number Hot Search : 
CM160 BAV21W 74HCT13 L9765 TN7272 2SC4311 10294 4054B
Product Description
Full Text Search
 

To Download EP9810M-400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 Pin DIL 5 Tap TTL Compatible MIL 883 Active Delay Lines
TAP DELAYS 5% or 2 nS
5, 10, 15, 20 6, 12, 18, 24 7, 14, 21, 28 8, 16, 24, 32 9, 18, 27, 36 10, 20, 30, 40 12, 24, 36, 48 15, 30, 45, 60 20, 40, 60, 80 25, 50, 75, 100 30, 60, 90, 120 35, 70, 105, 140 40, 80, 120, 160 45, 90, 135, 180 50, 100, 150, 200 60, 120, 180, 240 70, 140, 210, 280
TOTAL DELAYS 5% or 2 nS
25 30 35 40 45 50 60 75 100 125 150 175 200 225 250 300 350
PART NUMBER
EP9810M-25 EP9810M-30 EP9810M-35 EP9810M-40 EP9810M-45 EP9810M-50 EP9810M-60 EP9810M-75 EP9810M-100 EP9810M-125 EP9810M-150 EP9810M-175 EP9810M-200 EP9810M-225 EP9810M-250 EP9810M-300 EP9810M-350
TAP DELAYS 5% or 2 nS
80, 160, 240, 320 84, 168, 252, 336 88, 176, 264, 352 90, 180, 270, 360 94, 188, 282, 376 100, 200, 300, 400 110, 220, 330, 440 120, 240, 360, 480 130, 260, 390, 520 140, 280, 420, 560 150, 300, 450, 600 160, 320, 480, 640 170, 340, 510, 680 180, 360, 540, 720 190, 380, 570, 760 200, 400, 600, 800
TOTAL DELAYS 5% or 2 nS
400 420 440 450 470 500 550 600 650 700 750 800 850 900 950 1000
PART NUMBER
EP9810M-400 EP9810M-420 EP9810M-440 EP9810M-450 EP9810M-470 EP9810M-500 EP9810M-550 EP9810M-600 EP9810M-650 EP9810M-700 EP9810M-750 EP9810M-800 EP9810M-850 EP9810M-900 EP9810M-950 EP9810M-1000
Delay Times referenced from input to leading edges at 25C, 5.0V, with no load.
DC Electrical Characteristics Parameter Test Conditions
VOH VOL VIK IIH IIL IOS High-Level Output Voltage Low-Level Output Voltage Input Clamp Voltage High-Level Input Current Low-Level Input Current Short Circuit Output Current VCC = min. VIL = max. I OH = max VCC = min. VIH = min. IOL= max VCC = min. II = IIK VCC = max. VIN = 2.7V VCC = max. VIN = 5.25V VCC = max. VIN = 0.5V VCC = max. VOUT = 0. (One output at a time) VCC = max. VIN = OPEN VCC = max. VIN = 0 Td 500 nS (0.75 to 2.4 Volts) Td > 500 nS VCC = max. VOH = 2.7V VCC = max. VOL = 0.5V
Min Max Unit
2.7 0.5 -1.2 50 1.0 -2 -100 V V V A mA mA mA
Schematic
14
VCC
12
4
10
6
8
OUTPUT
-40
INPUT 1
ICCH High-Level Supply Current ICCL Low-Level Supply Current TRO Output Rise Time NH NL Fanout High-Level Output Fanout Low-Level Output
75 mA 75 mA 4 nS 5 nS 20 TTL LOAD 10 TTL LOAD
7 GROUND
Recommended Operating Conditions
VCC VIH VIL IIK IOH IOL PW* d* TA Supply Voltage High-Level Input Voltage Low-Level Input Voltage Input Clamp Current High-Level Output Current Low-Level Output Current Pulse Width of Total Delay Duty Cycle Operating Free-Air Temperature
Package Dimensions Min
4.5 2.0
Max
5.5 0.8 -18 -1.0 20
Unit
V V V mA mA mA % % C
White Dot Pin#1 PCA EP9810M-25 Date Code .410 Max.
.820 Max. .325 Max. .018 x .010 .020 Min.
40 -55 40 +125
*These two values are inter-dependent.
.150 Typ. .100 .300
Input Pulse Test Conditions @ 25 C
EIN PW TRI PRR VCC Pulse Input Voltage Pulse Width % of Total Delay Pulse Rise Time (0.75 - 2.4 Volts) Pulse Repetition Rate @ Td 200 nS Pulse Repetition Rate @ Td > 200 nS Supply Voltage 3.2 110 2.0 1.0 100 5.0
Unit
Volts % nS MHz KHz Volts
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791
EP9810M 10/92


▲Up To Search▲   

 
Price & Availability of EP9810M-400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X