Part Number Hot Search : 
F1030 AD741 30M25 AD741 T1212DH FST4040 RF160A MAX3514
Product Description
Full Text Search
 

To Download EDC-660-19-02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7-Segment LED-Chip
Preliminary Radiation Red Type Diffusion type 6/22/2007 Technology GaAsP/GaAs
EDC-660-19-02
rev. 05/07 Electrodes P (anode) up
690
24
typ. dimensions (m)
275
typ. thickness 330 m cathode Au-alloy metalization anode Al metalization
Application This miniature device is an excellent choice for applications where small size and reduced space are important factors such as complex displays in optical devices for laboratory, measurement, control- and medical equipment.
Miscellaneous Parameters
Tamb = 25 unless otherwise specified C, Parameter Temperature coefficient of C Operating temperature range Storage temperature range Test onditions Ta = -40..120 C Symbol TC(C) Tamb Tstg Value 0.15 -40 to +120 -40 to +125 Unit
785
nm/K
C C
Optical and Electrical Characteristics
Tamb = 25 unless otherwise specified C, Test Parameter conditions1 Forward voltage Reverse voltage Luminous intensity/segment2 IV ratio segment to segment2 IV ratio to adjacent chip Peak wavelength Spectral bandwidth at 50%
1 2
Symbol VF VR Iv
Min
Typ 1.75
Max 2.0
Unit V V
IF = 5 mA IR = 10 A IF = 5 mA IF = 5 mA IF = 5 mA IF = 5 mA IF = 5 mA
5 55 80 1.75 2.00
cd
p 0.5
645
655 17
665
nm nm
Current for one segment Measured on bare chip on TO-18 header
Labeling
Type EDC-660-19-02 Lot N Iv(typ) [cd] VF(typ) [V] Quantity
Packing: Chips in wafer pack or on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 1


▲Up To Search▲   

 
Price & Availability of EDC-660-19-02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X