Part Number Hot Search : 
A105K SZ5234B A105K BP506 2N5911 SE336 LM7924 SZ5234B
Product Description
Full Text Search
 

To Download EDC-660-19-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7-Segment LED-Chip
Preliminary Radiation Red
1000
EDC-660-19-01
6/22/2007 Type Diffusion type Technology GaAsP/GaAs rev. 05/07 Electrodes P (anode) up
typ. dimensions (m)
30
425
typ. thickness 330 m cathode
1130
Application This miniature device is an excellent choice for applications where small size and reduced space are important factors such as complex displays in optical devices for laboratory, measurement, control- and medical equipment.
Au-alloy metalization anode Al metalization
Miscellaneous Parameters
Tamb = 25 unless otherwise specified C, Parameter Temperature coefficient of C Operating temperature range Storage temperature range Test onditions Ta = -40..120 C Symbol TC(C) Tamb Tstg Value 0.15 -30 to +100 -40 to +125 Unit nm/K C C
Optical and Electrical Characteristics
Tamb = 25 unless otherwise specified C, Test Parameter conditions1 IF = 5 mA Forward voltage Forward voltage Reverse voltage Luminous intensity/segment
2
Symbol VF VF VR Iv Iv Iv
Min
Typ 1.7 1.8
Max 1.9 2.1
Unit V V V
IF = 20 mA IR = 100 A IF = 5 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA
5 60 280 85 400 710 1.75 2.00
cd cd cd
Luminous intensity/segment2 Luminous intensity/segment3 IV ratio segment to segment IV ratio to adjacent chip Peak wavelength Spectral bandwidth at 50%
1 2 2
p 0.5
650
660 17
670
nm nm
Current for one segment Measured on bare chip on TO-18 header 3 Measured on epoxy covered chip on TO-18 header
Labeling
Type EDC-660-19-01 Lot N IV(typ) [cd] VF(typ) [V] Quantity
Packing: Chips in wafer pack or on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 1


▲Up To Search▲   

 
Price & Availability of EDC-660-19-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X