Part Number Hot Search : 
MCD414 4D18R 1N5027A 2N381 TK11A50D DTA124 MC101 Q6290
Product Description
Full Text Search
 

To Download E3T-SL142M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T
CSM_E3T_DS_E_9_1
New Retro-reflective Sensors Added to the Series. Further Contributions to Equipment Downsizing.
* Coaxial Retro-reflective for reliable positioning applications. * Series now includes BGS* reflective model with black/white error of 15% * Easy optical axis adjustment with emitter axis accuracy of 2 (Through-beam Model) * Noise and external light resistance enhanced to that of E3Z or equivalent * Output reverse polarity protection provides reliable support against incorrect wiring. * The Series includes models with M12 Smartclick pre-wired connectors (-M1TJ)
* BGS (Background Suppression) technology prevents detecting background objects. Be sure to read Safety Precautions on page 14.
Features
E3T-SR4@ : Retro-reflective Sensor with Enhanced Compactness and High Performance
* Perform detection from a small hole.
With a coaxial optical system, the lens diameter is only 2 mm. Sufficient incident light is obtained even through a small hole. The Coaxial Retro-reflective Sensor can be used for reliable application with positioning.
* Improved Stability of Short-distance Detection
A detection distance as short as 10 mm can be used with a Tape Reflector. Detection is stable through a hole whether the distance is 10 mm or 100 mm (except in combination with the E39-R4).
E3T-FL1@/-FL2@: The Slimmest BGS (Background Suppression) Reflective Photoelectric Sensors in the World
Ultra slim at 3.5 mm and black/white error of only 15%. For example, the E3TFL1@ can stably detect a black object at 12 mm without being affected by a white background at 20 mm. OMRON provides BGS performance sharper than the previous Convergentreflective Sensors.
E3T-FL1 20mm Not detected 15mm Rated sensing distance 12mm Detected
Dramatic Improvement in Black/White Error
(mm) 25 20 15 10 5
Black object 3.5mm
White background
0 White paper Black paper White paper Black paper E3T-FL1 (BGS Reflective Model) E3T-SL1 (Convergent-reflective Model)
1
E3T
Ordering Information
Sensors (Refer to Dimensions on page 15.)
Sensing method Appearance Connection method Sensing distance Operation mode
Light-ON Dark-ON Light-ON
Red light
Model NPN output E3T-ST11 2M E3T-ST12 2M E3T-ST21 2M E3T-ST22 2M E3T-FT11 2M E3T-FT12 2M E3T-FT21 2M E3T-FT22 2M E3T-SR41 2M *4 PNP output E3T-ST13 2M E3T-ST14 2M E3T-ST23 2M E3T-ST24 2M E3T-FT13 2M E3T-FT14 2M E3T-FT23 2M E3T-FT24 2M E3T-SR43 2M *4
1m
Side-view
(Sensitivity Adjustment Unit can be used.)
300 mm
Through-beam (Emitter + Receiver) *2 Flat
Dark-ON Light-ON
500 mm
Dark-ON Light-ON
300 mm
Dark-ON Side-view Retroreflective *3 Pre-wired (2 m) Flat Diffusereflective
Using the E39-R37-CA Using the E39-R4 Reflector provided
200 mm [30 mm] *1
Light-ON
Dark-ON
E3T-SR42 2M *4
E3T-SR44 2M *4
100 mm [10 mm] *1
Light-ON
E3T-FD11 2M
E3T-FD13 2M
5 to 30 mm
Dark-ON
E3T-FD12 2M E3T-SL11 2M E3T-SL12 2M E3T-SL21 2M E3T-SL22 2M E3T-FL11 2M E3T-FL12 2M E3T-FL21 2M E3T-FL22 2M
E3T-FD14 2M E3T-SL13 2M E3T-SL14 2M E3T-SL23 2M E3T-SL24 2M E3T-FL13 2M E3T-FL14 2M E3T-FL23 2M E3T-FL24 2M
Side-view Convergentreflective
Light-ON
5 to 15 mm
Dark-ON Light-ON
5 to 30 mm
Dark-ON Light-ON
Flat
1 to 15 mm
BGS reflective
Dark-ON Light-ON
1 to 30 mm
Dark-ON
*1. Values in parentheses indicate the minimum required distance between the Sensor and Reflector. *2. The model number of the Emitter is expressed by adding an "L" to the set model number in the table. Example: E3T-ST11-L 2M The model number of the receiver is expressed by adding a "D" to the set model number in the table. Example: E3T-ST11-D 2M Orders for individual Emitters and Receivers are accepted. (Modifications are required for some models.) *3. Ask your OMRON representative about the previous Retro-reflective Sensors: E3T-SR2@ and E3T-SR3@. *4. Models are available either with or without the E39-R37-CA Reflector included. Model with E39-R37-CA Reflector: E3T-SR4@-S Model without Reflector: E3T-SR4@-C
2
E3T
Variety of Connection Specifications
The models with the connection specifications marked with a black circle in the table are available. The model number indication is a combination of the basic model and the connection specification.
Example:
E3T-ST11-M1TJ 0.3M
Basic model number Connection specification
NPN Output
Model Model number example Connection specification Basic model number E3T-ST11 E3T-ST12 E3T-ST21 E3T-ST22 E3T-FT11 E3T-FT12 E3T-FT21 E3T-FT22 E3T-SR41 E3T-SR42 E3T-FD11 E3T-FD12 E3T-SL11 E3T-SL12 E3T-SL21 E3T-SL22 E3T-FL11 E3T-FL12 E3T-FL21 E3T-FL22 E3T-ST11-M1TJ 0.3M M12 pre-wired Smartclick Connector (cable length: 0.3 m) -M1TJ 0.3M E3T-ST11 5M E3T-ST11R 2M E3T-ST11-ECON 0.3M e-CON pre-wired connector (cable length: 0.3 m) E3T-ST11-ECON 2M e-CON pre-wired connector (cable length: 2 m)
Sensing method
Sensing distance
Operation mode
Pre-wired (cable length: 5 m)
Pre-wired robot (cable length: 2 m)
5M ---- ---------
R 2M ---- ----
-ECON 0.3M ---- ---
-ECON 2M ---------
Throughbeam (sideview)
1m
Light-ON Dark-ON Light-ON Dark-ON Light-ON Dark-ON Light-ON Dark-ON Light-ON
300 mm
500 mm Throughbeam (flat) 300 mm Retroreflective Diffusereflective
200 mm (100 mm) Dark-ON 5 to 30 mm 5 to 15 mm 5 to 30 mm 1 to 15 mm 1 to 30 mm
Light-ON Dark-ON Light-ON Dark-ON Light-ON Dark-ON Light-ON Dark-ON Light-ON Dark-ON
Convergentreflective
BGS reflective
* The sensing distance depends on the Reflector that is used. The sensing distance is 200 mm if an E39-R4 is used and 100 mm if an E39-R37-CA is used.
PNP Output
Model Model number example Connection specification Basic model number E3T-ST13 E3T-ST14 E3T-ST23 E3T-ST24 E3T-FT13 E3T-FT14 E3T-FT23 E3T-FT24 E3T-ST13-M1TJ 0.3M M12 pre-wired Smartclick Connector (cable length: 0.3 m) -M1TJ 0.3M E3T-ST13 5M E3T-ST13R 2M
Sensing method
Sensing distance
Operation mode
Pre-wired (cable length: 5 m)
Pre-wired robot (cable length: 2 m)
5M
R 2M
Throughbeam (sideview)
1m
Light-ON Dark-ON Light-ON
300 mm Dark-ON 500 mm Light-ON Dark-ON Light-ON 300 mm Dark-ON
----
----
Throughbeam (flat)
--
-----
3
E3T
Model number example Connection specification Basic model number E3T-SR43 E3T-SR44 E3T-FD13 E3T-FD14 E3T-SL13 E3T-SL14 E3T-SL23 E3T-SL24 E3T-FL13 E3T-FL14 E3T-FL23 E3T-FL24 E3T-ST13-M1TJ 0.3M M12 pre-wired Smartclick Connector (cable length: 0.3 m) -M1TJ 0.3M
Model
E3T-ST13 5M
E3T-ST13R 2M
Sensing method
Sensing distance
Operation mode
Pre-wired (cable length: 5 m)
Pre-wired robot (cable length: 2 m)
5M
R 2M
Retroreflective Diffusereflective
Light-ON 200 mm (100 mm) Dark-ON 5 to 30 mm 5 to 15 mm 5 to 30 mm 1 to 15 mm 1 to 30 mm Light-ON Dark-ON Light-ON Dark-ON Light-ON Dark-ON Light-ON Dark-ON Light-ON Dark-ON
Convergentreflective
---------
BGS reflective
* The sensing distance depends on the Reflector that is used. The sensing distance is 200 mm if an E39-R4 is used and 100 mm if an E39-R37-CA is used.
4
E3T
Accessories (Order Separately) Slits (Refer to Dimensions on page 18.)
Slit width 0.5-mm dia. 30 mm (E3T-ST2@) E39-S63 300 mm (E3T-ST1@) 1-mm dia. 100 mm (E3T-ST2@) 50 mm (E3T-FT1@) 0.5-mm dia. 30 mm (E3T-FT2@) E39-S64 100 mm (E3T-FT1@) 1-mm dia. 50 mm (E3T-FT2@) 1-mm dia. 0.5-mm dia. 1-mm dia. One each for Emitter and Receiver; common with Slit widths of 1 dia. and 0.5 dia. (total of 2) Plug-in type round slits Can be used with E3T-FT@@ Through-beam Models. Sensing distance (typical) (Sensor model) 100 mm (E3T-ST1@) 0.5-mm dia. Plug-in type round slits Can be used with E3T-ST@@ Through-beam Models. Minimum detectable object (typical) Model Quantity Remarks
Reflectors (For Small Reflectors, refer to Dimensions on page 17. For Tape Reflectors , refer to E39-L/F39-L/E39-S/E39-R.)
Name Small Reflectors Tape Reflectors Recommended Minimum Sensing distance Sensor detectable object E3T-SR4@ 200 mm (30 mm) *1 E3T-SR4@-S 100 mm (10 mm) *1 2-mm dia. E3T-SR4@-C 100 mm (10 mm) *1 Model E39-R4 E39-R37-CA *2 E39-RS1-CA *2 E39-RS2-CA *2 E39-RS3-CA *2 Quantity Remarks Provided with the E3T-SR4@ Provided with the E3T-SR4@-S 1 Use Tape Reflectors in combination with the E3T-SR4@-C, which does not come with a Reflector.
*1. Values in parentheses indicate the minimum required distance between the Sensor and Reflector. *2. The E3T-SR4@ cannot be used with the E39-R37 or E39-RS1/2/3 (without CA) Tape Reflectors. The E39-@-CA Reflector is for use only with the E3T-SR4@. It cannot be used with other Sensors.
Sensitivity Adjustment Unit (Refer to Dimensions on page
18.) Sensing Appearance distance (typical) 300 to 800 mm Model Quantity Remarks Can be used with the E3T-ST1@ Through-beam Models.
Mounting Brackets (Refer to Dimensions on page 18.)
Appearance Model E39-L116 Can be used with the E3T-S@@@ Side-view Models. (A securing nut plate is provided with the Mounting Bracket.) 1 Quantity Remarks
E39-L117
E39-E10
1
E39-L118
E39-L119 Can be used with the E3T-F@@@ Flat Models. E39-L120 Note: When using Through-beam models, order one bracket for the Receiver and one for the Emitter.
Set of Mounting Screws
Applicable sensors Side-view models E3T-S@@@ Model E39-L164 Description Phillips screws (M2 x 14) Hexagonal nuts (M2) Spring washers (M2) Flat washers (M2) Phillips screws (M2 x 8) Hexagonal nuts (M2) Spring washers (M2) Flat washers (M2) Material Iron, zinc plating Iron, zinc plating Iron, nickel plating Iron, zinc plating Iron, zinc plating Iron, zinc plating Iron, nickel plating Iron, zinc plating Quantity Remarks Provided with the side-view models E3T-S@@@. 2 for each Provided with the flat models E3T-F@@@.
Flat models E3T-F@@@
E39-L165
Note: If a Through-beam Model is used, order two sets of Mounting Screws, one for the Emitter and one for the Receiver. Used for mounting sensors. Order the set separately if it becomes lost or damaged. These screws are not used for mounting brackets to the equipment.
5
E3T
Sensor I/O Connectors (For M12, refer to XS5. For e-CON, contact your OMRON representative.)
Size M12 (For -M1TJ models) Cable Standard Straight Connector on one end
432 1
Appearance
Cable type 2m 4-wire 5m 2m 5m 0.5 to 1 m 1.1 to 1.5 m
12 3 4
Model XS5F-D421-D80-A XS5F-D421-G80-A E39-ECON2M E39-ECON5M
e-CON
Standard cable
Connector on both ends
432 1
4-wire
E39-ECONW@M Replace @ with the cable length in 0.1-m increments.
1.6 to 2 m
Note: When using Through-beam models, order one connector for the Receiver and one for the Emitter.
Ratings and Specifications
Through-beam Side-view Sensing method NPN E3T-ST11 E3T-ST12 E3T-ST21 E3T-ST22 Sensing distance E3T-ST1@ E3T-ST2@ PNP E3T-ST13 E3T-ST14 E3T-ST23 E3T-ST24 1m 300 mm NPN E3T-FT11 E3T-FT12 E3T-FT21 E3T-FT22 E3T-FT1@ E3T-FT2@ Flat PNP E3T-FT13 E3T-FT14 E3T-FT23 E3T-FT24 500 mm 300 mm NPN E3T-SR41 E3T-SR42 Retro-reflective (without M.S.R. function) Side-view PNP E3T-SR43 E3T-SR44
E3T-SR4@ 200 mm (30 mm) (Using the E39-R4) 100 mm (10 mm) (Using the E39-R37-CA)
Opaque, 27-mm dia. min. 2-mm dia. (sensing distance of 100 mm)
Standard sensing object
Minimum detectable object (typical)
Opaque, 2-mm dia. min. 2-mm dia opaque object -----
Opaque, 1.3-mm dia. min. 1.3-mm dia opaque object
Hysteresis (white paper)
Black/white error Directional angle Light source (wavelength) Power supply voltage Current consumption Control output
Emitter: 2 to 20, Receiver: 2 to 70 Emitter: 3 to 25, Receiver: 3 min.
Red LED ("Pin-point" LED) = 650 nm 12 to 24 VDC 10%, ripple (p-p) 10% max. 30 mA max. (Emitter 10 mA max., Receiver 20 mA max.)
2 to 20
20 mA max.
Load power supply voltage: 26.4 VDC max. Load current: 50 mA max. (residual voltage: 2 V max. for load current of 10 to 50 mA, 1 V max. for load current of less than 10 mA) Open-collector output Light ON: E3T-@@@1 and E3T-@@@3 Dark ON: E3T-@@@2 and E3T-@@@4 Power supply and control output reverse polarity protection Output short-circuit protection Operate or reset: 1 ms max. Incandescent lamp: 5,000 lx max., Operating: -25 to 55C Operating: 35% to 85% 20 M min. at 500 VDC 1,000 VAC, 50/60 Hz for 1 min Destruction: 10 to 2,000 Hz, 1.5-mm double amplitude or 300 m/s2 for 0.5 hrs each in X, Y, and Z directions Destruction: 1,000 m/s2 3 times each in X, Y, and Z directions IP67 (IEC60529) Pre-wired (standard length: 2 m) Approx. 40 g Approx. 20 g PBT (polybutylene terephthalate) Denatured polyarylate Methacrylic resin Sunlight: 10,000 lx max. Storage: -40 to 70C (with no icing or condensation) Storage: 35% to 95% (with no condensation) Power supply and control output reverse polarity protection Output short-circuit protection, Mutual interference prevention
Protection circuits Response time Ambient illumination Ambient temperature range Ambient humidity range Insulation resistance Dielectric strength Vibration resistance Shock resistance Degree of protection Connection method Weight Case Materials Lens Accessories
Display window Denatured polyarylate Instruction manual, Installation Phillips screws (Side-view Models: M2 x 14, Flat Models: M2 x 8), Nuts, Spring washers, Flat washers, E39-R4 (E3T-SR4@ only), E39-R37-CA (E3T-SR4@-S only)
* Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
6
E3T
Diffuse-reflective Flat Sensing method NPN PNP NPN
Convergent-reflective Side-view PNP NPN PNP NPN
BGS reflective Flat PNP NPN PNP
E3T-FD11 E3T-FD13 E3T-SL11 E3T-SL13 E3T-SL21 E3T-SL23 E3T-FL11 E3T-FL13 E3T-FL21 E3T-FL23 E3T-FD12 E3T-FD14 E3T-SL12 E3T-SL14 E3T-SL22 E3T-SL24 E3T-FL12 E3T-FL14 E3T-FL22 E3T-FL24 5 to 30 mm (50 x 50 mm white paper) --0.15-mm dia. (sensing distance of 10 mm) 6 mm max. ----Red LED ("Pin-point" LED) = 650 nm 12 to 24 VDC 10%, ripple (p-p) 10% max. 20 mA max. Load power supply voltage: 26.4 VDC max. Load current: 50 mA max. (residual voltage: 2 V max. for load current of 10 to 50 mA, 1 V max. for load current of less than 10 mA) Open-collector output Dark ON: E3T-@@@2 and E3T-@@@4 Light ON: E3T-@@@1 and E3T-@@@3 Power supply and control output reverse polarity protection Output short-circuit protection, Mutual interference prevention Operate or reset: 1 ms max. Incandescent lamp: 5,000 lx max. Operating: -25 to 55C Operating: 35% to 85% 20 M min. at 500 VDC 1,000 VAC, 50/60 Hz for 1 min Destruction: 10 to 2,000 Hz, 1.5-mm double amplitude or 300 m/s2 for 0.5 hrs each in X, Y, and Z directions Destruction: 1,000 m/s2 3 times each in X, Y, and Z directions IP67 (IEC60529) Pre-wired (standard length: 2 m) Approx. 20 g Case Materials Lens Accessories PBT (polybutylene terephthalate) Denatured polyarylate Instruction manual, Installation Phillips screws (Side-view Models: M2 x 14, Flat Models: M2 x 8), Nuts, Spring washers, Flat washers Display window Denatured polyarylate Sunlight: 10,000 lx max. Storage: -40 to 70C (with no icing or condensation) Storage: 35% to 95% (with no condensation) 2 mm max. 6 mm max. 0.15-mm dia non-glossy object (sensing distance of 10 mm) 0.5 mm max. 15% max. 2 mm max. 5 to 15 mm (50 x 50 mm white paper) 5 to 30 mm (50 x 50 mm white paper) 1 to 15mm (50 x 50 mm white paper) 1 to 30mm (50 x 50 mm white paper)
Sensing distance
Standard sensing object
Minimum detectable object (typical)
Hysteresis (white paper)
Black/white error Directional angle Light source (wavelength) Power supply voltage Current consumption Control output
Protection circuits Response time Ambient illumination Ambient temperature range Ambient humidity range Insulation resistance Dielectric strength Vibration resistance Shock resistance Degree of protection Connection method Weight
7
E3T
Engineering Data (Typical)
Parallel Operating Range Through-beam
E3T-ST1@ + E39-S63 Slit (Order Separately)
Distance Y (mm)
200 150 Without Slit 100 0.5-dia Slit 50 0 -50 -100 -150 -200 1-dia Slit X Y
E3T-ST1@ + E39-S63 Slit (Order Separately) (Enlarged graph)
Distance Y (mm)
80 60 40 1-dia Slit 20 0 -20 -40 -60 -80 0.5-dia Slit X Y
E3T-ST2@
Distance Y (mm)
25 20 15 1-dia Slit 10 5 0.5-dia Slit 0 200 400 600 800 Y Without Slit X
0.4
0.8
1.2
1.6 2.0 Distance X (m)
40
80
120
160 200 Distance X (mm)
-5 -10 -15 -20 -25
Distance X (mm)
E3T-FT1@ + E39-S64 Slit (Order Separately)
Distance Y (mm)
200 150 100 50 0 -50 -100 -150 -200 1-dia Slit 0.5-dia Slit X Y
E3T-FT1@ + E39-S64 Slit (Order Separately) (Enlarged graph)
Distance Y (mm)
80 60 1-dia Slit 40 0.5-dia Slit 20 0 -20 -40 -60 -80 X Y
E3T-FT2@
Distance Y (mm)
80 1-dia Slit 60 Without Slit 40 X 20 0.5-dia Slit 0 -20 -40 -60 -80 Y 600 800 Distance X (mm)
0.2
0.4
0.6 0.8 Without Slit
1 1.2 1.4 Distance X (m)
40
80
120
160 200 Distance X (mm)
200
400
Retro-reflective
Distance Y (mm)
40 30 20 E3T-SR4@+E39-R4 10 0 -10 -20 -30 -40 X Y
100
200
300
E3T-SR4@+E39-R37-CA
400 Distance X (mm)
8
E3T
Operating Range Diffuse-reflective
E3T-FD1@
Distance Y (mm)
4 3 2 1 0 -1 -2 -3 -4 0
Sensing object: 50 x 50 mm white paper
Convergent-reflective
E3T-SL1@
Distance Y (mm)
15 X Y
E3T-SL2@
Distance Y (mm)
4 3 2 1 0 -1 X Y
Sensing object: 50 x 50 mm white paper
10
Sensing object: 50 x 50 mm white paper
X Y
5
10
20
30
40 Distance X (mm)
10
20
30
40 Distance X (mm)
-5
5
10
15
20
25 30 Distance X (mm)
-2 -3 -4
-10 -15
BGS Reflective
E3T-FL1@
Distance Y (mm)
5 4 3 2 1 0 -1 -2 -3 -4 -5 2 4 6 8 10 12
Sensing object: 50 x 50 mm white paper
E3T-FL2@
Distance Y (mm)
10 8 6 4 2 14 16 0 -2 -4 -6 -8 -10 5 10 15 20 25 30 35
Sensing object: 50 x 50 mm white paper
X Y
X Y
Sensing distance X (mm)
Sensing distance X (mm)
Inclination Detection Area Characteristic Convergent-reflective
E3T-SL1@ (Top to Bottom)
Distance (mm) 20 Stainless steel Glass
E3T-SL1@ (Right to Left)
Distance (mm) 20
E3T-SL2@ (Top to Bottom)
Distance (mm) 40
Stainless steel
30
Glass 10 10 20 Stainless steel
Angle of inclination
+ -
Glass
+ -
0 -10 0 -10
Angle of inclination
10
+ - inclination
0 -10
Angle of
0
10 Angle ()
0
10 Angle ()
0
10 Angle ()
9
E3T
BGS Reflective
E3T-SL2@ (Right to Left)
Distance (mm) 40 Stainless steel
E3T-FL1@ (Top to Bottom)
Distance (mm) 20
Angle of inclination
E3T-FL1@ (Right to Left)
Distance (mm) 20
Angle of inclination
30
White paper
Center line
+ -
White paper
Center line
+ -
20
+ - inclination
Angle of
10
10
Glass 10 Glass Stainless steel
Glass
Stainless steel 0 -10 0 10 Angle () 0 -10 0 10 Angle () 0 -10 0 10 Angle ()
E3T-FL2@ (Top to Bottom)
Distance (mm) 40
Angle of inclination
E3T-FL2@ (Right to Left)
Distance (mm) 40 Angle of inclination White paper
30 White paper Center line
+ -
30
Center line
+ -
20
Glass
20
10 Stainless steel
10
Glass
Stainless steel 0 -10 0 10 Angle () 0 -10 0 10 Angle ()
Excess Gain vs. Set Distance Through-beam
E3T-ST1@
Excess gain ratio
100 50 30
E3T-FT1@
Excess gain ratio
100 50 30
E3T-ST2@
Excess gain ratio
14 12 10 8 6
10 5 3
10 5 3
Operating 1 level
0.5 0.3
Operating 1 level
0.5 0.3
4 2
0.1 0 1000 2000 3000 4000
0.1
0
400
800
1200
1600
2000
Operating 1 level 0
0
300
600
900
1200
Set distance (mm)
Set distance (mm)
Set distance (mm)
10
E3T
Retro-reflective
E3T-FT2@
Excess gain ratio
14 12 10 8 6 4 2
Diffuse-reflective
E3T-FD1@
Excess gain ratio
100 50 30
E3T-SR2@ + E39-R4 (Provided)
Excess gain ratio
100 50 30 E3T-SR4@+E39-R4 10 5 3
10
White paper
5 3
Operating 1 level
0.5 0.3
E3T-SR4@+E39-R37-CA
Operating 1 level
0.5 0.3
Black paper
Operating 1 level 0
0
500
1000
1500
2000
0.1 0 100 200 300 Set distance (mm)
0.1
0
10
20
30
40
Set distance (mm)
Set distance (mm)
Convergent-reflective
E3T-SL1@
Excess gain ratio
1000 500 300 100 50 30
E3T-SL2@
Excess gain ratio
100 50 30
10
White paper
White paper
10 5 3
5 3
Operating 1 level
0.5 0.3 0.1
Operating 1 level
0.5 0.3
Black paper
Black paper
0 5 10 15 20 0.1 0 10 20 30 40
Set distance (mm)
Set distance (mm)
Sensing Object Size vs. Sensing Distance
E3T-SL1@
Min. sensing object dia. (mm)
2.0
E3T-FD1@, E3T-SL2@
Min. sensing object dia. (mm)
10
Sensing object: Pin-gauge, stainless steel
1.6
8
1.2
6 E3T-FD1@ 4
0.8
0.4
2 E3T-SL2@
0
5
10
15
20
0
5
10
15
20
25
30
Set distance (mm)
Set distance (mm)
11
E3T
Sensing Distance vs. Material Convergent-reflective
E3T-SL1@
Sensing distance (mm) 25
Diffuse-reflective
E3T-SL2@
Sensing distance (mm) 50
E3T-FD1@
Sensing distance (mm) 70 60
20
40
50
15
30
40
10
20
30
20 5 10 10 0 White paper Stainless Plywood Cardboard Glass sheet Black rubber Black paper 0 White paper Stainless Plywood Cardboard Glass sheet Black rubber Black paper 0 White paper Stainless Plywood Cardboard Glass sheet Black rubber Black paper
Material
Material
Material
BGS Reflective
E3T-FL1@
Sensing distance (mm) 20
E3T-FL2@
Sensing distance (mm) 40
15
30
10
20
5
10
White paper
White paper
Stainless
Cardboard
Stainless
Black paper
Cardboard
Plywood
Plywood
Glass sheet
Black rubber
Glass sheet
Material
Black rubber
Material
Sensing Distance Characteristics of Sensitivity Adjustment Unit (when Completing Optical Axis Adjustment)
E3T-ST1@ + E39-E10 Sensitivity Adjustment Unit (Order Separately)
Sensing distance (m)
3.5 3.0 2.5 2.0 Measurement pattern 2 1.5 1.0 Measurement pattern 1 0.5 0 Min. 1/3 1/2 2/3 Max. Adjustment dial angle
Black paper
0
0
12
E3T
I/O Circuit Diagrams
NPN Output
Model Operation mode Timing charts
Light incident Light interrupted Operation indicator ON OFF (orange)
Output circuit
Through-beam Receivers, Retroreflective and Reflective Models
Brown Operation indicator (orange) Stability indicator (green) Photoelectric Sensor Main Circuit
1
12 to 24 VDC Load (relay)
E3T-@@@1
Light-ON
Output transistor Load (e.g., relay)
ON OFF
(Control output) Black
4
50 mA max.
Operate Reset (Between brown (1) and black (4) leads)
ZD
3
Blue
0V
Through-beam Emitters
Connector Pin Arrangement M12 e-CON
Brown
1
Light incident Light interrupted Operation indicator ON (orange) OFF
Photoelectric Sensor Main Circuit
1
1
2
4
E3T-@@@2
Dark-ON
12 to 24 VDC Blue
2 3
Output transistor Load (e.g., relay)
ON OFF
Operate Reset (Between brown (1) and black (4) leads)
3
3 4
Note:Pin 2 is not used. Pins 2 and 4 are not used with Through-beam Emitters.
PNP Output
Model Operation mode Timing charts Output circuit
Through-beam Receivers, Retroreflective and Reflective Models
Brown Operation indicator (orange) Stability indicator (green) Photoelectric Sensor Main Circuit
1
Light incident Light interrupted Operation indicator ON (orange) OFF
12 to 24 VDC
ZD
Black
4
E3T-@@@3
Light-ON
Output transistor Load (e.g., relay)
ON OFF
(Control output)
3
Operate Reset (Between blue (3) and black (4) leads)
50 mA Blue max.
Load (relay)
0V
Through-beam Emitters
Light incident Light interrupted Operation indicator ON (orange) OFF
Photoelectric Sensor Main Circuit
Connector Pin Arrangement M12 e-CON
Brown 1
1
1 2
12 to 24 VDC
2 3 4
E3T-@@@4
Dark-ON
Output transistor Load (e.g., relay)
ON OFF
Operate Reset (Between blue (3) and black (4) leads)
3
Blue
3 4
Note:Pin 2 is not used. Pins 2 and 4 are not used with Through-beam Emitters.
Plugs (Sensor I/O Connectors) M12 Connector
2 1 4 3
1 2 3 4
Wire color Brown White Blue Black
XS5F-D421-D80-A XS5F-D421-G80-A
e-CON connector
15.8
432 1
Pin arrangement
Classification Wire color Brown DC
12 3 4
Connector pin No. 1 2 3 4
Application Power supply (+V) --Power supply (0 V) Output
E39-ECON@M
432 1
White Blue Black
E39-ECONW@M
Note: Pin 2 is not used.
13
E3T
Safety Precautions
Refer to Warranty and Limitations of Liability. Adjusting Indicators
* The following graphs indicate the status of each operating level. * Be sure to use the E3T within the stable operating range.
Stability indicator (green) ON Operating level x 1.2 Operating level Operating level x 0.8 OFF ON OFF Operation indicator (orange) E3T-@@@1 E3T-@@@2 E3T-@@@3 E3T-@@@4
WARNING
This product is not designed or rated for ensuring safety of persons. Do not use it for such purpose.
Stable operation range*
Precautions for Correct Use
Do not use the product in atmospheres or environments that exceed product ratings.
Unstable operation range* Stable operation range*
Light
Do not apply AC power to the E3T, otherwise the E3T may rupture.
OFF ON
ON
Wiring
The maximum power supply voltage is 24 VDC +10%. Before turning the power ON, make sure that the power supply voltage is not more than maximum voltage.
Load short-circuit protection
The E3T incorporates a load short-circuit protection function. If the load short-circuits, the output of the E3T will be turned OFF. Then, recheck the wiring and turn on the E3T again to reset the load shortcircuit protection function. The load short-circuit protection function will work if there is a current flow that is 1.5 times larger than the rated load current. When using a capacitance load, be sure that the inrush current will not exceed 1.5 times larger than the rated current.
*If the E3T fs operating level is set to the stable operation range, the E3T will be in most reliable operation without being influenced by temperature change, voltage fluctuation, dust, or setting change. If the operating level cannot be set to the stable operation range, pay attention to environmental changes while operating the E3T.
Use of E39-E10 Sensitivity Adjustment Unit
(Dark-ON: E3T-ST12)
(At Min) (At Center) (At Max.) Indicator Adjuster
Mounting
When mounting the Sensor, never strike it with a heavy object, such as a hammer. Doing so may reduce its watertight properties. Use M2 screws and flat or spring washers to secure the Sensor. (Tightening torque: 0.15 N*m max.)
Mounting the Sensor on Moving Parts
Consider models that use break resistant cables (e.g., Robotics Cables) if the Sensor will be mounted on a moving part, such as a robot hand. The flexing resistance of Robotics Cable at approximately 400 thousand times is far superior to that of standard cable at approximately 14 thousand times. Cable Bending Rupture Test (Tough Cable Breaking Test) The cable is repeatedly bent with power supplied to check the number of bends until the current is turned OFF. Specimen
B
A
C
R
1. Mount the Unit on the Receiver. 2. Set the adjuster of the Sensitivity Adjustment Unit to Max. (Before shipping: Max.) 3. After mounting on the Sensor, adjust the optical axis and secure the Sensor. 4. Place a workpiece between the Emitter and Receiver and gradually turn the adjuster counterclockwise toward the Min. side. Stop turning the adjuster when the operation indicator and stability indicator (green) turn ON. 5. Remove the workpiece and confirm that the operation indicator is OFF and the stability indicator (green) is ON. This completes the adjustment.
Note: If the light attenuation rate due to a workpiece is 40% or less, the stability indicator will not turn ON whether or not light is received. When the variation of light is small such as when sensing semi-transparent workpieces, carefully perform preliminary testing.
Weight
Others Do not install the E3T in the following locations.
* Locations subject to excessive dust or dirt * Locations subject to direct sunlight * Locations subject to corrosive gas * Locations subject to contact with organic solvents * Locations subject to vibration and shock * Locations subject to contact with water, oil, or chemicals * Locations subject to high humidities that might result in condensation
Standard cable Robotics cable 2.4-mm dia. 2.4-mm dia. (7/0.127-mm (20/0.08-mm dia.), dia.), 3 conductors 3 conductors Test Bending angle () 90 each to the left and right Bending speed 50 times/min ConLoad 200 g tents/ Operation per Once in 1 to 3 in the diagram condi- bend tions Curvature radius of support point 5 mm (R) Approx. 14,000 Approx. 400,000 Result times times
14
E3T
Dimensions
Sensors
Through-beam Models (Side-view) E3T-ST1@ (Emitter) E3T-ST2@ (Emitter) (Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
7
9.5 7.7 3.8 2.7 14.6
Mounting Holes
2-M2
Emitter (1.3 dia.)
9
90.2
Two, 2.2 dia. 3.9 2.4-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.1 mm (AWG27), Insulator diameter: 0.7 mm), Standard length: 2 m
2.2
Emitter: E3T-ST@@-L Receiver: E3T-ST@@-D
4.8
E3T-ST1@ (Receiver) E3T-ST2@ (Receiver)
Operation Indicator 7 Stability indicator 9.5 7.7 2-M2 3.8 2.7 9 Receiver (1.3 dia.) Two, 2.2 dia. 3.9 14.6 90.2
M12 Smartclick Pre-wired Connector Model (E3T-ST@@-M1TJ)
Mounting Holes
44.7
2
1
3 M12
4
2.4-dia. vinyl-insulated round cable with 2 or 3 conductors Standard length: 0.3 m
2.2 4.8
2.4-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.1 mm (AWG27), Insulator diameter: 0.7 mm), Standard length: 2 m
e-CON Pre-wired Connector Model (E3T-ST@@-ECON)
5.9 1 2 3 4 15.6 2.4-dia. vinyl-insulated round cable with 3 conductors Standard lengths: 0.3 m and 2 m
Through-beam Models (Flat) E3T-FT1@ (Emitter) E3T-FT2@ (Emitter)
15
12
3.5
Mounting Holes
Emitter (1.3 dia.)
2-M2 14 8.6 15.8 80.2
Terminal No. 1 2 3 4
Specifications +V --0V Output (receiver only)
Two, 2.2 dia. 2.4-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.1 mm (AWG27), Insulator diameter: 0.7 mm), Standard length: 2 m
3.2 4.4 8 1.75
Emitter: E3T-FT@@-L Receiver: E3T-FT@@-D
* Refer to Mounting the Sensor on Moving Parts on page 14 for details on Robotics Cable models.
E3T-FT1@ (Receiver) E3T-FT2@ (Receiver)
Operation Indicator
12
Stability indicator
3.5
Mounting Holes
2-M2
Lens (1.3 dia.)
14 8.6
15.8 80.2 3.2
Two, 2.2 dia. 2.4-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.1 mm (AWG27), Insulator diameter: 0.7 mm), Standard length: 2 m
4.4 8
1.75
15
E3T
Retro-reflective Models (Side-view) E3T-SR4@
Mounting Holes
2-M2
Operation Indicator 7
Stability indicator
11 9.2 1.75 3.8 4.5 150.2
Lens (2.0 dia.)
15
20.6
Two, 2.2 dia.
3.9
3.7
6.3
2.4-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.1 mm (AWG27), Insulator diameter: 0.7 mm), Standard length: 2 m
M12 Smartclick Pre-wired Connector Model (E3T-SR@@-M1TJ/E3T-SL@@-M1TJ/ E3T-FD@@-M1TJ)
44.7 2 1
Convergent-reflective Models (Side-view) E3T-SL1@ E3T-SL2@
3 M12
4
2.4-dia. vinyl-insulated round cable with 2 or 3 conductors Standard length: 0.3 m
Operation Indicator
7
Stability indicator
11 9.2 3.8
Mounting Holes
2-M2
e-CON Pre-wired Connector (E3T-SR@@-ECON/E3T-SL@@-ECON/ E3T-FD@@-ECON)
5.9 1 2 3 4 15.6
Emitter lens (1.5 dia.) Receiver lens (2.0 dia.)
4 5 15 20.6 150.2
15
Two, 2.2 dia. 2.4-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.1 mm (AWG27), Insulator diameter: 0.7 mm), Standard length: 2 m 3.7
6.3
3.9
2.4-dia. vinyl-insulated round cable with 3 conductors Standard lengths: 0.3 m and 2 m
Terminal SpecifiNo. cations 1 2 +V --0V Output
Diffuse-reflective Models (Flat) E3T-FD1@
3 4
Operation Indicator Emitter lens (4.0 dia.) Receiver lens (2.0 dia.)
12
Stability indicator
3.5
* Refer to Mounting the Sensor on Moving Parts on page 14 for details on Robotics Cable models.
Mounting Holes
4 13.4 19 20.8 80.2 2-M2
Two, 2.2 dia. 2.4-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.1 mm (AWG27), Insulator diameter: 0.7 mm), Standard length: 2 m
4.4 8
3.2
1.75
16
E3T
BGS Models (Flat) E3T-FL1@ E3T-FL2@
Operation Indicator 12
Mounting Holes
2-M2
M12 Smartclick Pre-wired Connector Model (E3T-FL@@-M1TJ)
44.7 2 1
Stability indicator
3.5 3 80.2 M12 4
Receiver lens (2.8 square) 6 Emitter lens (1.5 dia.) 7.4 19 20.8
2.4-dia. vinyl-insulated round cable with 2 or 3 conductors Standard length: 0.3 m
e-CON Pre-wired Connector (E3T-FL@@-ECON)
5.9
3.2 1.75
Two, 2.2 dia. 2.4-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.1 mm (AWG27), Insulator diameter: 0.7 mm), Standard length: 2 m
4.4 8
1 2 3 4 15.6
15
2.4-dia. vinyl-insulated round cable with 3 conductors Standard lengths: 0.3 m and 2 m
Terminal No. 1 2 3 4
Specifications +V --0V Output
* Refer to Mounting the Sensor on Moving Parts on page 14 for details on Robotics Cable models.
Accessories
Reflector (Provided with E3T-SR4@) E39-R4
13.7 9.7 8.7 4.9
23
19
18
4 Two, 2.2 dia.
Material, reflective surface: acrylic Rear surface: ABS
4
1.4
Reflector (Provided with E3T-SR4@-S) E39-R37-CA Mounting bracket
13.7 8.7 Reflective surface: acrylic 23 18.3 10.2
Reflector
13.7 (1.1)
18.3 23 Mounting Bracket: t 0.5 Two, R1.55 Two, 3.1 dia.
Reflector: t 0.5 (adhesive tape side)
Material: Mounting plate: stainless steel (SUS301) Reflective surface: acrylic
Note: The reflective plate and mounting plate (1) come as a set.
17
E3T
Accessories (Order Separately)
Slit for E3T-ST@@ Through-beam Models E39-S63 Slit for E3T-FT@@ Through-beam Models E39-S64
With Slit Attachment
Sensitivity Adjustment Unit (for E3T-ST1@ Through-beam Models) E39-E10
With Slit Attachment
With Slit Attachment
5.8 7.4 1.00.05 dia. 0.50.05 dia. 12.6 Notch 2.7 12 Optical axis 2 dia. Adjuster 9.7
Two, 2.2 dia.
2.7
12.3
(4.1)
90 7.4 (10.1) 4 (15.1) 18.7
1 dia.
Note:Align the notch Material: 0.2-mm direction of the Slit thick stainless steel when installing on the (SUS301) Emitter and Receiver.
0.5 dia.
Material: 0.1-mm-thick stainless steel (SUS301)
9.7
Material: stainless steel (SUS301)
Mounting Brackets for Side-view Models E39-L116
(Two, R1.7)
(17.8)
7.5 2-3.4 4.1 1.6 (Two, R2) 5 4 (Two, R2)
Material: 1.2-mm-thick stainless steel (SUS304)
11
2.2
(Two, R1.1) 31.2 9.5 90 (10.3)
9.7 (Two, R1.2)
6.2 17.8
R1.5 max.
1.2 10
2.4
With Mounting Bracket (Example: E3T-ST11)
(Four, R2) 3 9 20.5 15 31 24.5 7 31.2 Three, M2 Two, M2 x 14
7.7
18
E3T
Mounting Brackets for Side-view Models E39-L117
R1 max. 90
1.2 (Two, R1.7) 11.2 3.1 4 2-R2 (Two, R2) 2.4
Material: 1.2-mm-thick stainless steel (SUS304)
11.5 18 (23) 15
9 9
3.4 4.5
3.1 (Two, R1.7)
2-2.2 5 5 10 (11.2) (Two, R1.1)
(10.3)
11.2
With Mounting Bracket (Example: E3T-ST11)
Two, M2 x 14 (Four, R2) 3 9 20.5 15 23 16.3 Three, M2 10.2
7.7
6.2
11.2
7
Mounting Brackets for Side-view Models E39-L118
11.5
11.5
1.2
90 90
22.7
5 2.4 4.5 4
(Two, R1.7) 3.1
Material: 1.2-mm-thick stainless steel (SUS304)
9 15 9 11.5 18 (23)
2-2.2 5 (Two, R1.1) 3.4
3.1 (Four, R2) 7.7
With Mounting Bracket (Example: E3T-ST11)
(Four, R2) 3 9 20.5 15 16.3 23 Three, M2 Two, M2 x 14 13.2
7
19
E3T
Mounting Brackets for Flat Models E39-L119
10.5 90
1.2
With Mounting Bracket (Example: E3T-FT11)
15
Four, M2 tapped holes 8 3.2 2.4 9 3.5 7
Material: 1.2-mm-thick stainless 16 steel (SUS304)
12
8 10.6 2.4 9 7 Two, M2 x 8
Mounting Brackets for Flat Models E39-L120
4.2 (5.4) 14 22.5 Four, M2 tapped holes 8 3.2 2.4 1.2
With Mounting Bracket (Example: E3T-FT11)
(6.4)
13.5
Material: 1.2-mm-thick stainless steel (SUS304)
16 12 8 10.6 2.4 6 13.5 Two, M2 x 8
20
Read and Understand This Catalog
Please read and understand this catalog before purchasing the products. Please consult your OMRON representative if you have any questions or comments.
Warranty and Limitations of Liability
WARRANTY
OMRON's exclusive warranty is that the products are free from defects in materials and workmanship for a period of one year (or other period if specified) from date of sale by OMRON. OMRON MAKES NO WARRANTY OR REPRESENTATION, EXPRESS OR IMPLIED, REGARDING NON-INFRINGEMENT, MERCHANTABILITY, OR FITNESS FOR PARTICULAR PURPOSE OF THE PRODUCTS. ANY BUYER OR USER ACKNOWLEDGES THAT THE BUYER OR USER ALONE HAS DETERMINED THAT THE PRODUCTS WILL SUITABLY MEET THE REQUIREMENTS OF THEIR INTENDED USE. OMRON DISCLAIMS ALL OTHER WARRANTIES, EXPRESS OR IMPLIED.
LIMITATIONS OF LIABILITY
OMRON SHALL NOT BE RESPONSIBLE FOR SPECIAL, INDIRECT, OR CONSEQUENTIAL DAMAGES, LOSS OF PROFITS OR COMMERCIAL LOSS IN ANY WAY CONNECTED WITH THE PRODUCTS, WHETHER SUCH CLAIM IS BASED ON CONTRACT, WARRANTY, NEGLIGENCE, OR STRICT LIABILITY. In no event shall the responsibility of OMRON for any act exceed the individual price of the product on which liability is asserted. IN NO EVENT SHALL OMRON BE RESPONSIBLE FOR WARRANTY, REPAIR, OR OTHER CLAIMS REGARDING THE PRODUCTS UNLESS OMRON'S ANALYSIS CONFIRMS THAT THE PRODUCTS WERE PROPERLY HANDLED, STORED, INSTALLED, AND MAINTAINED AND NOT SUBJECT TO CONTAMINATION, ABUSE, MISUSE, OR INAPPROPRIATE MODIFICATION OR REPAIR.
Application Considerations
SUITABILITY FOR USE
OMRON shall not be responsible for conformity with any standards, codes, or regulations that apply to the combination of products in the customer's application or use of the products. At the customer's request, OMRON will provide applicable third party certification documents identifying ratings and limitations of use that apply to the products. This information by itself is not sufficient for a complete determination of the suitability of the products in combination with the end product, machine, system, or other application or use. The following are some examples of applications for which particular attention must be given. This is not intended to be an exhaustive list of all possible uses of the products, nor is it intended to imply that the uses listed may be suitable for the products: * Outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this catalog. * Nuclear energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. * Systems, machines, and equipment that could present a risk to life or property. Please know and observe all prohibitions of use applicable to the products. NEVER USE THE PRODUCTS FOR AN APPLICATION INVOLVING SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT THE OMRON PRODUCTS ARE PROPERLY RATED AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM.
PROGRAMMABLE PRODUCTS
OMRON shall not be responsible for the user's programming of a programmable product, or any consequence thereof.
Disclaimers
CHANGE IN SPECIFICATIONS
Product specifications and accessories may be changed at any time based on improvements and other reasons. It is our practice to change model numbers when published ratings or features are changed, or when significant construction changes are made. However, some specifications of the products may be changed without any notice. When in doubt, special model numbers may be assigned to fix or establish key specifications for your application on your request. Please consult with your OMRON representative at any time to confirm actual specifications of purchased products.
DIMENSIONS AND WEIGHTS
Dimensions and weights are nominal and are not to be used for manufacturing purposes, even when tolerances are shown.
PERFORMANCE DATA
Performance data given in this catalog is provided as a guide for the user in determining suitability and does not constitute a warranty. It may represent the result of OMRON's test conditions, and the users must correlate it to actual application requirements. Actual performance is subject to the OMRON Warranty and Limitations of Liability.
ERRORS AND OMISSIONS
The information in this document has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical, or proofreading errors, or omissions.
2010.2 In the interest of product improvement, specifications are subject to change without notice.
Industrial Automation Company
http://www.ia.omron.com/
OMRON Corporation
(c)Copyright OMRON Corporation 2010 All Right Reserved.


▲Up To Search▲   

 
Price & Availability of E3T-SL142M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X