Part Number Hot Search : 
LN21R BLW85 TDA4452 TX1N36 HT46R48E MP1008 DN8799MS HT46R48E
Product Description
Full Text Search
 

To Download DG946108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG9461
Vishay Siliconix
Low-Voltage Single SPDT Analog Switch
DESCRIPTION
The DG9461 is a single-pole/double-throw monolithic CMOS analog device designed for high performance switching of analog signals. Combining low power, high speed (tON: 35 ns, tOFF: 20 ns), low on-resistance (rDS(on): 40 ) and small physical size (TSOP-6), the DG9461 is ideal for portable and battery powered applications requiring high performance and efficient use of board space. The DG9461 is built on Vishay Siliconix's low voltage BCD-15 process. Minimum ESD protection, per Method 3015.7, is 2000 V. An epitaxial layer prevents latchup. Break-before-make is guaranteed for DG9461. Each switch conducts equally well in both directions when on, and blocks up to the power supply level when off.
FEATURES
* * * * * * * * * Low Voltage Operation (+ 2.7 to + 5 V) Low On-Resistance - rDS(on): 40 Fast Switching - tON: 35 ns, tOFF: 20 ns Low Leakage - ICOM(on): 200 pA max Low Charge Injection - QINJ: 1 pC Low Power Consumption TTL/CMOS Compatible ESD Protection > 2000 V (Method 3015.7) Available in TSOP-6 and SOIC-8
Pb-free Available
RoHS*
COMPLIANT
BENEFITS
* * * * Reduced Power Consumption Simple Logic Interface High Accuracy Reduce Board Space (TSOP-6)
APPLICATIONS
* * * * * * * Battery Operated Systems Portable Test Equipment Sample and Hold Circuits Cellular Phones Communication Systems Military Radio PBX, PABX Guidance and Control Systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TSOP-6
IN V+ GND 1 2 3 Top View 6 5 4 NO COM NC
TRUTH TABLE
Logic 0 1 Logic "0" 0.8 V Logic "1" 2.4 V NC ON OFF NO OFF ON
SOIC-8
NO COM NC GND 1 2 3 4 Top View 8 7 6 5 V+ IN * *
ORDERING INFORMATION
Temp Range Package TSOP-6 - 40 to 85 C SOIC-8 Part Number DG9461DV-T1 DG9461DV-T1-E3 DG9461DY-T1 DG9461DY-T1-E3
*Not Connected
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 70832 S-71009-Rev. C, 14-May-07 www.vishay.com 1
DG9461
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS
Parameter Reference V+ to GND IN, COM, NC, NOa Continuous Current (Any terminal) Peak Current (Pulsed at 1 ms, 10 % duty cycle) ESD (Method 3015.7) Storage Temperature (D Suffix) Power Dissipation (Packages)b 8-Pin Narrow Body SOICc Limit - 0.3 to + 13 - 0.3 V to (V+ + 0.3 V) 20 40 > 2000 - 65 to 125 400 Unit V mA V C mW
Notes: a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 6.5 mW/C above 75 C.
SPECIFICATIONS (V+ = 3 V)
Test Conditions Unless Otherwise Specified V+ = 3 V, 10 %, VIN = 0.4 or 2.4 Ve D Suffix - 40 to 85 C Tempa Full VNO or VNC = 1.5 V, V+ = 2.7 V ICOM = 5 mA VNO or VNC = 1.5 V VNO or VNC = 1 and 2 V VNO or VNC = 1 V/2 V, VCOM = 2 V/1 V VCOM = 1 V/2 V, VNO or VNC = 2 V/1 V VCOM = VNO or VNC = 1 V/2 V Room Full Room Room Room Full Room Full Room Full Full Room Full VNO or VNC = 1.5 V Room Full Room CL = 1 nF, Vgen = 0 V, Rgen = 0 RL = 50 , CL = 5 pF, f = 1 MHz f = 1 MHz Room Room Room Room 2.7 V+ = 3.3 V, VIN = 0 or 3.3 V 3 - 100 - 5000 - 100 - 5000 - 200 - 10000 Minc 0 50 0.4 4 5 5 10 Typb Maxc 3 80 140 2 8 100 5000 100 5000 200 10000 A 120 200 50 120 5 ns pA Unit V
Parameter Analog Switch Analog Signal Ranged Drain-Source On-Resistance rDS(on)Matchd rDS(on) Flatnessf NO or NC Off Leakage Currentg COM Off Leakage Currentg Channel-On Leakage Currentg Digital Control Input Current Dynamic Characteristics Turn-On Time Turn-Off Time Break-Before-Make Time Charge Injection Off-Isolation Source Off Capacitance Channel-On Capacitance Power Supply Power Supply Range Power Supply Current
Symbol VANALOG rDS(on) rDS(on) rDS(on) Flatness INO/NC(off) ICOM(off) ICOM(on) IINL or IINH tON tOFF td QINJ OIRR CS(off) CD(on) V+ I+
1 50 20 20 1 - 74 7 32 12 1
pC dB pF
V A
www.vishay.com 2
Document Number: 70832 S-71009-Rev. C, 14-May-07
DG9461
Vishay Siliconix
SPECIFICATIONS (V+ = 5 V)
Test Conditions Unless Otherwise Specified V+ = 5 V, 10 %, VIN = 0.8 or 2.4 Ve D Suffix - 40 to 85 C Tempa Full VNO or VNC = 3.5 V, V+ = 4.5 V ICOM = 5 mA VNO or VNC = 1.5 V VNO or VNC = 1,2 and 3 V VNO or VNC = 1 V/4 V, VCOM = 4 V/1 V VCOM = 1 V/4 V, VNO or VNC = 4 V/1 V VCOM = VNO or VNC = 1 V/4 V Room Full Room Room Room Full Room Full Room Full Full Room Full VNO or VNC = 3.0 V Room Full Room CL = 1 nF, Vgen = 0 V, Rgen = 0 RL = 50 , CL = 5 pF, f = 1 MHz f = 1 MHz Room Room Room Room 2.7 V+ = 5.5 V, VIN = 0 or 5.5 V 3 - 100 - 5000 - 100 - 5000 - 200 - 10000 1 35 20 10 2 - 74 -7 32 12 1 5 pC dB pF 75 150 50 100 ns Minc 0 30 0.4 2 10 10 Typb Maxc 5 60 75 2 6 100 5000 100 5000 200 10000 A pA Unit V
Parameter Analog Switch Analog Signal Ranged Drain-Source On-Resistance rDS(on)Matchd rDS(on) Flatnessf NO or NC Off Leakage Current COM Off Leakage Current Channel-On Leakage Current Digital Control Input Current Dynamic Characteristics Turn-On Time Turn-Off Time Break-Before-Make Time Charge Injection Off-Isolation NC and NO Capacitance Channel-On Capacitance Power Supply Power Supply Range Power Supply Current
Symbol VANALOG rDS(on) rDS(on) rDS(on) Flatness INO/NC(off) ICOM(off) ICOM(on) IINL or IINH tON tOFF td QINJ OIRR C(off) CD(on) V+ I+
V A
Notes: a. Room = 25 C, Full = as determined by the operating suffix. b. Typical values are for design aid only, not guaranteed nor subject to production testing. c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. d. Guarantee by design, nor subjected to production test. e. VIN = input voltage to perform proper function. f. Difference of min and max values. g. Guraranteed by 5 V leakage testing, not production tested.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Document Number: 70832 S-71009-Rev. C, 14-May-07
www.vishay.com 3
DG9461
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
2.0 1.5 1.0 I SUPPLY (A) 0.5 Q INJ (pC) 0.0 - 0.5 - 1.0 - 1.5 -2 0 0.5 1.0 1.5 VCOM 2.0 2.5 3.0 V+ = 3 V 3000 2500 2000 1500 1000 500 0 V+ = 3 V - 500 0 1 2 VIN 3 4 5 V+ = 5 V
Charge Injection
10 nA - 40
Supply Current vs. VIN
1 nA OFF-Isolation (dB) I COM(off) (A)
- 60
100 pA ICOM(off) 10 pA ICOM(on)
- 80
- 100
1 pA
- 120
0.1 pA 25 45 65 85 105 125
- 140 0.001 M 0.01 M 0.1 M Frequency (Hz) 1M 10 M
Temperature (C)
Leakage Current vs. Temperature
2.5 2.0 1.5 60 1.0 I OFF (pA) 0.5 0.0 - 0.5 - 1.0 20 - 1.5 - 2.0 - 2.5 0 1 2 VCOM 3 4 5 0 0 INO/NC r DS(on) () ICOM V+ = 5 V 80
Off-Isolation vs. Frequency
V+ = 3 V
40 V+ = 5 V
1
2 VCOM
3
4
5
Off-Leakage vs. Voltage at 25 C
rDS vs. VCOM
www.vishay.com 4
Document Number: 70832 S-71009-Rev. C, 14-May-07
DG9461
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
80 70 V+ = 3 V 60 60 r DS(on) () 85 C 50 t ON / t OFF (ns) 25 C 40 40 C 40 30 tOFF 20 10 0 0 0.5 1.0 1.5 VCOM 2.0 2.5 3.0 0 - 60 tON
20
- 30
0
30
60
90
120
Temperature (C)
rDS vs. VCOM
120 2.25 2.00 1.75 V IN (sw) 80 T (ns) 1.50 1.25 1.00 20 tOFF 0.75 0.5 2.0 2.5 3.0 V+ 3.5 4.0 4.5 5.0 2
Switching Time vs. Temperature
100
60 tON 40
0 1.5
3
4 V+
5
6
tON/tOFF vs. Power Supply Voltage
Input Switching Point vs. Power Supply Voltage
Document Number: 70832 S-71009-Rev. C, 14-May-07
www.vishay.com 5
DG9461
Vishay Siliconix
TEST CIRCUITS
V+ Logic Input V+ Switch Input NO or NC IN Logic Input GND 0V CL (includes fixture and stray capacitance) RL V OUT = V COM R L + R ON RL 300 CL 35 pF COM Switch Output VOUT
+3V 50 % 0V
tr < 20 ns tf < 20 ns
0.9 x VOUT Switch Output 0V tON tOFF
Logic "1" = Switch On Logic input waveforms inverted for switches that have the opposite logic sense.
Figure 1. Switching Time
V+ Logic Input COM VO RL 300 CL 35 pF 3V 0V tr < 5 ns tf < 5 ns
V+ VNO VNC NO NC IN GND
VNC = VNO VO Switch Output 0V
90 %
tD
tD
CL (includes fixture and stray capacitance)
Figure 2. Break-Before-Make Interval
V+
Rgen + Vgen 3V
V+ NC or NO IN GND COM VOUT VOUT CL IN On
VOUT
Off Q = VOUT x CL
On
IN depends on switch configuration: input polarity determined by sense of switch.
Figure 3. Charge Injection
www.vishay.com 6
Document Number: 70832 S-71009-Rev. C, 14-May-07
DG9461
Vishay Siliconix
TEST CIRCUITS
V+ 10 nF
V+ COM IN COM NC or NO Off Isolation = 20 log GND VNC/ NO VCOM 0 V, 2.4 V
RL
Analyzer
Figure 4. Off-Isolation
V+ 10 nF
V+ COM Meter IN 0 V, 2.4 V NC or NO GND HP4192A Impedance Analyzer or Equivalent f = 1 MHz
Figure 5. Channel Off/On Capacitance
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?70832.
Document Number: 70832 S-71009-Rev. C, 14-May-07
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DG946108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X