|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DOMINANT Semiconductors Innovating Illumination TM DATA SHEET: DomiLEDTM GaN White : DDx-JJx-I1 DomiLED TM TM Synonymous with function and performance, the DomiLED series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. Features: > > > > > > > High brightness surface mount LED. Based on GaN technology. 120 viewing angle. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to IR reflow soldering. Environmental friendly; RoHS compliance. Applications: > Automotive: Interior applications, eg: switches, telematics, climate control system, dashboard, etc. > Consumer Appliances: Backlighting illumination as in PDAs, LCD TV. > Communication: indicator and backlight in mobile phone, flash light. > Signage: full colour display video notice board, signage, special effect lighting. > Industrial: white goods (eg: Oven, microwave, etc.), light bar, illuminated advertising. (c) 2005 DomiLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice. 1 23/09/2009 V(3) DOMINANT TM Semiconductors Innovating Illumination GaN White : DDx-JJx-I1 Optical Characteristics at Tj=25C Part Ordering Number DDW-JJD-M2N-1-I1 DDW-JJD-MN1-1-I1 Not for new design NOTE 1. All part number above comes in a quantity of 2000 units per reel. 2. Other luminous intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of 11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. Color White White Viewing Angle 120 120 Luminous Intensity @ IF = 10mA IV (mcd) Min. Max. Typ. 22.4 18.0 34.0 27.0 45.0 35.5 Electrical Characteristics at Tj=25C Part Number DDW-JJD Vf @ If = 10mA Min. (V) Typ. (V) Max. (V) 3.0 3.7 4.5 Vr @ Ir = 10uA Min. (V) 5 Forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1V. Absolute Maximum Ratings Maximum Value DC forward current Peak pulse current; (tp 10s, Duty cycle = 0.005) Forward voltage (IF = 20 mA) Reverse voltage (IR = 10 A) ESD Thereshold (HBM) LED junction temperature Operating temperature Storage temperature Power dissipation (at room temperature) 20 200 4.55 5 2000 125 -40 ... +100 -40 ... +100 85 Unit mA mA V V V C C C mW 2 23/09/2009 V(3) DOMINANT TM Semiconductors Innovating Illumination GaN White : DDx-JJx-I1 DDW, White Color Grouping Dominant GaN White Bin Structure 0.44 0.42 0.40 0.38 0.36 0.34 0.32 0.30 0.28 0.26 0.24 0.27 * * * 0.28 A1 A2 * * * 0.29 A3 A4 * * * C1 C2 * * * C3 C4 * * * E1 E2 * * * E3 E4 * * * 0.30 0.31 0.32 0.33 0.34 0.35 0.36 Chromaticity coordinate groups are measured with an accuracy of 0.01. Bin A1 A2 A3 A4 C1 C2 C3 C4 Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy 0.2775 0.2732 0.2775 0.2557 0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179 0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179 0.3275 0.3561 0.3275 0.3386 0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354 0.3275 0.3736 0.3275 0.3561 0.2775 0.2907 0.2775 0.2732 0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354 Bin E1 E2 E3 E4 Cx Cy Cx Cy Cx Cy Cx Cy 0.3275 0.3561 0.3275 0.3386 0.3400 0.3768 0.3400 0.3593 0.3400 0.3768 0.3400 0.3593 0.3525 0.3975 0.3525 0.3800 0.3400 0.3943 0.3400 0.3768 0.3525 0.4150 0.3525 0.3975 0.3275 0.3736 0.3275 0.3561 0.3400 0.3943 0.3400 0.3768 Dominant color coordinate is measured with an accuracy of 0.01. 3 23/09/2009 V(3) DOMINANT TM Semiconductors Innovating Illumination GaN White : DDx-JJx-I1 Forward Current Vs Forward Voltage 35 30 Relative Luminous Intensity Vs Forward Current Relative Intensity, Normalized at 10mA 2 1.8 Forward Current, mA 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 25 20 15 10 5 0 2 2.5 3 3.5 4 4.5 5 Forward Current, mA Forward Voltage, V Maximum Forward Current Vs Temperature 25 1 0.9 Relative Intensity Vs Wavelength Forward Current, mA 20 0.8 Relative Intensity 0.7 0.6 0.5 0.4 0.3 0.2 0.1 15 10 5 0 0 10 20 30 40 50 60 70 80 90 100 0 400 450 500 550 600 650 700 Ambient Temperature Wavelength, nm Radiation Pattern 30 20 10 0 1.0 40 0.8 50 0.6 60 70 80 90 0.4 0.2 0 3 23/09/2009 V(3) DOMINANT TM Innovating Illumination Semiconductors GaN White : DDx-JJx-I1 DomiLED * GaN White : DDx-JJx-I1 Package Outlines TM Material Material Lead-frame Package Encapsulant Soldering Leads Cu Alloy With Ag Plating High Temperature Resistant Plastic, PPA Epoxy Sn Plating 4 23/09/2009 V(3) DOMINANT TM Semiconductors Innovating Illumination GaN White : DDx-JJx-I1 Recommended Solder Pad 5 23/09/2009 V(3) DOMINANT TM Semiconductors Innovating Illumination GaN White : DDx-JJx-I1 Taping and orientation * Reels come in quantity of 2000 units. * Reel diameter is 180 mm. 6 23/09/2009 V(3) DOMINANT TM Semiconductors Innovating Illumination GaN White : DDx-JJx-I1 Packaging Specification 7 23/09/2009 V(3) DOMINANT TM Semiconductors Innovating Illumination GaN White : DDx-JJx-I1 Packaging Specification Moisture sensitivity level Barcode label DOMINANT Semiconductors LOT NO : lotno PART NO : partno ROHS Compliant PB Free QTY : product quantity per reel S/N : serial no D/C: date code GROUP : group Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag Label Average 1pc DomiLED/Multi DomiLED Weight (gram) Weight (gram) 0.034 0.034 1 completed bag (2000pcs) 190 10 190 10 DOMINANT TM Semiconductors Cardboard Box For DomiLED TM Cardboard Box Size Small Large Dimensions (mm) Empty Box Weight (kg) 0.58 1.74 Reel / Box Quantity / Box (pcs) 300 x 250 x 250 416 x 516 x 476 15 reels MAX 96 reels MAX 30,000 MAX 192,000 MAX 8 23/09/2009 V(3) DOMINANT TM Semiconductors Innovating Illumination GaN White : DDx-JJx-I1 Recommended Sn-Pb IR-Reflow Soldering Profile Classification Reflow Profile (JEDEC J-STD-020C) 275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s Temperature (C) 175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s Recommended Pb-free Soldering Profile Classification Reflow Profile (JEDEC J-STD-020C) 300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s Temperature (C) 200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s Time (sec) 9 23/09/2009 V(3) DOMINANT TM Innovating Illumination Semiconductors GaN White : DDx-JJx-I1 Revision History Page Subjects New Format & Add New PartNo: DDW-JJD-M2N-1-I1 Update Electrical Characteristics Not for new design: DDW-JJD-MN1-1-I1 Date of Modification 08 Jan 2007 2 2 09 Feb 2009 23 Sep 2009 NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors. 10 23/09/2009 V(3) DOMINANT TM Semiconductors Innovating Illumination GaN White : DDx-JJx-I1 About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com. Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com DOMINANT Semiconductors Malaysia Sdn. Bhd. Shanghai Representative Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. Rm 1007, DaZhong Building, No. 1515 Zhong Shan (W) Rd, Shanghai, China 200235 Tel: +86 21 6428 6428 Fax: +86 21 6428 6880 E-mail: sales_china@dominant-semi.com DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. #709, Yatap Leaders Bldg., 342-1 Yatap-dong, Bundang-gu, Seongnam-si, Gyeonggi-do, 463-828 Korea. Tel: +82-31-701-5203 Fax: +82-31-701-5204 E-mail: sales_korea@dominant-semi.com DOMINANT U.S.A Sales Office 25 Rockaway Road, 08833 Lebanon, New Jersey, USA Tel: (908) 439-9930 Cell: (908) 343-5810 Fax: (908) 439-9929 E-mail: don.wendel@dominant-semi.com DOMINANT Europe Sales Office DOMINANT Semiconductors Europe GmbH Raiffeisenstr. 38, 74906 Bad Rappenau Germany Tel: +49 (0) 7264-89010-10 / +49 (0) 7264-89010-11 Cell: +49 173-6907370 / +49 173-6907751 Fax: +49 (0) 7264-89010-29 E-mail: gerd.wachno@dominant-semi.eu; hartmut.wettengl@dominant-semi.eu DOMINANT India Sales Office C-11,Vasanth Business Centre #86, TTK Road, Alwarpet Chennai - 600 018, INDIA Tel: 91-44-42030616 / 516 Cell: 91-9444920537 Fax: 91-9444920616 E-mail: pravat.behera@dominant-semi.com DOMINANT Semiconductors Innovating Illumination TM |
Price & Availability of DDW-JJD-MN1-1-I1 |