![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CY14B256L 256 Kbit (32K x 8) nvSRAM Features Functional Description The Cypress CY14B256L is a fast static RAM with a nonvolatile element in each memory cell. The embedded nonvolatile elements incorporate QuantumTrap technology producing the world's most reliable nonvolatile memory. The SRAM provides unlimited read and write cycles, while independent, nonvolatile data resides in the highly reliable QuantumTrap cell. Data transfers from the SRAM to the nonvolatile elements (the STORE operation) takes place automatically at power down. On power up, data is restored to the SRAM (the RECALL operation) from the nonvolatile memory. Both the STORE and RECALL operations are also available under software control. A hardware STORE is initiated with the HSB pin. 25 ns, 35 ns, and 45 ns access times Pin compatible with STK14D88 Hands off automatic STORE on power down with only a small capacitor STORE to QuantumTrapTM nonvolatile elements is initiated by software, hardware, or AutoStoreTM on power down RECALL to SRAM initiated by software or power up Unlimited READ, WRITE, and RECALL cycles 200,000 STORE cycles to QuantumTrap 20 year data retention at 55C Single 3V +20%, -10% operation Commercial and industrial temperature 32-pin (300 mil) SOIC and 48-pin (300 mil) SSOP packages RoHS compliance Logic Block Diagram Quantum Trap 512 X 512 A5 A6 A7 A8 A9 A 11 A 12 A 13 A 14 V CC V CAP STORE POWER CONTROL STORE/ RECALL CONTROL ROW DECODER STATIC RAM ARRAY 512 X 512 RECALL HSB SOFTWARE DETECT COLUMN I/O A13 - A 0 DQ 0 DQ 2 DQ 3 DQ 4 DQ 5 DQ 6 DQ 7 INPUT BUFFERS DQ 1 COLUMN DEC A 0 A 1 A 2 A 3 A 4 A 10 OE CE WE Cypress Semiconductor Corporation Document Number: 001-06422 Rev. *H * 198 Champion Court * San Jose, CA 95134-1709 * 408-943-2600 Revised January 30, 2009 [+] Feedback CY14B256L Pin Configurations Figure 1. Pin Diagram - 32-Pin SOIC and 48-Pin SSOP Pin Definitions Pin Name A0-A14 DQ0-DQ7 WE CE OE VSS VCC HSB W E G Alt IO Type Input Input Input Input Ground Description Address Inputs. Used to select one of the 32,768 bytes of the nvSRAM. Write Enable Input, Active LOW. When the chip is enabled and WE is LOW, data on the IO pins is written to the specific address location. Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip. Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read cycles. Deasserting OE HIGH causes the IO pins to tri-state. Ground for the Device. The device is connected to ground of the system. Input or Output Bidirectional Data IO Lines. Used as input or output lines depending on operation. Power Supply Power Supply Inputs to the Device. Input or Output Hardware Store Busy (HSB). When LOW, this output indicates a Hardware Store is in progress. When pulled low external to the chip, it initiates a nonvolatile STORE operation. A weak internal pull up resistor keeps this pin high if not connected (connection optional). Power Supply AutoStore Capacitor. Supplies power to nvSRAM during power loss to store data from SRAM to nonvolatile elements. No Connect No Connect. This pin is not connected to the die. VCAP NC Document Number: 001-06422 Rev. *H Page 2 of 18 [+] Feedback CY14B256L Device Operation The CY14B256L nvSRAM is made up of two functional components paired in the same physical cell. These are an SRAM memory cell and a nonvolatile QuantumTrap cell. The SRAM memory cell operates as a standard fast static RAM. Data in the SRAM is transferred to the nonvolatile cell (the STORE operation) or from the nonvolatile cell to SRAM (the RECALL operation). This unique architecture enables the storage and recall of all cells in parallel. During the STORE and RECALL operations, SRAM READ and WRITE operations are inhibited. The CY14B256L supports unlimited reads and writes similar to a typical SRAM. In addition, it provides unlimited RECALL operations from the nonvolatile cells and up to 200K STORE operations. the VCAP pin is driven to 5V by a charge pump internal to the chip. A pull up is placed on WE to hold it inactive during power up. Figure 2. AutoStore Mode V CC V CAP V CAP V CC 10k Ohm WE SRAM Read The CY14B256L performs a READ cycle whenever CE and OE are LOW while WE and HSB are HIGH. The address specified on pins A0-14 determines the 32,768 data bytes accessed. When the READ is initiated by an address transition, the outputs are valid after a delay of tAA (READ cycle 1). If the READ is initiated by CE or OE, the outputs are valid at tACE or at tDOE, whichever is later (READ cycle 2). The data outputs repeatedly respond to address changes within the tAA access time without the need for transitions on any control input pins, and remains valid until another address change or until CE or OE is brought HIGH, or WE or HSB is brought LOW. SRAM Write A WRITE cycle is performed whenever CE and WE are LOW and HSB is HIGH. The address inputs must be stable prior to entering the WRITE cycle and must remain stable until either CE or WE goes HIGH at the end of the cycle. The data on the common IO pins DQ0-7 are written into the memory if it has valid tSD, before the end of a WE controlled WRITE or before the end of an CE controlled WRITE. Keep OE HIGH during the entire WRITE cycle to avoid data bus contention on common IO lines. If OE is left LOW, internal circuitry turns off the output buffers tHZWE after WE goes LOW. To reduce unnecessary nonvolatile stores, AutoStore and Hardware Store operations are ignored, unless at least one WRITE operation has taken place since the most recent STORE or RECALL cycle. Software initiated STORE cycles are performed regardless of whether a WRITE operation has taken place. An optional pull-up resistor is shown connected to HSB. The HSB signal is monitored by the system to detect if an AutoStore cycle is in progress. Hardware STORE (HSB) Operation The CY14B256L provides the HSB pin for controlling and acknowledging the STORE operations. The HSB pin is used to request a hardware STORE cycle. When the HSB pin is driven LOW, the CY14B256L conditionally initiates a STORE operation after tDELAY. An actual STORE cycle only begins if a WRITE to the SRAM takes place since the last STORE or RECALL cycle. The HSB pin also acts as an open drain driver that is internally driven LOW to indicate a busy condition, while the STORE (initiated by any means) is in progress. SRAM READ and WRITE operations, that are in progress when HSB is driven LOW by any means, are given time to complete before the STORE operation is initiated. After HSB goes LOW, the CY14B256L continues SRAM operations for tDELAY. During tDELAY, multiple SRAM READ operations take place. If a WRITE is in progress when HSB is pulled LOW, it allows a time, tDELAY to complete. However, any SRAM WRITE cycles requested after HSB goes LOW are inhibited until HSB returns HIGH. If HSB is not used, it is left unconnected. AutoStore Operation The CY14B256L stores data to nvSRAM using one of three storage operations: 1. Hardware store activated by HSB 2. Software store activated by an address sequence 3. AutoStore on device power down AutoStore operation is a unique feature of QuantumTrap technology and is enabled by default on the CY14B256L. During normal operation, the device draws current from VCC to charge a capacitor connected to the VCAP pin. This stored charge is used by the chip to perform a single STORE operation. If the voltage on the VCC pin drops below VSWITCH, the part automatically disconnects the VCAP pin from VCC. A STORE operation is initiated with power provided by the VCAP capacitor. Figure 2 shows the proper connection of the storage capacitor (VCAP) for automatic store operation. Refer to the DC Electrical Characteristics on page 7 for the size of VCAP. The voltage on Document Number: 001-06422 Rev. *H Hardware RECALL (Power Up) During power up or after any low power condition (VCC < VSWITCH), an internal RECALL request is latched. When VCC Page 3 of 18 0.1UF [+] Feedback CY14B256L once again exceeds the sense voltage of VSWITCH, a RECALL cycle is automatically initiated and takes tHRECALL to complete. Data Protection The CY14B256L protects data from corruption during low voltage conditions by inhibiting all externally initiated STORE and WRITE operations. The low voltage condition is detected when VCC is less than VSWITCH. If the CY14B256L is in a WRITE mode (both CE and WE are low) at power up after a RECALL or after a STORE, the WRITE is inhibited until a negative transition on CE or WE is detected. This protects against inadvertent writes during power up or brown out conditions. Software STORE Data is transferred from the SRAM to the nonvolatile memory by a software address sequence. The CY14B256L software STORE cycle is initiated by executing sequential CE controlled READ cycles from six specific address locations in exact order. During the STORE cycle, an erase of the previous nonvolatile data is first performed followed by a program of the nonvolatile elements. When a STORE cycle is initiated, input and output are disabled until the cycle is completed. Because a sequence of READs from specific addresses is used for STORE initiation, it is important that no other READ or WRITE accesses intervene in the sequence. If they intervene, the sequence is aborted and no STORE or RECALL takes place. To initiate the software STORE cycle, the following READ sequence is performed: 1. Read address 0x0E38, Valid READ 2. Read address 0x31C7, Valid READ 3. Read address 0x03E0, Valid READ 4. Read address 0x3C1F, Valid READ 5. Read address 0x303F, Valid READ 6. Read address 0x0FC0, Initiate STORE cycle The software sequence is clocked with CE controlled READs or OE controlled READs. When the sixth address in the sequence is entered, the STORE cycle commences and the chip is disabled. It is important that READ cycles and not WRITE cycles are used in the sequence. It is not necessary that OE is LOW for a valid sequence. After the tSTORE cycle time is fulfilled, the SRAM is again activated for READ and WRITE operation. Noise Considerations The CY14B256L is a high speed memory. It must have a high frequency bypass capacitor of approximately 0.1 F connected between VCC and VSS, using leads and traces that are as short as possible. As with all high speed CMOS ICs, careful routing of power, ground, and signals reduce circuit noise. Low Average Active Power CMOS technology provides the CY14B256L the benefit of drawing significantly less current when it is cycled at times longer than 50 ns. Figure 3 shows the relationship between ICC and READ or WRITE cycle time. Worst case current consumption is shown for both CMOS and TTL input levels (commercial temperature range, VCC = 3.6V, 100% duty cycle on chip enable). Only standby current is drawn when the chip is disabled. The overall average current drawn by the CY14B256L depends on the following items: The duty cycle of chip enable The overall cycle rate for accesses The ratio of READs to WRITEs CMOS versus TTL input levels The operating temperature The VCC level IO loading Software RECALL Data is transferred from the nonvolatile memory to the SRAM by a software address sequence. A software RECALL cycle is initiated with a sequence of READ operations in a manner similar to the software STORE initiation. To initiate the RECALL cycle, the following sequence of CE controlled READ operations is performed: 1. Read address 0x0E38, Valid READ 2. Read address 0x31C7, Valid READ 3. Read address 0x03E0, Valid READ 4. Read address 0x3C1F, Valid READ 5. Read address 0x303F, Valid READ 6. Read address 0x0C63, Initiate RECALL cycle Internally, RECALL is a two step procedure. First, the SRAM data is cleared, and then the nonvolatile information is transferred into the SRAM cells. After the tRECALL cycle time, the SRAM is once again ready for READ and WRITE operations. The RECALL operation does not alter the data in the nonvolatile elements. The nonvolatile data can be recalled an unlimited number of times. Figure 3. Current vs. Cycle Time Document Number: 001-06422 Rev. *H Page 4 of 18 [+] Feedback CY14B256L Preventing Store Disable the AutoStore function by initiating an AutoStore Disable sequence. A sequence of READ operations is performed in a manner similar to the software STORE initiation. To initiate the AutoStore Disable sequence, perform the following sequence of CE controlled or OE controlled READ operations: 1. Read Address 0x0E38 Valid READ 2. Read Address 0x31C7 Valid READ 3. Read Address 0x03E0 Valid READ 4. Read Address 0x3C1F Valid READ 5. Read Address 0x303F Valid READ 6. Read Address 0x03F8 AutoStore Disable Re-enable the AutoStore by initiating an AutoStore Enable sequence. A sequence of READ operations is performed in a manner similar to the software RECALL initiation. To initiate the AutoStore Enable sequence, perform the following sequence of CE controlled or OE controlled READ operations: 1. Read Address 0x0E38 Valid READ 2. Read Address 0x31C7 Valid READ 3. Read Address 0x03E0 Valid READ 4. Read Address 0x3C1F Valid READ 5. Read Address 0x303F Valid READ 6. Read Address 0x07F0 AutoStore Enable If the AutoStore function is disabled or re-enabled, a manual STORE operation (Hardware or Software) is issued to save the AutoStore state through subsequent power down cycles. The part comes from the factory with AutoStore enabled. Best Practices nvSRAM products have been used effectively for over 15 years. While ease of use is one of the product's main system values, experience gained working with hundreds of applications has resulted in the following suggestions as best practices: The nonvolatile cells in an nvSRAM are programmed on the test floor during final test and quality assurance. Incoming inspection routines at customer or contract manufacturer's sites sometimes reprogram these values. Final NV patterns are typically repeating patterns of AA, 55, 00, FF, A5, or 5A. End product's firmware should not assume an NV array is in a set programmed state. Routines that check memory content values to determine first time system configuration, cold or warm boot status, and so on should always program a unique NV pattern (for example, complex 4-byte pattern of 46 E6 49 53 hex or more random bytes) as part of the final system manufacturing test to ensure these system routines work consistently. Power up boot firmware routines should rewrite the nvSRAM into the desired state. While the nvSRAM is shipped in a preset state, the best practice is to again rewrite the nvSRAM into the desired state as a safeguard against events that might flip the bit inadvertently (program bugs, incoming inspection routines, and so on). If autostore is firmware disabled, it does not reset to "autostore enabled" on every power down event captured by the nvSRAM. The application firmware should re-enable or re-disable autostore on each reset sequence based on the behavior desired. The VCAP value specified in this data sheet includes a minimum and a maximum value size. Best practice is to meet this requirement and not exceed the maximum VCAP value because higher inrush currents may reduce the reliability of the internal pass transistor. Customers that want to use a larger VCAP value to make sure there is extra store charge should discuss their VCAP size selection with Cypress to understand any impact on the VCAP voltage level at the end of a tRECALL period. Document Number: 001-06422 Rev. *H Page 5 of 18 [+] Feedback CY14B256L Table 1. Hardware Mode Selection CE H L L L WE X H L H OE X L X L A14 - A0 X X X 0x0E38 0x31C7 0x03E0 0x3C1F 0x303F 0x03F8 0x0E38 0x31C7 0x03E0 0x3C1F 0x303F 0x07F0 0x0E38 0x31C7 0x03E0 0x3C1F 0x303F 0x0FC0 0x0E38 0x31C7 0x03E0 0x3C1F 0x303F 0x0C63 Mode Not Selected Read SRAM Write SRAM Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM AutoStore Disable Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM AutoStore Enable Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM Nonvolatile Store Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM Nonvolatile Recall IO Output High Z Output Data Input Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output Data Output High Z Output Data Output Data Output Data Output Data Output Data Output High Z Power Standby Active Active Active[1, 2, 3] L H L Active[1, 2, 3] L H L Active ICC2[1, 2, 3] L H L Active[1, 2, 3] Notes 1. The six consecutive address locations are in the order listed. WE is HIGH during all six cycles to enable a nonvolatile cycle. 2. While there are 15 address lines on the CY14B256L, only the lower 14 lines are used to control software modes. 3. IO state depends on the state of OE. The IO table shown is based on OE Low. Document Number: 001-06422 Rev. *H Page 6 of 18 [+] Feedback CY14B256L Maximum Ratings Exceeding maximum ratings may shorten the useful life of the device. These user guidelines are not tested. Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied ............................................ -55C to +125C Supply Voltage on VCC Relative to GND ..........-0.5V to 4.1V Voltage Applied to Outputs in High Z State ....................................... -0.5V to VCC + 0.5V Input Voltage...........................................-0.5V to Vcc + 0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential .................. -2.0V to VCC + 2.0V Package Power Dissipation Capability (TA = 25C) ................................................... 1.0W Surface Mount Lead Soldering Temperature (3 Seconds) .......................................... +260C DC output Current (1 output at a time, 1s duration) .... 15 mA Static Discharge Voltage.......................................... > 2001V (MIL-STD-883, Method 3015) Latch Up Current ................................................... > 200 mA Operating Range Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VCC 2.7V to 3.6V 2.7V to 3.6V DC Electrical Characteristics Parameter ICC1 Description Average VCC Current Over the operating range (VCC = 2.7V to 3.6V) [4] Test Conditions tRC = 25 ns tRC = 35 ns tRC = 45 ns Dependent on output loading and cycle rate. Values obtained without output loads. IOUT = 0 mA. All Inputs Do Not Care, VCC = Max Average current for duration tSTORE Commercial Min Max 65 55 50 70 60 55 3 10 Unit mA mA mA mA mA mA mA Industrial ICC2 ICC3 Average VCC Current during STORE Average VCC Current at WE > (VCC - 0.2V). All other inputs cycling. tRC= 200 ns, 5V, 25C Dependent on output loading and cycle rate. Values obtained without output loads. Typical Average VCAP Current All Inputs Do Not Care, VCC = Max during AutoStore Cycle Average current for duration tSTORE VCC Standby Current CE > (VCC - 0.2V). All others VIN < 0.2V or > (VCC - 0.2V). Standby current level after nonvolatile cycle is complete. Inputs are static. f = 0 MHz. VCC = Max, VSS < VIN < VCC VCC = Max, VSS < VIN < VCC, CE or OE > VIH or WE < VIL -1 -1 2.0 VSS - 0.5 IOUT = -2 mA IOUT = 4 mA Between VCAP pin and Vss, 6V rated. 17 2.4 ICC4 ISB 3 3 mA mA IIX IOZ VIH VIL VOH VOL VCAP Input Leakage Current Off State Output Leakage Current Input HIGH Voltage Input LOW Voltage Output HIGH Voltage Output LOW Voltage Storage Capacitor +1 +1 VCC + 0.5 0.8 0.4 120 A A V V V V uF Data Retention and Endurance Parameter DATAR NVC Data Retention at 55C Nonvolatile STORE Operations Description Min 20 200 Unit Years K Note 4. The HSB pin has IOUT = -10 A for VOH of 2.4 V. This parameter is characterized but not tested. Document Number: 001-06422 Rev. *H Page 7 of 18 [+] Feedback CY14B256L Capacitance Parameter CIN COUT In the following table, the capacitance parameters are listed.[5] Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 0 to 3.0V Max 7 7 Unit pF pF Thermal Resistance Parameter In the following table, the thermal resistance parameters are listed.[5] Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Test conditions follow standard test methods and procedures for measuring thermal impedance, per EIA / JESD51. 32-SOIC 42.36 21.41 48-SSOP 44.26 25.56 Unit C/W C/W JA JC Figure 4. AC Test Loads R1 577 3.0V Output 30 pF R2 789 Output 5 pF R2 789 3.0V R1 577 For Tri-state Specs AC Test Conditions Input Pulse Levels .................................................... 0V to 3V Input Rise and Fall Times (10% - 90%)........................ <5 ns Input and Output Timing Reference Levels .................... 1.5V Note 5. These parameters are guaranteed by design and are not tested. Document Number: 001-06422 Rev. *H Page 8 of 18 [+] Feedback CY14B256L AC Switching Characteristics SRAM Read Cycle Parameter Cypress Alt Parameter tACE tELQV [6] tAVAV, tELEH tRC tAA [7] tAVQV tDOE tGLQV tAXQX tOHA [7] tLZCE [8] tELQX tHZCE [8] tEHQZ [8] tGLQX tLZOE tHZOE [8] tGHQZ tPU [5] tELICCH tEHICCL tPD [5] 25 ns Description Chip Enable Access Time Read Cycle Time Address Access Time Output Enable to Data Valid Output Hold After Address Change Chip Enable to Output Active Chip Disable to Output Inactive Output Enable to Output Active Output Disable to Output Inactive Chip Enable to Power Active Chip Disable to Power Standby Min 25 25 12 3 3 10 0 10 0 25 0 35 0 13 0 45 3 3 13 0 15 Max 25 35 35 15 3 3 15 35 ns Min Max 35 45 45 20 45 ns Min Max 45 Unit ns ns ns ns ns ns ns ns ns ns ns Switching Waveforms Figure 5. SRAM Read Cycle 1: Address Controlled [6, 7, 9] Figure 6. SRAM Read Cycle 2: CE Controlled [6, 9] Notes 6. WE must be HIGH during SRAM Read cycles. 7. Device is continuously selected with CE and OE both Low. 8. Measured 200 mV from steady state output voltage. 9. HSB must remain HIGH during SRAM Read and Write Cycles. Document Number: 001-06422 Rev. *H Page 9 of 18 [+] Feedback CY14B256L SRAM Write Cycle Parameter Cypress Alt Parameter tWC tAVAV tPWE tWLWH, tWLEH tELWH, tELEH tSCE tDVWH, tDVEH tSD tHD tWHDX, tEHDX tAVWH, tAVEH tAW tAVWL, tAVEL tSA tHA tWHAX, tEHAX tWLQZ tHZWE [8,10] tWHQX tLZWE [8] 25 ns Description Write Cycle Time Write Pulse Width Chip Enable To End of Write Data Setup to End of Write Data Hold After End of Write Address Setup to End of Write Address Setup to Start of Write Address Hold After End of Write Write Enable to Output Disable Output Active After End of Write Min 25 20 20 10 0 20 0 0 10 3 3 Max 35 ns Min 35 25 25 12 0 25 0 0 13 3 Max 45 ns Min 45 30 30 15 0 30 0 0 15 Max Unit ns ns ns ns ns ns ns ns ns ns Switching Waveforms Figure 7. SRAM Write Cycle 1: WE Controlled [10, 11] tWC ADDRESS tSCE CE tHA tAW tSA WE tPWE tSD tHD DATA IN DATA VALID tHZWE DATA OUT PREVIOUS DATA HIGH IMPEDANCE tLZWE Figure 8. SRAM Write Cycle 2: CE Controlled [10, 11] tWC ADDRESS CE tSA tAW tPWE tSCE tHA WE tSD DATA IN DATA VALID tHD DATA OUT HIGH IMPEDANCE Notes 10. If WE is Low when CE goes Low, the outputs remain in the high impedance state. 11. CE or WE must be greater than VIH during address transitions. Document Number: 001-06422 Rev. *H Page 10 of 18 [+] Feedback CY14B256L AutoStore or Power Up RECALL Parameter tHRECALL [12] tSTORE [13, 14] VSWITCH tVCCRISE Alt tRESTORE tHLHZ Description Power up RECALL Duration STORE Cycle Duration Low Voltage Trigger Level VCC Rise Time Figure 9. AutoStore/Power Up RECALL STORE occurs only if a SRAM write has happened No STORE occurs without atleast one SRAM write CY14B256L Min Max 20 12.5 2.65 150 Unit ms ms V s Switching Waveforms VCC VSWITCH tVCCRISE AutoStore tSTORE tSTORE POWER-UP RECALL tHRECALL Read & Write Inhibited tHRECALL Note Read and Write cycles are ignored during STORE, RECALL, and while Vcc is below VSWITCH Notes 12. tHRECALL starts from the time VCC rises above VSWITCH. 13. If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place. 14. Industrial grade devices requires 15 ms max. Document Number: 001-06422 Rev. *H Page 11 of 18 [+] Feedback CY14B256L Software Controlled STORE/RECALL Cycle The software controlled STORE/RECALL cycle follows. [15, 16] Parameter tRC[16] tSA tCW tHA tRECALL tAVAV tAVEL tELEH tGHAX, tELAX Alt Description STORE/RECALL Initiation Cycle Time Address Setup Time Clock Pulse Width Address Hold Time RECALL Duration 25 ns Min 25 0 20 1 120 Max 35 0 25 1 120 35 ns Min Max 45 0 30 1 120 45 ns Min Max Unit ns ns ns ns s Switching Waveforms Figure 10. CE Controlled Software STORE/RECALL Cycle [16] tRC ADDRESS ADDRESS # 1 tRC ADDRESS # 6 tSA CE tSCE tHA OE t STORE / t RECALL DQ (DATA) DATA VALID DATA VALID HIGH IMPEDANCE Figure 11. OE Controlled Software STORE/RECALL Cycle [16] tRC ADDRESS ADDRESS # 1 tRC ADDRESS # 6 CE tSA OE tSCE tHA DQ (DATA) DATA VALID t STORE / t RECALL DATA VALID HIGH IMPEDANCE Notes 15. The software sequence is clocked on the falling edge of CE controlled READs or OE controlled READs. 16. The six consecutive addresses must be read in the order listed in the Mode Selection table. WE must be HIGH during all six consecutive cycles. Document Number: 001-06422 Rev. *H Page 12 of 18 [+] Feedback CY14B256L Hardware STORE Cycle Parameter tPHSB tDELAY [17] Alt tHLHX tHLQZ , tBLQZ Description Hardware STORE Pulse Width Time Allowed to Complete SRAM Cycle Soft Sequence Processing Time CY14B256L Min 15 1 70 70 Max Unit ns s us tss[18, 19] Switching Waveforms Figure 12. Hardware STORE Cycle Figure 13. Soft Sequence Processing [18, 19] Notes 17. Read and Write cycles in progress before HSB are given this amount of time to complete. 18. This is the amount of time it takes to take action on a soft sequence command. Vcc power must remain HIGH to effectively register command. 19. Commands such as STORE and RECALL lock out IO until operation is complete which further increases this time. See specific command. Document Number: 001-06422 Rev. *H Page 13 of 18 [+] Feedback CY14B256L Part Numbering Nomenclature CY 14 B 256 L- SZ 25 X C T Option: T-Tape and Reel Blank - Std. Temperature: C - Commercial (0 to 70C) I - Industrial (-40 to 85C) Pb-Free Package: SZ - 32-SOIC SP - 48-SSOP Speed: 25 - 25 ns 35 - 35 ns 45 - 45 ns Data Bus: L - x8 Voltage: E - 5.0V nvSRAM 14 - AutoStore + Software Store + Hardware Store Cypress Density: 256 - 256 Kb Ordering Information Speed (ns) 25 Ordering Code CY14B256L-SZ25XCT CY14B256L-SZ25XC CY14B256L-SP25XCT CY14B256L-SP25XC CY14B256L-SZ25XIT CY14B256L-SZ25XI CY14B256L-SP25XIT CY14B256L-SP25XI 35 CY14B256L-SZ35XCT CY14B256L-SZ35XC CY14B256L-SP35XCT CY14B256L-SP35XC CY14B256L-SZ35XIT CY14B256L-SZ35XI CY14B256L-SP35XIT CY14B256L-SP35XI Package Diagram 51-85127 51-85127 51-85061 51-85061 51-85127 51-85127 51-85061 51-85061 51-85127 51-85127 51-85061 51-85061 51-85127 51-85127 51-85061 51-85061 Package Type 32-pin SOIC 32-pin SOIC 48-pin SSOP 48-pin SSOP 32-pin SOIC 32-pin SOIC 48-pin SSOP 48-pin SSOP 32-pin SOIC 32-pin SOIC 48-pin SSOP 48-pin SSOP 32-pin SOIC 32-pin SOIC 48-pin SSOP 48-pin SSOP Industrial Commercial Industrial Operating Range Commercial Document Number: 001-06422 Rev. *H Page 14 of 18 [+] Feedback CY14B256L Ordering Information Speed (ns) 45 Ordering Code CY14B256L-SZ45XCT CY14B256L-SZ45XC CY14B256L-SP45XCT CY14B256L-SP45XC CY14B256L-SZ45XIT CY14B256L-SZ45XI CY14B256L-SP45XIT CY14B256L-SP45XI Package Diagram 51-85127 51-85127 51-85061 51-85061 51-85127 51-85127 51-85061 51-85061 Package Type 32-pin SOIC 32-pin SOIC 48-pin SSOP 48-pin SSOP 32-pin SOIC 32-pin SOIC 48-pin SSOP 48-pin SSOP Industrial Operating Range Commercial All parts are Pb-free. The above table contains Final information. Please contact your local Cypress sales representative for availability of these parts Package Diagrams Figure 14. 32-Pin (300 Mil) SOIC (51-85127) PIN 1 ID 16 1 0.292[7.416] 0.299[7.594] 0.405[10.287] 0.419[10.642] DIMENSIONS IN INCHES[MM] REFERENCE JEDEC MO-119 MIN. MAX. 17 32 PART # S32.3 STANDARD PKG. SZ32.3 LEAD FREE PKG. SEATING PLANE 0.810[20.574] 0.822[20.878] 0.090[2.286] 0.100[2.540] 0.004[0.101] 0.050[1.270] TYP. 0.014[0.355] 0.020[0.508] 0.026[0.660] 0.032[0.812] 0.004[0.101] 0.0100[0.254] 51-85058 0.021[0.533] 0.041[1.041] *A 0.006[0.152] 0.012[0.304] 51-85127-*A Document Number: 001-06422 Rev. *H Page 15 of 18 [+] Feedback CY14B256L Package Diagrams (continued) Figure 15. 48-Pin (300 mil) Shrunk Small Outline Package (51-85061) 51-85061-*C Document Number: 001-06422 Rev. *H Page 16 of 18 [+] Feedback CY14B256L Document History Page Document Title: CY14B256L 256 Kbit (32K x 8) nvSRAM Document Number: 001-06422 Rev. ** *A *B ECN No. 425138 437321 471966 Submission Date See ECN See ECN See ECN Orig. of Change TUP TUP TUP New data sheet Show data sheet on External Web Changed VIH(min) from 2.2V to 2.0V Changed tRECALL from 60 s to 50 s Changed Endurance from one million cycles to 500K cycles Changed Data Retention from 100 years to 20 years Added Soft Sequence Processing Time Waveform Updated Part Numbering Nomenclature and Ordering Information Changed from "Advance" to "Preliminary" Changed the term "Unlimited" to "Infinite" Changed endurance from 500K cycles to 200K cycles Device operation: Tolerance limit changed from + 20% to + 15% in the Features Section and Operating Range Table Removed Icc1 values from the DC table for 25 ns and 35 ns industrial grade Changed VSWITCH(min) from 2.55V to 2.45V Added temperature specification to data retention - 20 years at 55C Changed the max value of Vcap storage capacitor from 120 F to 57 F Updated Part Nomenclature Table and Ordering Information Table Removed VSWITCH(min) specification from the AutoStore/Power Up RECALL table Changed tGLAX specification from 20 ns to 1 ns Added tDELAY(max) specification of 70 s in the Hardware STORE Cycle table Removed tHLBL specification Changed tSS specification from 70 s (min) to 70 s (max) Changed VCAP(max) from 57 F to 120 F Added footnote 6 related to HSB. Changed tGLAX to tGHAX Changed from Preliminary to Final. Updated Ordering Information Table Changed tolerance from +15%, -10% to +20%, -10% Changed Operating voltage range from 2.7V-3.45V to 2.7V-3.6V. Updated "features" Updated WE pin description Added data retention at 55oC Added best practices Added ICC1 spec for 25ns and 35ns access speed for industrial temperate Updated VIH from Vcc+0.3 to Vcc+0.5 Removed footnote 4 and 5 Added Data retention and Endurance Table Added Thermal resistance values Changed parameter tAS to tSA Changed tRECALL from 50us to 120us (Including tss of 70us) Renamed tGLAX to tHA Updated Figure 11 and 12 Renamed tHLHX to tPHSB Updated Figure 12 and 13 Description of Change *C 503277 See ECN PCI *D 597004 See ECN TUP *E *F *G *H 696097 1349963 2483006 2625139 See ECN See ECN See ECN 01/30/09 VKN SFV GVCH/PYRS GVCH/PYRS Document Number: 001-06422 Rev. *H Page 17 of 18 [+] Feedback CY14B256L Sales, Solutions, and Legal Information Worldwide Sales and Design Support Cypress maintains a worldwide network of offices, solution centers, manufacturer's representatives, and distributors. To find the office closest to you, visit us at cypress.com/sales Products PSoC Clocks & Buffers Wireless Memories Image Sensors psoc.cypress.com clocks.cypress.com wireless.cypress.com memory.cypress.com image.cypress.com PSoC Solutions General Low Power/Low Voltage Precision Analog LCD Drive CAN 2.0b USB psoc.cypress.com/solutions psoc.cypress.com/low-power psoc.cypress.com/precision-analog psoc.cypress.com/lcd-drive psoc.cypress.com/can psoc.cypress.com/usb (c) Cypress Semiconductor Corporation, 2006-2009. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement. Document Number: 001-06422 Rev. *H Revised January 30, 2009 Page 18 of 18 AutoStore and QuantumTrap are registered trademarks of Cypress Semiconductor Corporation. All products and company names mentioned in this document may be the trademarks of their respective holders. [+] Feedback |
Price & Availability of CY14B256L-SP35XC
![]() |