Part Number Hot Search : 
M6271X A5800423 FN155 LT124 AN5125 OPI125 APU429 07370
Product Description
Full Text Search
 

To Download BUK9520-100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUK9520-100B
N-channel TrenchMOS logic level FET
Rev. 01 -- 6 May 2009 Product data sheet
1. Product profile
1.1 General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology. This product has been designed and qualified to the appropriate AEC standard for use in automotive critical applications.
1.2 Features and benefits
AEC-Q101 compliant Low conduction losses due to low on-state resistance Suitable for logic level gate drive sources Suitable for thermally demanding environments due to 175 C rating
1.3 Applications
12 V, 24 V and 42 V loads Automotive and general purpose power switching Motors, lamps and solenoids
1.4 Quick reference data
Table 1. VDS ID Ptot Quick reference Conditions VGS = 5 V; Tmb = 25 C; see Figure 1; see Figure 3 Tmb = 25 C; see Figure 2 Min Typ Max 100 63 203 Unit V A W drain-source voltage Tj 25 C; Tj 175 C drain current total power dissipation Symbol Parameter
Avalanche ruggedness EDS(AL)S non-repetitive drain-source avalanche energy Static characteristics RDSon drain-source on-state resistance VGS = 4.5 V; ID = 25 A; Tj = 25 C; see Figure 11; see Figure 12 VGS = 5 V; ID = 25 A; Tj = 25 C; see Figure 12; see Figure 11 16.4 22.3 m ID = 63 A; Vsup 100 V; RGS = 50 ; VGS = 5 V; Tj(init) = 25 C; unclamped 222 mJ
-
16.2
20
m
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
2. Pinning information
Table 2. Pin 1 2 3 mb Pinning information Symbol G D S D Description gate drain source mounting base; connected to drain
mb
D
Simplified outline
Graphic symbol
G
mbb076
S
123
SOT78A (3-lead TO-220AB; SC-46; SFM3)
3. Ordering information
Table 3. Ordering information Package Name BUK9520-100B 3-lead TO-220AB; SC-46; SFM3 Description Version plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead SOT78A TO-220AB Type number
BUK9520-100B_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
2 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
4. Limiting values
Table 4. Symbol VDS VDGR VGS ID IDM Ptot Tstg Tj IS ISM EDS(AL)S Limiting values Parameter drain-source voltage drain-gate voltage gate-source voltage drain current peak drain current total power dissipation storage temperature junction temperature source current peak source current Tmb = 25 C tp 10 s; pulsed; Tmb = 25 C Tmb = 25 C; VGS = 5 V; see Figure 1; see Figure 3 Tmb = 100 C; VGS = 5 V; see Figure 1 Tmb = 25 C; tp 10 s; pulsed; see Figure 3 Tmb = 25 C; see Figure 2 Conditions Tj 25 C; Tj 175 C RGS = 20 k Min -15 -55 -55 Max 100 100 15 63 45 253 203 175 175 63 253 222 Unit V V V A A A W C C A A mJ
In accordance with the Absolute Maximum Rating System (IEC 60134).
Source-drain diode
Avalanche ruggedness non-repetitive ID = 63 A; Vsup 100 V; RGS = 50 ; VGS = 5 V; drain-source avalanche Tj(init) = 25 C; unclamped energy
120 Ider (%) 80
03aa24
120 Pder (%) 80
03na19
40
40
0 0 50 100 150 Tmb (C) 200
0 0 50 100 150 Tmb (C) 200
Fig 1.
Normalized continuous drain current as a function of mounting base temperature
Fig 2.
Normalized total power dissipation as a function of mounting base temperature
BUK9520-100B_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
3 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
103 ID (A) 102 Limit RDSon = VDS / ID tp =10 s 100 s 10 DC 1ms 10 ms 100 ms
003aac769
1
10-1 1 10 102 VDS (V) 103
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
5. Thermal characteristics
Table 5. Symbol Rth(j-mb) Thermal characteristics Parameter Conditions Min Typ Max 0.75 Unit K/W thermal resistance from see Figure 4 junction to mounting base thermal resistance from vertical in still air; SOT78 package junction to ambient
Rth(j-a)
-
60
-
K/W
1 Zth (j-mb) (K/W) = 0.5 0.2 10-1 0.1 0.05 0.02 10
-2
003a a c770
P
=
tp T
s ingle s hot
tp T
t
10-3 1e -6
10-5
10-4
10-3
10-2
10-1
tp (s )
1
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration
BUK9520-100B_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
4 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
6. Characteristics
Table 6. Symbol V(BR)DSS VGS(th) Characteristics Parameter drain-source breakdown voltage gate-source threshold voltage Conditions ID = 0.25 mA; VGS = 0 V; Tj = 25 C ID = 0.25 mA; VGS = 0 V; Tj = -55 C ID = 1 mA; VDS = VGS; Tj = 25 C; see Figure 10 ID = 1 mA; VDS = VGS; Tj = 175 C; see Figure 10 ID = 1 mA; VDS = VGS; Tj = -55 C; see Figure 10 IDSS IGSS RDSon drain leakage current gate leakage current drain-source on-state resistance VDS = 100 V; VGS = 0 V; Tj = 175 C VDS = 100 V; VGS = 0 V; Tj = 25 C VDS = 0 V; VGS = -10 V; Tj = 25 C VDS = 0 V; VGS = 10 V; Tj = 25 C VGS = 4.5 V; ID = 25 A; Tj = 25 C; see Figure 11; see Figure 12 VGS = 10 V; ID = 25 A; Tj = 25 C; see Figure 11; see Figure 12 VGS = 5 V; ID = 25 A; Tj = 175 C; see Figure 12; see Figure 11 VGS = 5 V; ID = 25 A; Tj = 25 C; see Figure 12; see Figure 11 Dynamic characteristics QG(tot) QGS QGD Ciss Coss Crss td(on) tr td(off) tf LD total gate charge gate-source charge gate-drain charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time internal drain inductance from drain lead 6 mm from package to centre of die; Tj = 25 C from upper edge of drain mounting base to centre of die; Tj = 25 C LS internal source inductance from source lead to source bond pad; Tj = 25 C VDS = 30 V; RL = 1.2 ; VGS = 5 V; RG(ext) = 10 ; Tj = 25 C VGS = 0 V; VDS = 25 V; f = 1 MHz; Tj = 25 C; see Figure 16 ID = 25 A; VDS = 80 V; VGS = 5 V; Tj = 25 C; see Figure 14; see Figure 15 53.4 9.5 21.2 4300 340 150 45 116 173 77 4.5 2.5 7.5 5657 411 201 nC nC nC pF pF pF ns ns ns ns nH nH nH Min 100 90 1 0.5 Typ 1.58 0.05 2 2 16.4 15.6 16.2 Max 2 2.3 500 1 100 100 22.3 18.5 50 20 Unit V V V V V A A nA nA m m m m
Static characteristics
BUK9520-100B_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
5 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
Table 6. Symbol VSD trr Qr
Characteristics ...continued Parameter source-drain voltage reverse recovery time recovered charge Conditions IS = 25 A; VGS = 0 V; Tj = 25 C; see Figure 13 IS = 20 A; dIS/dt = -100 A/s; VGS = 0 V; VDS = 30 V; Tj = 25 C Min Typ 0.86 80 272 Max 1.2 Unit V ns nC
Source-drain diode
10-1 ID (A) 10-2
03aa36
150 ID (A) 120
003a a c771
VGS (V) =10 4.5 3.4
10-3 min 10-4 typ max
90 3.2
60
3
10-5
30
2.7 2.5
10-6 0 1 2 VGS (V) 3
0 0 1 2 3 4 VDS (V) 5
Fig 5.
Sub-threshold drain current as a function of gate-source voltage
003a a c772
Fig 6.
Output characteristics: drain current as a function of drain-source voltage; typical values
003a a c774
28 RDS on (m) 24
160 gfs (S ) 120
20
80
16
40
12 2 4 6 8 VGS (V) 10
0 0 30 60 90 I D (A) 120
Fig 7.
Drain-source on-state resistance as a function of gate-source voltage; typical values.
Fig 8.
Forward transconductance as a function of drain current; typical values.
BUK9520-100B_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
6 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
120 ID (A) 90
003a a c776
2.5 VGS(th) (V) 2 max
03aa33
1.5 60 1 Tj = 150 C 30 25 C 0.5
typ
min
0 0 1 2 3 VGS (V) 4
0 -60
0
60
120
Tj (C)
180
Fig 9.
Transfer characteristics: drain current as a function of gate-source voltage; typical values.
50
003a a c773
Fig 10. Gate-source threshold voltage as a function of junction temperature
3
03aa29
RDS on (m) 40
2.5 2.7
3
3.2
3.4 a VGS (V) = 4.5
2
30
10
1 20
10 0 30 60 90 120 I D (A) 150
0 -60
0
60
120
Tj (C)
180
Fig 11. Drain-source on-state resistance as a function of drain current; typical values.
Fig 12. Normalized drain-source on-state resistance factor as a function of junction temperature
BUK9520-100B_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
7 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
120 IS (A) 90
003a a c778
VDS ID VGS(pl) VGS(th) VGS
60
150 C 30
Tj = 25 C
QGS1
QGS2 QGD QG(tot)
003aaa508
QGS
0 0 0.5 1 1.5 V (V) 2 SD
Fig 14. Gate charge waveform definitions
Fig 13. Source current as a function of source drain voltage; typical values.
5 VGS (V) 4 VDS = 14V 3 VDS = 80V 103 2 Cos s 1 Crs s 0 0 20 40 QG (nC) 60 10
2
003a a c777
104 C (pF)
003a a c775
Tj = 25 C Cis s
10-1
1
10
2 VDS (V) 10
Fig 15. Gate-source voltage as a function of turn-on gate charge; typical values.
Fig 16. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values
BUK9520-100B_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
8 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
7. Package outline
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB SOT78A
E p
A A1 q
D1
mounting base
D
L1(1)
L2 Q
L
b1
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.6 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1(1) 3.30 2.79 L2 max. 3.0 p 3.8 3.6 q 3.0 2.7 Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78A REFERENCES IEC JEDEC 3-lead TO-220AB JEITA SC-46 EUROPEAN PROJECTION ISSUE DATE 03-01-22 05-03-14
Fig 17. Package outline SOT78A (3-lead TO-220AB; SC-46; SFM3)
BUK9520-100B_1 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
9 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
8. Revision history
Table 7. Revision history Release date 20090506 Data sheet status Product data sheet Change notice Supersedes Document ID BUK9520-100B_1
BUK9520-100B_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
10 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
9. Legal information
9.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status [1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term 'short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
9.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
9.3
Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk.
9.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. TrenchMOS -- is a trademark of NXP B.V.
10. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
BUK9520-100B_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 6 May 2009
11 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
11. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 9.1 9.2 9.3 9.4 10 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 General description . . . . . . . . . . . . . . . . . . . . . .1 Features and benefits . . . . . . . . . . . . . . . . . . . . .1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 Quick reference data . . . . . . . . . . . . . . . . . . . . .1 Pinning information . . . . . . . . . . . . . . . . . . . . . . .2 Ordering information . . . . . . . . . . . . . . . . . . . . . .2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .3 Thermal characteristics . . . . . . . . . . . . . . . . . . .4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . .9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . .10 Legal information. . . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Contact information. . . . . . . . . . . . . . . . . . . . . . 11
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 6 May 2009 Document identifier: BUK9520-100B_1


▲Up To Search▲   

 
Price & Availability of BUK9520-100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X