Part Number Hot Search : 
S339I 5KP54CA LT1079M 2SD26751 MR851 30030 MPS650 TIP100
Product Description
Full Text Search
 

To Download BFC237076224 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKT 370
Vishay BCcomponents
DC Film Capacitors MKT Radial Potted Type
l w
FEATURES
5.08 mm lead pitch. Supplied loose in box, taped on ammopack or reel Compliant to RoHS directive 2002/95/EC
h
ENCAPSULATION
Flame retardant plastic case and epoxy resin (UL-class 94 V-0)
lt P 0.3
O dt
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/100/56 for rated voltage 63 V 55/105/56 for rated voltage > 63 V
Dimensions in mm
APPLICATIONS
Blocking and coupling, bypass and energy reservoir, telecom, industrial, consumer
CAPACITANCE RANGE (E12 SERIES)
0.00068 F to 1.5 F
REFERENCE STANDARDS
IEC 60384-2
CAPACITANCE TOLERANCE
10 %, 5 %
MARKING
C-value; tolerance; rated voltage; manufacturer's symbol; year and week of manufacturer; manufacturer's type
LEADS
Tinned wire
RATED TEMPERATURE DIELECTRIC
Polyester film 85 C
MAXIMUM APPLICATION TEMPERATURE ELECTRODES
Metallized 100 C for rated voltage 63 V 105 C for rated voltage > 63 V
CONSTRUCTION
Mono construction Series construction for 630 V 0.00068 F ~ 0.0018 F
PERFORMANCE GRADE
Grade 1 (long life)
DETAIL SPECIFICATION RATED (DC) VOLTAGE
63 V, 100 V, 250 V, 400 V, 630 V For more detailed data and test requirements contact: dc-film@vishay.com
RATED (AC) VOLTAGE
40 V, 63 V, 160 V, 220 V
Document Number: 28108 Revision: 04-Aug-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 77
MKT 370
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
TYPE AND PITCHES 370 5.08 mm CAPACITANCE (numerically) Example: 104 = 10 x 10 = 100 nF MULTIPLIER (nF) 0.1 1 10 100 2 3 4 5
DC Film Capacitors MKT Radial Potted Type
BFC2 2222 (*)
TYPE PACKAGING
370 370
XX XX
C-TOL. 10 % 5% 10 % 5% 10 % 5% 10 % 5% C-TOL. 10 % 5% 10 % 5% 10 % 5% 10 % 5%
YY YY
Y Y
63 V 11 12 15 16 18 19 75 76 PREFERRED TYPES 100 V 250 V 21 41 22 42 25 45 26 46 28 48 29 49 85 35 86 36 PREFERRED TYPES 250 V 400 V EE FE EF FF EH FH EI FI EL FL EM FM EB FB EC FC 400 V 51 52 55 56 58 59 65 66 630 V GE GF GH GI GL GM GB GC
(*) Old ordering number LEAD CONFIGURATION Lead length 4.0 mm + 1.0 mm/- 0.5 mm Lead length 26.0 mm 2.0 mm Taped on reel (1) Ammopack (1) TYPE PACKAGING H = 18.5 mm; P0 = 12.7 mm; Reel diameter = 356 mm H = 18.5 mm; P0 = 12.7 mm LEAD CONFIGURATION Lead length 4.0 mm + 1.0 mm/- 0.5 mm Lead length 26.0 mm 2.0 mm Taped on reel (1) Ammopack (1) H = 18.5 mm; P0 = 12.7 mm; Reel diameter = 356 mm H = 18.5 mm; P0 = 12.7 mm
Loose in box 370 (standard size)
Loose in box 370 (compact size)
100 V CE CF CH CI CL CM CB CC
Note (1) For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 or end of catalog
SPECIFIC REFERENCE DATA (STANDARD SIZE)
DESCRIPTION Tangent of loss angle: C 0.1 F 0.1 F < C 0.47 F 0.47 F < C 1.5 F Rated voltage pulse slope (dU/dt)R at R between leads, for C 0.33 F at 10 V; 1 min at 100 V; 1 min RC between leads 0.33 F < C 1.0 F at 10 V; 1 min C > 1.0 F at 10 V; 1 min C > 0.33 F at 100 V; 1 min R between interconnecting leads and case (foil method) Withstanding (DC) voltage (cut off current 10 mA); Withstanding (DC) voltage between leads and case Maximum application temperature 63 Vdc 60 V/s > 15 000 M > 15 000 M > 5000 s > 1000 s > 30 000 M 100 V; 1 min 200 V; 1 min 100 C > 5000 s > 30 000 M 160 V; 1 min 200 V; 1 min > 30 000 M 400 V; 1 min 500 V; 1 min 105 C > 30 000 M 640 V; 1 min 800 V; 1 min > 30 000 M > 30 000 M at 1 kHz 75 x 10-4 75 x 10-4 75 x 10-4 100 Vdc 110 V/s VALUE at 10 kHz 130 x 10-4 130 x 10-4 130 x 10-4 250 Vdc 330 V/s at 100 kHz 220 x 10-4 300 x 10-4 400 Vdc 630 V/s
www.vishay.com 78
For technical questions, contact: dc-film@vishay.com
Document Number: 28108 Revision: 04-Aug-09
MKT 370
DC Film Capacitors MKT Radial Potted Type
SPECIFIC REFERENCE DATA (COMPACT SIZE)
DESCRIPTION Tangent of loss angle: C 0.1 F 0.1 F < C 0.47 F C > 0.47 F Rated voltage pulse slope (dU/dt)R at R between leads, for C 0.33 F at 100 V; 1 min RC between leads C > 0.33 F at 100 V; 1 min R between interconnecting leads and case (foil method) Withstanding (DC) voltage (cut off current 10 mA); Withstanding (DC) voltage between leads and case Maximum application temperature > 5000 s > 30 000 M 160 V; 1 min 200 V; 1 min 100 C > 30 000 M 400 V; 1 min 500 V; 1 min > 30 000 M 640 V; 1 min 800 V; 1 min 105 C > 30 000 M 1008 V; 1 min 1260 V; 1 min > 15 000 M > 30 000 M > 30 000 M > 30 000 M 100 Vdc 37 V/s at 1 kHz 75 x 10-4 75 x 10-4 75 x 10-4 250 Vdc 44 V/s VALUE at 10 kHz 130 x 10-4 130 x 10-4 130 x 10-4 400 Vdc 200 V/s at 100 kHz 220 x 10-4 300 x 10-4 630 Vdc 540 V/s
Vishay BCcomponents
URdc = 63 V; URac = 40 V CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING AMMOPACK C (F) DIMENSIONS wxhxl (mm) MASS (g) (1) H = 18.5 mm; P0 = 12.7 mm C-tol. = 10 % XX (SPQ) Pitch = 5.08 0.30 mm; dt = 0.50 0.05 mm 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2
(2)
LOOSE IN BOX Short leads C-tol. = 10 % XX (SPQ) C-tol. = 5% XX (SPQ) Long leads C-tol. = 10 % XX (SPQ) C-tol. = 5% XX (SPQ)
REEL C-VALUE C-tol. = 10 % XX (SPQ) C-tol. = 5% XX (SPQ) ..YYY
C-tol. = 5% XX (SPQ)
563 683 823 2.5 x 6.5 x 7.2 0.18 75... (2000) 76... (2000) 11... (2000) 12... (2000) 15... (1000) 16... (1000) 18... (2000) 19... (2000) 104 124 154 184 224 274 3.5 x 8.0 x 7.2 0.3 75... (1500) 76... (1500) 11... (2000) 12... (2000) 15... (1000) 16... (1000) 18... (1500) 19... (1500) 334 394 474 4.5 x 9.0 x 7.2 0.42 75... (1000) 76... (1000) 11... (2000) 12... (2000) 15... (1000) 16... (1000) 18... (1000) 19... (1000) 564 684 824 6.0 x 11.0 x 7.2 0.64 75... (750) 76... (750) 11... (2000) 12... (2000) 15... (1000) 16... (1000) 18... (1000) 19... (1000) 105 125 155
1.5 (2) Notes (1) Weight for short lead products only (2) For C = 1.2 F and C = 1.5 F: U Rdc = 50 V and URac = 32 V * SPQ = Standard Packing Quantity
Document Number: 28108 Revision: 04-Aug-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 79
MKT 370
Vishay BCcomponents
URdc = 100 V; URac = 63 V (standard size) CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING AMMOPACK C (F) DIMENSIONS wxhxl (mm) MASS (g) (1) H = 18.5 mm; P0 = 12.7 mm C-tol. = 10 % XX (SPQ) Pitch = 5.08 mm 0.30 mm; dt = 0.50 mm 0.05 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47
(1)
DC Film Capacitors MKT Radial Potted Type
LOOSE IN BOX Short leads C-tol. = 10 % XX (SPQ) C-tol. = 5% XX (SPQ) Long leads C-tol. = 10 % XX (SPQ) C-tol. = 5% XX (SPQ)
REEL C-VALUE C-tol. = 10 % XX (SPQ) C-tol. = 5% XX (SPQ) ..YYY
C-tol. = 5% XX (SPQ)
102 122 152 182 222 272 332 392 472 562 682 822 2.5 x 6.5 x 7.2 0.18 85... (2000) 86... (2000) 21... (2000) 22... (2000) 25... (1000) 26... (1000) 28... (2000) 29... (2000) 103 123 153 183 223 273 333 393 473 563 683 823 104 124 3.5 x 8.0 x 7.2 0.30 85... (1500) 86... (1500) 21... (2000) 22... (2000) 25... (1000) 26... (1000) 28... (1500) 29... (1500) 154 184 224 4.5 x 9.0 x 7.2 0.42 85... (1000) 85... (750) 86... (1000) 86... (750) 21... (2000) 21... (2000) 22... (2000) 22... (2000) 25... (1000) 25... (1000) 26... (1000) 26... (1000) 28... (1000) 28... (1000) 29... (1000) 29... (1000) 274 334 6.0 x 11.0 x 7.2 0.64 394 474
Notes Weight for short lead product only * SPQ = Standard Packing Quantity
www.vishay.com 80
For technical questions, contact: dc-film@vishay.com
Document Number: 28108 Revision: 04-Aug-09
MKT 370
DC Film Capacitors MKT Radial Potted Type
URdc = 100 V; URac = 40 V (compact size) CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING AMMOPACK LOOSE IN BOX REEL H = 18.5 mm; DIMENSIONS Short leads Long leads MASS C P0 = 12.7 mm wxhxl (g) (1) (F) C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = (mm) 10 % 5% 10 % 5% 10 % 5% 10 % 5% XX XX XX XX XX XX XX XX (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) Pitch = 5.08 mm 0.30 mm; dt = 0.50 mm 0.05 mm 0.12 0.15 0.18 CB... CC... CE... CF... CH... CI... CL... CM... 3.5 x 8.0 x 7.2 0.30 (1500) (1500) (2000) (2000) (1000) (1000) (1500) (1500) 0.22 0.27 0.33 0.39 CB... CC... CE... CF... CH... CI... CL... CM... 4.5 x 9.0 x 7.2 0.42 (1000) (1000) (2000) (2000) (1000) (1000) (1000) (1000) 0.47 0.56 6.0 x 11.0 x 7.2 0.64 CB... (750) CC... (750) CE... (2000) CF... (2000) CH... (1000) CI... (1000) CL... (1000) CM... (1000)
Vishay BCcomponents
C-VALUE
..YYY 124 154 184 224 274 334 394 474 564
Notes (1) Weight for short lead product only * SPQ = Standard Packing Quantity URdc = 250 V; URac = 160 V (standard size) CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING AMMOPACK LOOSE IN BOX REEL H = 18.5 mm; DIMENSIONS Short leads Long leads MASS C P0 = 12.7 mm wxhxl (g) (1) (F) C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = (mm) 10 % 5% 10 % 5% 10 % 5% 10 % 5% XX XX XX XX XX XX XX XX (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) Pitch = 5.08 mm 0.30 mm; dt = 0.50 mm 0.05 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 35... 36... 41... 42... 45... 46... 48... 49... 2.5 x 6.5 x 7.2 0.18 (2000) (2000) (2000) (2000) (1000) (1000) (2000) (2000) 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 35... 36... 41... 42... 45... 46... 48... 49... 0.027 3.5 x 8.0 x 7.2 0.30 (1500) (1500) (2000) (2000) (1000) (1000) (1500) (1500) 0.033 0.039 35... 36... 41... 42... 45... 46... 48... 49... 0.047 4.5 x 9.0 x 7.2 0.42 (1000) (1000) (2000) (2000) (1000) (1000) (1000) (1000) 0.056 0.068 41... 42... 45... 46... 48... 49... 35... 36... 0.082 6.0 x 11.0 x 7.2 0.64 (750) (2000) (2000) (1000) (1000) (1000) (1000) (750) 0.10
(1)
C-VALUE
..YYY 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 183 223 273 333 393 473 563 683 823 104
Notes Weight for short lead product only * SPQ = Standard Packing Quantity For technical questions, contact: dc-film@vishay.com www.vishay.com 81
Document Number: 28108 Revision: 04-Aug-09
MKT 370
Vishay BCcomponents
URdc = 250 V; URac = 63 V (compact size) CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING AMMOPACK LOOSE IN BOX REEL H = 18.5 mm; DIMENSIONS Short leads Long leads MASS C P0 = 12.7 mm wxhxl (g) (1) (F) C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = (mm) 10 % 5% 10 % 5% 10 % 5% 10 % 5% XX XX XX XX XX XX XX XX (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) Pitch = 5.08 mm 0.30 mm; dt = 0.50 mm 0.05 mm 0.022 EB... EC... EE... EF... EH... EI... EL... EM... 2.5 x 6.5 x 7.2 0.18 (2000) (2000) (2000) (2000) (1000) (1000) (2000) (2000) 0.027 0.033 0.039 EB... EC... EE... EF... EH... EI... EL... EM... 3.5 x 8.0 x 7.2 0.30 0.047 (1500) (1500) (2000) (2000) (1000) (1000) (1500) (1500) 0.056 0.068 0.082 EB... EC... EE... EF... EH... EI... EL... EM... 4.5 x 9.0 x 7.2 0.42 (1000) (1000) (2000) (2000) (1000) (1000) (1000) (1000) 0.10 0.12 0.15 EB... EC... EE... EF... EH... EI... EL... EM... 6.0 x 11.0 x 7.2 0.64 (750) (750) (2000) (2000) (1000) (1000) (1000) (1000) 0.18 0.22 Notes (1) Weight for short lead product only * SPQ = Standard Packing Quantity URdc = 400 V; URac = 220 V (standard size) CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING AMMOPACK LOOSE IN BOX REEL H = 18.5 mm; DIMENSIONS Short leads Long leads MASS C P0 = 12.7 mm wxhxl (g) (1) (F) C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = (mm) 10 % 5% 10 % 5% 10 % 5% 10 % 5% XX XX XX XX XX XX XX XX (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) Pitch = 5.08 mm 0.30 mm; dt = 0.50 mm 0.05 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 65... 66... 51... 52... 55... 56... 58... 59... 2.5 x 6.5 x 7.2 0.18 (2000) (2000) (2000) (2000) (1000) (1000) (2000) (2000) 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 65... 66... 51... 52... 55... 56... 58... 59... 3.5 x 8.0 x 7.2 0.30 0.012 (1500) (1500) (2000) (2000) (1000) (1000) (1500) (1500) 0.015 0.018 65... 66... 51... 52... 55... 56... 58... 59... 4.5 x 9.0 x 7.2 0.42 0.022 (1000) (1000) (2000) (2000) (1000) (1000) (1000) (1000) 0.027 0.033 58... 59... 65... 66... 51... 52... 55... 56... 6.0 x 11.0 x 7.2 0.64 0.039 (1000) (1000) (1000) (750) (750) (2000) (2000) (1000) 0.047 Notes Weight for short lead product only * SPQ = Standard Packing Quantity
(1)
DC Film Capacitors MKT Radial Potted Type
C-VALUE
..YYY 223 273 333 393 473 563 683 823 104 124 154 184 224
C-VALUE
..YYY 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 183 223 273 333 393 473
www.vishay.com 82
For technical questions, contact: dc-film@vishay.com
Document Number: 28108 Revision: 04-Aug-09
MKT 370
DC Film Capacitors MKT Radial Potted Type
URdc = 400 V; URac = 160 V (compact size) CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING AMMOPACK LOOSE IN BOX REEL H = 18.5 mm; DIMENSIONS Short leads Long leads MASS C P0 = 12.7 mm wxhxl (g) (1) (F) C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = (mm) 10 % 5% 10 % 5% 10 % 5% 10 % 5% XX XX XX XX XX XX XX XX (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) Pitch = 5.08 mm 0.30 mm; dt = 0.50 mm 0.05 mm 0.01 0.012 FB... FC... FE... FF... FH... FI... FL... FM... 2.5 x 6.5 x 7.2 0.18 (2000) (2000) (2000) (2000) (1000) (1000) (2000) (2000) 0.015 0.018 0.022 0.027 FB... FC... FE... FF... FH... FI... FL... FM... 3.5 x 8.0 x 7.2 0.30 (1500) (1500) (2000) (2000) (1000) (1000) (1500) (1500) 0.033 0.039 0.047 FB... FC... FE... FF... FH... FI... FL... FM... 4.5 x 9.0 x 7.2 0.42 (1000) (1000) (2000) (2000) (1000) (1000) (1000) (1000) 0.056 0.068 FB... FC... FE... FF... FH... FI... FL... FM... 6.0 x 11.0 x 7.2 0.64 0.082 (750) (750) (2000) (2000) (1000) (1000) (1000) (1000) 0.10
(1)
Vishay BCcomponents
C-VALUE
..YYY 103 123 153 183 223 273 333 393 473 563 683 823 104
Notes Weight for short lead product only * SPQ = Standard Packing Quantity
URdc = 630 V; URac = 220 V (compact size) CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING AMMOPACK LOOSE IN BOX REEL H = 18.5 mm; DIMENSIONS Short leads Long leads MASS C P0 = 12.7 mm wxhxl (g) (1) (F) C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = C-tol. = (mm) 10 % 5% 10 % 5% 10 % 5% 10 % 5% XX XX XX XX XX XX XX XX (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) (SPQ) Pitch = 5.08 mm 0.30 mm; dt = 0.50 mm 0.05 mm 0.00068 0.00082 0.001 0.0012 0.0015 0.0018 0.002 0.0022 GB... GC... GE... GF... GH... GI... GL... GM... 3.5 x 8.0 x 7.2 0.35 0.0024 (1500) (1500) (2000) (2000) (1000) (1000) (1500) (1500) 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 GB... GC... GE... GF... GH... GI... GL... GM... 4.5 x 9.0 x 7.2 0.45 (1000) (1000) (2000) (2000) (1000) (1000) (1000) (1000) 0.015 0.018 0.022 GB... GC... GE... GF... GH... GI... GL... GM... 6.0 x 11.0 x 7.2 0.65 (750) (750) (2000) (2000) (1000) (1000) (1000) (1000) 0.027 0.033 Notes (1) Weight for short lead product only * SPQ = Standard Packing Quantity Document Number: 28108 Revision: 04-Aug-09 For technical questions, contact: dc-film@vishay.com
C-VALUE
..YYY 681 821 102 122 152 182 202 222 242 272 332 392 472 562 682 822 103 123 153 183 223 273 333
www.vishay.com 83
MKT 370
Vishay BCcomponents
MOUNTING
Normal Use The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers are designed for mounting in printed-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 or end of catalog. Specific Method of Mounting to Withstand Vibration and Shock In order to withstand vibration and shock tests, it must be ensured that stand-off pips are in good contact with the printed-circuit board: * For pitches 15 mm capacitors shall be mechanically fixed by the leads * For larger pitches the capacitors shall be mounted in the same way and the body clamped Space Requirements On Printed-Circuit Board The maximum length and width of film capacitors is shown in the drawing: * Eccentricity as in drawing. The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned. * Product height with seating plane as given by "IEC 60717" as reference: hmax. h + 0.3 mm
DC Film Capacitors MKT Radial Potted Type
Eccentricity
bmax. = b + 0.3 mm
lmax. = l + 0.3 mm
Storage Temperature * Storage temperature: Tstg = - 25 C to + 40 C with RH maximum 80 % without condensation Ratings and Characteristics Reference Conditions Unless otherwise specified, all electrical values apply to an ambient temperature of 23 C 1 C, an atmospheric pressure of 86 kPa to 106 kPa and a relative humidity of 50 % 2 %. For reference testing, a conditioning period shall be applied over 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %.
www.vishay.com 84
For technical questions, contact: dc-film@vishay.com
Document Number: 28108 Revision: 04-Aug-09
MKT 370
DC Film Capacitors MKT Radial Potted Type
CHARACTERISTICS
Capacitance as a function of ambient temperature (typical curve) for voltage 63 V
6
C/C (%)
1 kHz
Vishay BCcomponents
Capacitance as a function of ambient temperature (typical curve) for voltages > 63 V
6
C/C (%)
1 kHz b. 100 V series c. 250 V series d. 400 V series d
max.
4 2 0
a. 63 V series
4 2
max.
c b
0
typical
typical
-2
a
-2 -4 min.
min.
-4 -6 - 60 - 20 20 60 Tamb (C) 100
-6 - 60
- 20
20
60 Tamb (C) 100
Capacitance as a function of frequency (typical curve)
Impedance ()
Impedance as a function of frequency
102
2 C/C (%)
1
101
63
63 V; 1 F
V; 1
25 00 nF
0V ;1
0n
F
0
10
0
-1
10-1
-2
10-2
-3 102
103
104
f (Hz)
105
10-3 104
105
106
107
f (Hz)
108
Max. AC voltage as a function of frequency
102 AC Voltage (V) Standard size 102 AC Voltage (V)
Max. AC voltage as a function of frequency
Standard size
101
10 0 22 nF 0 10 nF 00 nF
nF
56
101
100 101
Tamb 85 C, 63 Vdc 102 103 104 f (Hz) 105
85 C < Tamb 100 C, 63 Vdc 100 101 102 103 104
10 22 0 nF 0 10 nF 00 nF
56
f (Hz)
Document Number: 28108 Revision: 04-Aug-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 85
nF
105
MKT 370
Vishay BCcomponents
Max. AC voltage as a function of frequency
102 AC Voltage (V) 102 Standard size AC Voltage (V) Standard size
DC Film Capacitors MKT Radial Potted Type
Max. AC voltage as a function of frequency
101
12 22 nF n 47 F 10 nF 0 33 nF 0 nF
101
Tamb 85 C, 100 Vdc 100 101 102 103 104 f (Hz) 105
85 C < Tamb 105 C, 100 Vdc 100 101 102 103
n 22 F n 47 F 10 nF 0 33 nF 0 nF
12
104
f (Hz)
105
Max. AC voltage as a function of frequency
102 AC Voltage (V) Compact size
Max. AC voltage as a function of frequency
102 AC Voltage (V) Compact size
101
10 22 0 n 0F nF
101
10 22 0 n 0F nF
Tamb 85 C, 100 Vdc 100 101 102
103
104
f (Hz)
105
100 101
85 C < Tamb 105 C, 100 Vdc 102 103 104 f (Hz) 105
Max. AC voltage as a function of frequency
103 Standard size 103
Max. AC voltage as a function of frequency
AC Voltage (V)
AC Voltage (V)
Standard size
102
102
4.7 10nF 2 nF 4 2n 10 7 nFF 0n F
101
101
4. 10 7 nF n 22 F 1047 nnF 0n F F
100 101
Tamb 85 C, 250 Vdc 102 103 104 f (Hz) 105
85 C < Tamb 105 C, 250 Vdc 100 101 102 103 104 f (Hz) 105
www.vishay.com 86
For technical questions, contact: dc-film@vishay.com
Document Number: 28108 Revision: 04-Aug-09
MKT 370
DC Film Capacitors MKT Radial Potted Type
Max. AC voltage as a function of frequency
Vishay BCcomponents
Max. AC voltage as a function of frequency
102 AC Voltage (V) Compact size
102
22
nF 47 nF 10 0
AC Voltage (V)
Compact size
22 nF
101
101
nF 47 nF 10 0 nF
Tamb 85 C, 250 Vdc 100 101 10
2
85 C < Tamb 105 C, 250 Vdc 10
3
10
4
f (Hz)
10
5
100 101
102
103
104
f (Hz)
105
Max. AC voltage as a function of frequency
103 Standard size 103
Max. AC voltage as a function of frequency
AC Voltage (V)
AC Voltage (V)
Standard size
102
1. 2. 0 n 4.72 n F 10 n F 33 nF F nF
102
101
101
1. 2. 0 n 4.72 n F 10 n F 33 nF F nF
Tamb 85 C, 400 Vdc 100 101 102 103 104 f (Hz) 105 100 101
85 C < Tamb 105 C, 400 Vdc 102 103 104 f (Hz) 105
Max. AC voltage as a function of frequency
103 Compact size 103
Max. AC voltage as a function of frequency
AC Voltage (V)
AC Voltage (V)
Compact size
102
102
101
10 2 nF 472 nF 10 n 0n F F
101
1. 2. 0 n 4.72 n F 10 n F 0n F F
Tamb 85 C, 400 Vdc 100 101 102 103 104 f (Hz) 105 100 101
85 C < Tamb 105 C, 400 Vdc 102 103 104 f (Hz) 105
Document Number: 28108 Revision: 04-Aug-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 87
MKT 370
Vishay BCcomponents
Max. AC voltage as a function of frequency
102 AC Voltage (V) Compact size 102 AC Voltage (V) Compact size
DC Film Capacitors MKT Radial Potted Type
Max. AC voltage as a function of frequency
101
8n 0.6 F
101
68 0.
2.2 nF
2 2. nF
nF
33
33
Tamb 85 C, 630 Vdc 100 101 102 103
104
f (Hz)
105
100 101
85 C < Tamb 105 C, 630 Vdc 102 103
Maximum RMS current (sinewave) as a function of frequency The maximum RMS current is defined by Iac = x C x Uac. Uac is the maximum AC voltage depending on the ambient temperature in the curves "Max. RMS voltage and AC current as a function of frequency".
Tangent of loss angle as a function of frequency (typical curve)
103
Dissipation factor (x 10-4)
5 4 3 2 1
102
101 10 2 10 3
Curve 1: C = 0.33 F Curve 2: 0.33 F, C = 1.2 F Curve 3: 1.2 F, C = 3.9 F Curve 4: 3.9 F, C = 6.8 F Curve 5: C = 6.8 F
10 4
f (Hz) 10 5
RC (s)
Max. DC and AC voltage as a function of frequency for voltage 63 V
factor factor 1.2 1.0 0.8 0.6 0.4 0.2 0.0 - 60 1.2 1.0 0.8 0.6 0.4 0.2
nF
Insulation resistance as a function of the ambient temperature (typical curve)
105
nF
104
f (Hz)
105
104
103
102
- 50
0
50
Tamb (C) 100
Max. DC and AC voltage as a function of frequency for voltages > 63 V
- 20
20
60 Tamb (C) 100
0.0 - 60
- 20
20
60 Tamb (C) 100
www.vishay.com 88
For technical questions, contact: dc-film@vishay.com
Document Number: 28108 Revision: 04-Aug-09
MKT 370
DC Film Capacitors MKT Radial Potted Type
Maximum allowed component temperature rise (T) as a function of the ambient temperature (Tamb) for voltage 63 V
16 T (C)
Vishay BCcomponents
Maximum allowed component temperature rise (T) as a function of the ambient temperature (Tamb) for voltages > 63 V
16 T (C) 12 8 4 0 - 60
12
8
4
0 - 60
- 20
20
60 T 100 amb (C)
- 20
20
60 T 100 amb (C)
HEAT CONDUCTIVITY (G) AS A FUNCTION OF (ORIGINAL) PITCH AND CAPACITOR BODY THICKNESS IN mW/C
Wmax. (mm) 2.5 3.5 4.5 6.0 HEAT CONDUCTIVITY (mW/C) PITCH 5 mm 2.5 3.0 4.0 5.5
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of the free ambient temperature. The power dissipation can be calculated according type detail specification "HQN-384-01/101: Technical Information Film Capacitors". The component temperature rise (T) can be measured (see section "Measuring the component temperature" for more details) or calculated by T = P/G: * T = Component temperature rise (C) * P = Power dissipation of the component (mW) * G = Heat conductivity of the component (mW/C)
MEASURING THE COMPONENT TEMPERATURE
A thermocouple must be attached to the capacitor body as in:
Thermocouple
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC). The temperature rise is given by T = TC - Tamb. To avoid radiation or convection, the capacitor should be tested in a wind-free box.
Document Number: 28108 Revision: 04-Aug-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 89
MKT 370
Vishay BCcomponents
DC Film Capacitors MKT Radial Potted Type
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as described hereunder. These mains applications are strictly regulated in safety standards and therefore electromagnetic interference suppression capacitors conforming the standards must be used. To select the capacitor for a certain application, the following conditions must be checked: 1. The peak voltage (UP) shall not be greater than the rated DC voltage (URdc) 2. The peak-to-peak voltage (UP-P) shall not be greater than 22 x URac to avoid the ionisation inception level 3. The voltage peak slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and without ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by URdc and T divided by the applied voltage. dU 2 dU For all other pulses following equation must be fulfilled: 2 x ------- x dt < U Rdc x -------
dt dt
T is the pulse duration.
0
rated
4. The maximum component surface temperature rise must be lower than the limits (see figure max. allowed component temperature rise). 5. Since in circuits used at voltages over 280 V peak-to-peak the risk for an intrinsically active flammability after a capacitor breakdown (short circuit) increases, it is recommended that the power to the component is limited to 100 times the values mentioned in the table: "Heat conductivity" 6. When using these capacitors as across-the-line capacitor in the input filter for mains applications or as series connected with an impedance to the mains the applicant must guarantee that the following conditions are fulfilled in any case (spikes and surge voltages from the mains included). Voltage Conditions for 6 Above
ALLOWED VOLTAGES Tamb 85 C 85 C < Tamb 100 C for 63 V 85 C < Tamb 105 C for > 63 V See "Max. AC voltage as function of temperature CBB952" per characteristics URac 1.3 x URdc
Maximum continuous RMS voltage Maximum temperature RMS-overvoltage (< 24 h) Maximum peak voltage (VO-P) (< 2 s)
URac 1.25 x URac 1.6 x URdc
EXAMPLE
C = 330 nF - 63 V used for the voltage signal shown in next drawing. UP-P = 40 V; UP = 35 V; T1 = 100 s; T2 = 200 s The ambient temperature is 35 C Checking conditions: 1.The peak voltage UP = 35 V is lower than 63 Vdc 2.The peak-to-peak voltage 40 V is lower than 22 x 40 Vac = 113 UP-P 3.The voltage pulse slope (dU/dt) = 40 V/100 s = 0.4 V/s This is lower than 60 V/s (see specific reference data for each version) 4.The dissipated power is 16.2 mW as calculated with fourier terms The temperature rise for Wmax. = 3.5 mm and pitch = 5 mm will be 16.2 mW/3.0 mW/C = 5.4 C This is lower than 15 C temperature rise at 35 C, according figure max. allowed component temperature rise 5. Not applicable 6. Not applicable Voltage Signal
Voltage UP UP-P Time T2
T1
www.vishay.com 90
For technical questions, contact: dc-film@vishay.com
Document Number: 28108 Revision: 04-Aug-09
MKT 370
DC Film Capacitors MKT Radial Potted Type
INSPECTION REQUIREMENTS
General Notes: Sub-clause numbers of tests and performance requirements refer to the "Sectional Specification, Publication IEC 60384-2 and Specific Reference Data". Group C Inspection Requirements
SUB-CLAUSE NUMBER AND TEST SUB-GROUP C1A PART OF SAMPLE OF SUB-GROUP C1 4.1 4.3.1 Dimensions (detail) Initial measurements Capacitance Tangent of loss angle: For C 470 nF at 100 kHz or for C > 470 nF at 10 kHz Tensile and bending Method: 1A Solder bath: 280 C 5 C Duration: 10 s Isopropylalcohol at room temperature Method: 2 Immersion time: 5 min 0.5 min Recovery time: Min. 1 h, max. 2 h Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 2 % of the value measured initially Increase of tan 0.005 for: C 100 nF or 0.010 for: 100 nF < C 220 nF or 0.015 for: 220 nF < C 470 nF and 0.003 for: C > 470 nF Compared to values measured in 4.3.1 No visible damage As specified in chapters "MKT 370 General Data" of this specification CONDITIONS PERFORMANCE REQUIREMENTS
Vishay BCcomponents
4.3 4.4
Robustness of terminations Resistance to soldering heat
4.14
Component solvent resistance
4.4.2
Final measurements
SUB-GROUP C1B OTHER PART OF SAMPLE OF SUB-GROUP C1 4.6.1 Initial measurements Capacitance Tangent of loss angle: For C 470 nF at 100 kHz or for C > 470 nF at 10 kHz A = - 55 C B = + 100 C for rated voltage 63 V + 105 C for rated voltage > 63 V 5 cycles Duration t = 30 min Visual examination Mounting: See section "Mounting" of this specification Procedure B4 Frequency range: 10 Hz to 55 Hz Amplitude: 0.75 mm or Acceleration 98 m/s (whichever is less severe) Total duration 6 h Visual examination No visible damage
4.6
Rapid change of temperature
4.7
Vibration
4.7.2
Final inspection
No visible damage
Document Number: 28108 Revision: 04-Aug-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 91
MKT 370
Vishay BCcomponents
SUB-CLAUSE NUMBER AND TEST 4.9 Shock
DC Film Capacitors MKT Radial Potted Type
CONDITIONS Mounting: See section "Mounting" of this specification Pulse shape: Half sine Acceleration: 490 m/s Duration of pulse: 11 ms Visual examination Capacitance Tangent of loss angle No visible damage |C/C| 3 % of the value measured in 4.6.1 Increase of tan 0.010 for: C 220 nF or 0.015 for: 220 nF < C 470 nF and 0.003 for: C > 470 nF Compared to values measured in 4.6.1 As specified in section "Specific Reference Data 370" of this specification PERFORMANCE REQUIREMENTS
4.9.3
Final measurements
Insulation resistance SUB-GROUP C1 COMBINED SAMPLE OF SPECIMENS OF SUB-GROUPS C1A AND C1B 4.10 4.10.2 Climatic sequence Dry heat Temperature: + 100 C for rated voltage 63 V + 105 C for rated voltage > 63 V Duration: 16 h
4.10.3 4.10.4 4.10.6
Damp heat cyclic Test Db, first cycle Cold Damp heat cyclic Test Db, remaining cycles Temperature: - 55 C Duration: 2 h Voltage proof = URdc for 1 min within 15 min after removal from testchamber Visual examination Capacitance Tangent of loss angle No breakdown of flash-over No visible damage Legible marking |C/C| 5 % of the value measured in 4.4.2 or 4.9.3 Increase of tan 0.010 for: C 220 nF or 0.015 for: 220 nF < C 470 nF and 0.005 for: C > 470 nF Compared to values measured in 4.3.1 or 4.6.1 50 % of values specified in section "Specific Reference Data 370" of this specification
4.10.6.2Final measurements
Insulation resistance SUB-GROUP C2
4.11 4.11.1
Damp heat steady state Initial measurements
56 days, 40 C, 90 % to 95 % RH Capacitance Tangent of loss angle at 1 kHz
www.vishay.com 92
For technical questions, contact: dc-film@vishay.com
Document Number: 28108 Revision: 04-Aug-09
MKT 370
DC Film Capacitors MKT Radial Potted Type
SUB-CLAUSE NUMBER AND TEST 4.11.3 Final measurements CONDITIONS Voltage proof = URdc for 1 min within 15 min after removal from testchamber Visual examination Capacitance Tangent of loss angle Insulation resistance SUB-GROUP C3 4.12 Endurance Duration: 2000 h 1.25 x URdc at 85 C 0.8 x 1.25 URdc at + 100 C for rated voltage 63 V 0.8 x 1.25 URdc at + 105 C for rated voltage > 63 V Capacitance Tangent of loss angle: For C 470 nF at 100 kHz or for C > 470 nF at 10 kHz Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 5 % compared to values measured in 4.12.1 Increase of tan 0.005 for at 85 C 0.010 for at 100 C for: C 220 nF or 0.015 for: 220 nF < C 470 nF and 0.003 for: C > 470 nF Compared to values measured in 4.12.1 50 % of values specified in section "Specific Reference Data 370" of this specification
Vishay BCcomponents
PERFORMANCE REQUIREMENTS No breakdown of flash-over No visible damage Legible marking |C/C| 5 % of the value measured in 4.11.1. Increase of tan 0.005 Compared to values measured in 4.11.1 50 % of values specified in section "Specific Reference Data 370" of this specification
4.12.1
Initial measurements
4.12.5
Final measurements
Insulation resistance SUB-GROUP C4 4.13 Charge and discharge 10 000 cycles Charged to URdc Discharge resistance: UR R = ------------------------------------------------C x 2.5 x ( dU dt ) R Capacitance Tangent of loss angle: For C 470 nF at 100 kHz or for C > 470 nF at 10 kHz Capacitance Tangent of loss angle
4.13.1
Initial measurements
4.13.3
Final measurements
|C/C| 3 % compared to values measured in 4.13.1 Increase of tan 0.005 for: C 100 nF or 0.010 for: 100 nF < C 220 nF or 0.015 for: 220 nF < C 470 nF and 0.003 for: C > 470 nF Compared to values measured in 4.13.1 50 % of values specified in section "Specific Reference Data 370" of this specification www.vishay.com 93
Insulation resistance
Document Number: 28108 Revision: 04-Aug-09
For technical questions, contact: dc-film@vishay.com
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BFC237076224

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X