Part Number Hot Search : 
BZV62 K1299 8M07C 10180 BR103 KK431 MC13022 2N5786
Product Description
Full Text Search
 

To Download BFC233828501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 338 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors MKP Radial Potted Type
FEATURES
168x12(halfpage) l h lt P O dt F' F 10 (1) H O dt w l h h' w
7.5 mm to 27.5 mm lead pitch. Supplied in box, taped on ammopack or reel. Compliant to RoHS directive 2002/95/EC.
PERMISSIBLE DC VOLTAGE
15
DC 630 V
Dimensions in mm F - F" < 0.3 mm F = 7.5 + 0.6/- 0.1 mm
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant UL-class 94 V-0
APPLICATIONS
For standard across the line X2 applications See also application note: www.vishay.com/doc?28153
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/110/56/B
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.001 F to 3.3 F Preferred values acc. to E6
REFERENCE STANDARDS
"IEC 60384-14 ed 3 and EN 60384-14" "IEC 60065 requires pass flamm class B" UL1414; CSA-C22.2 No. 1 UL1283; CSA-E384-14, CQC
CAPACITANCE TOLERANCE
20 %; 10 %; 5 %
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer's type designation; code for dielectric material, manufacturer location; manufacturer's logo; year and week; safety approvals
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
C 470 nF: 110 C (125 C for less than 1000 h) C > 470 nF: 110 C
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized film
DETAIL SPECIFICATION
For more detailed data and test requirements contact: RFI@vishay.com
CONSTRUCTION
Mono construction
RATED VOLTAGE
AC 310 V; 50 Hz to 60 Hz
www.vishay.com 145
For technical questions, contact: rfi@vishay.com
Document Number: 28119 Revision: 16-Jul-09
MKP 338 2 X2
Interference Suppression Film Capacitors Vishay BCcomponents MKP Radial Potted Type
COMPOSITION OF CATALOG NUMBER
TYPE AND PITCHES 7.5 mm 7.5 mm (bent back) 10.0 mm 15.0 mm 22.5 mm 27.5 mm CAPACITANCE (numerically) MULTIPLIER (nF) 0.1 1 10 100 Example: 2 3 4 5
338 2 X2
BFC2 338 2222(*) 338
(*) Old ordering code TYPE PACKAGING Loose in box Taped (2) PACKAGING Loose in box 338 2 X2 PACKAGING Taped (2) PACKAGING Loose in box Taped (2)
2X 2X
XX XX
X X
104 = 10 x 10 = 100 nF
STANDARD DIMENSIONS Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm Lead length 5.0 mm 1.0 mm Lead length 25.0 mm 2.0 mm Pitch 7.5 mm or bent back to 7.5 mm ALTERNATIVE LARGER PITCH SIZES Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm Lead length 5.0 mm 1.0 mm Lead length 25.0 mm 2.0 mm ALTERNATIVE TAPED VERSION (1) Ammopack: H = 18.5 mm; P0 = 12.7 mm Reel: Pitch 7.5 mm (bent back) H = 16.0 mm; P0 = 15.0 mm ALTERNATIVE C-TOL Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm Lead length 5.0 mm 1.0 mm Lead length 25.0 mm 2.0 mm Pitch 7.5 mm or bent back to 7.5 mm H = 18.5 mm; P0 = 12.7 mm
C-TOL. 20 % C-TOL. 20 % 5% 10 % 20 %
PREFERRED TYPES BFC2 338 20... BFC2 338 22... BFC2 338 24... BFC2 338 26... ON REQUEST See tables for details ON REQUEST See tables for details ON REQUEST
10 % 5%
See tables for details
Notes (1) Taped on reel pitch = 27.5 mm is not available (2) For detailed tape specifications refer to "Packaging Information" www.vishay.com/doc?28139 or end of catalog (3) SPQ = Standard Packaging Quantity
SPECIFIC REFERENCE DATA
DESCRIPTION Rated AC voltage (URac) Permisssible DC voltage (URdc) Tangent of loss angle: C 470 nF 470 nF < C 1 F C > 1 F Rated voltage pulse slope (dU/dt)R at 435 Vdc Pitch = 7.5 mm Pitch = 10 mm Pitch = 15 mm and 7.5 mm (bent back) Pitch = 22.5 mm Pitch = 27.5 mm R between leads, for C 0.33 F at 100 V; 1 min RC between leads, for C > 0.33 F at 100 V; 1 min R between leads and case; 100 V; 1 min Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s: C 1F C > 1F Withstanding (AC) voltage between leads and case Max. application temperature for 0.001 F C 0.47 F Max. application temperature for C > 0.47 F VALUE 310 V 630 V at 1 kHz 10 x 10-4 20 x 10-4 30 x 10-4 600 V/s 600 V/s 400 V/s 150 V/s 100 V/s > 15 000 M > 5000 s > 30 000 M 2200 V; 1 min 1800 V; 1 min 2120 V; 1 min 110 C (125 C for less than 1000 h) 110 C at 10 kHz 20 x 10-4 70 x 10-4 -
Document Number: 28119 Revision: 16-Jul-09
For technical questions, contact: rfi@vishay.com
www.vishay.com 146
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Pitch: 7.5 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX AMMOPACK (1) DIMENSIONS C MASS H = 18.5 mm wxhxl Short leads Long leads (F) (g) (2) P0 = 12.7 mm (mm) lt = 3.5 mm lt = 5.0 mm lt = 25.0 mm SPQ SPQ + 1 mm/- 0.5 mm 1.0 mm 2.0 mm Pitch = 7.5 mm 0.4 mm; dt = 0.50 mm 0.05 mm 0.001 20102 22102 24102 26102 0.0012 20122 22122 24122 26122 0.0015 20152 22152 24152 26152 0.0018 20182 22182 24182 26182 0.0022 20222 22222 24222 26222 0.0027 20272 22272 24272 26272 0.0033 20332 22332 24332 26332 0.0039 20392 22392 24392 26392 0.0047 20472 22472 24472 26472 1500 1000 0.0056 20562 22562 24562 26562 4.0 x 9.0 x 10.0 0.4 0.0068 20682 22682 24682 26682 0.0082 20822 22822 24822 26822 0.01 20103 22103 24103 26103 0.012 20123 22123 24123 26123 0.015 20153 22153 24153 26153 0.018 20183 22183 24183 26183 0.022 20223 22223 24223 26223 0.027 20273 22273 24273 26273 1000 1250 0.033 20333 22333 24333 26333 0.039 20393 22393 24393 26393 5.0 x 10.5 x 10.0 0.6 750 1000 0.047 20473 22473 24473 26473 Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only
SPQ
1250
1000 750
Pitch: 7.5 mm; C-tol. = 10 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX AMMOPACK (1) DIMENSIONS C MASS H = 18.5 mm wxhxl Short leads Long leads (F) (g) (2) P0 = 12.7 mm (mm) lt = 5.0 mm lt = 25.0 mm lt = 3.5 mm SPQ SPQ SPQ + 1 mm/- 0.5 mm 1.0 mm 2.0 mm Pitch = 7.5 mm 0.4 mm; dt = 0.50 mm 0.05 mm 0.001 28101 28301 28501 28701 0.0012 28102 28302 28502 28702 0.0015 28103 28303 28503 28703 0.0018 28104 28304 28504 28704 0.0022 28105 28305 28505 28705 0.0027 28106 28306 28506 28706 0.0033 28107 28307 28507 28707 0.0039 28108 28308 28508 28708 1500 1000 1250 0.0047 28109 28309 28509 28709 4.0 x 9.0 x 10.0 0.4 0.0056 28111 28311 28511 28711 0.0068 28112 28312 28512 28712 0.0082 28113 28313 28513 28713 0.01 28114 28314 28514 28714 0.012 28115 28315 28515 28715 0.015 28116 28316 28516 28716 0.018 28117 28317 28517 28717 0.022 28118 28318 28518 28718 0.027 28119 28319 28519 28719 1000 1250 1000 0.033 28121 28321 28521 28721 5.0 x 10.5 x 10.0 0.6 0.039 28122 28332 28522 28722 750 1000 750 0.047 6.0 x 11.5 x 10.0 0.8 28123 28323 28523 28723 Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only www.vishay.com 147 For technical questions, contact: rfi@vishay.com Document Number: 28119 Revision: 16-Jul-09
MKP 338 2 X2
Interference Suppression Film Capacitors Vishay BCcomponents MKP Radial Potted Type
Pitch: 7.5 mm; C-tol. = 5 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX AMMOPACK (1) DIMENSIONS MASS C H = 18.5 mm wxhxl Short leads Long leads (g) (2) (F) P0 = 12.7 mm (mm) lt = 25.0 mm lt = 3.5 mm lt = 5.0 mm SPQ SPQ SPQ + 1 mm/- 0.5 mm (2) 1.0 mm 2.0 mm Pitch = 7.5 mm 0.4 mm; dt = 0.50 mm 0.05 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 28201 28202 28203 28204 28205 28206 28207 28208 28209 28211 28212 28213 28214 28215 28216 28217 28218 28219 28221 28222 28223 28401 28402 28403 28404 28405 28406 28407 28408 28409 28411 28412 28413 28414 28415 28416 28417 28418 28419 28421 28422 28423 28601 28602 28603 28604 28605 28606 28607 28608 28609 28611 28612 28613 28614 28615 28616 28617 28618 28619 28621 28622 28623 28801 28802 28803 28804 28805 28806 28807 28808 28809 28811 28812 28813 28814 28815 28816 28817 28818 28819 28821 28822 28823
4.0 x 9.0 x 10.0
0.4
1500
1000
1250
5.0 x 10.5 x 10.0 6.0 x 11.5 x 10.0
0.6 0.8
1000 1000 750 750
1250 1250 1000 1000
1000 1000 750 750
Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only
Bent back pitch: 7.5 mm (only taped); C-tol. = 20 %
C (F) DIMENSIONS wxhxl (mm) MASS (g) (2) CATALOG NUMBER BFC2 338 ..... AND PACKAGING REEL (500 mm) (1) H = 16.0 mm; P0 = 15.0 mm SPQ 26563 26683 26823 26104 26124 26154 26184 26224 26274 26334
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.056 5.0 x 13.0 x 12.5 0.82 0.068 0.082 6.0 x 14.0 x 12.5 1.1 0.1 Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.12 5.0 x 13.0 x 17.5 1.0 0.15 6.0 x 14.0 x 17.5 1.4 0.18 Bent back pitch = 7.5 mm 0.4 mm; dt = 0.80 0.08 mm 0.22 7.0 x 15.5 x 17.5 1.8 0.27 8.5 x 17.0 x 17.5 2.4 0.33 Notes (1) Reel diameter = 356 mm is available on request (2) Weight for short lead product only
1600 1600
800 700
550 550 500
Document Number: 28119 Revision: 16-Jul-09
For technical questions, contact: rfi@vishay.com
www.vishay.com 148
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Bent back pitch: 7.5 mm (only taped); C-tol. = 10 %
C (F) DIMENSIONS wxhxl (mm) CATALOG NUMBER BFC2 338 .....AND PACKAGING MASS (g) (2) REEL (500 mm) (1) H = 16.0 mm; P0 = 15.0 mm 28724 28725 28726 28727 28728 28729 28731 28732 28733 29168 SPQ
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 5.0 x 13.0 x 12.5 6.0 x 14.0 x 12.5 5.0 x 13.0 x 17.5 6.0 x 14.0 x 17.5 0.82 1.1 1.0 1.4 1600 1600 800 700
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 7.0 x 15.5 x 17.5 8.5 x 17.0 x 17.5 1.8 2.4 550 500
Notes (1) Reel diameter = 356 mm is available on request (2) Weight for short lead product only
Bent back pitch: 7.5 mm (only taped); C-tol. = 5 %
C (F) DIMENSIONS wxhxl (mm) CATALOG NUMBER BFC2 338 ..... AND PACKAGING MASS (g) (2) REEL (500 mm) (1) H = 16.0 mm; P0 = 15.0 mm 28824 6.0 x 14.0 x 12.5 1.1 28725 28726 5.0 x 13.0 x 17.5 6.0 x 14.0 x 17.5 1.0 1.4 28827 28828 28829 28831 28832 28833 800 700 1600 SPQ
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.056 0.068 0.082 Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.1 0.12 0.15 0.18 0.22 0.27
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 7.0 x 15.5 x 17.5 8.5 x 17.0 x 17.5 1.8 2.4 550 550 500
Notes (1) Reel diameter = 356 mm is available on request (2) Weight for short lead product only
www.vishay.com 149
For technical questions, contact: rfi@vishay.com
Document Number: 28119 Revision: 16-Jul-09
MKP 338 2 X2
Interference Suppression Film Capacitors Vishay BCcomponents MKP Radial Potted Type
Pitch: 10.0 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX AMMOPACK (1) DIMENSIONS MASS C H = 18.5 mm wxhxl Short leads Long leads (g) (2) (F) P0 = 12.7 mm (mm) lt = 25.0 mm lt = 5.0 mm lt = 3.5 mm SPQ SPQ SPQ + 1 mm/- 0.5 mm 1.0 mm 2.0 mm Pitch = 10.0 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 21102 21122 21152 21182 21222 21272 21332 21392 21472 21562 21682 21822 21103 21123 21153 21183 21223 21273 21333 21393 21473 20563 20683 20823 20104 23102 23122 23152 23182 23222 23272 23332 23392 23472 23562 23682 23822 23103 23123 23153 23183 23223 23273 23333 23393 23473 22563 22683 22823 22104 25102 25122 25152 25182 25222 25272 25332 25392 25472 25562 25682 25822 25103 25123 25153 25183 25223 25273 25333 25393 25473 24563 24683 24823 24104
1250
4.0 x 10.0 x 12.5
0.6
1000
Not available
1000
5.0 x 11.0 x 12.5 6.0 x 12.0 x 12.5
0.82 1.1
750 750
750 750
27563 27683 27823 27104
500 500
Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only
Pitch: 10.0 mm; C-tol. = 10 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX AMMOPACK (1) DIMENSIONS MASS C H = 18.5 mm wxhxl Short leads Long leads (g) (2) (F) P0 = 12.7 mm (mm) lt = 25.0 mm lt = 5.0 mm lt = 3.5 mm SPQ SPQ SPQ + 1 mm/- 0.5 mm 1.0 mm 2.0 mm Pitch = 10.0 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.001 29194 29217 29241 0.0012 29195 29218 29242 0.0015 29196 29219 29243 1250 0.0018 29197 29221 29244 0.0022 29198 29222 29245 4.0 x 10.0 x 12.5 0.6 1000 Not available 0.0027 29199 29223 29246 0.0033 29201 29224 29247 0.0039 29202 29225 29248 1000 0.0047 29203 29226 29249 0.0056 29204 29227 29251
Document Number: 28119 Revision: 16-Jul-09
For technical questions, contact: rfi@vishay.com
www.vishay.com 150
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Pitch: 10.0 mm; C-tol. = 10 %
DIMENSIONS wxhxl (mm) CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX AMMOPACK (1) MASS H = 18.5 mm Short leads Long leads (g) (2) P0 = 12.7 mm lt = 25.0 mm lt = 5.0 mm lt = 3.5 mm SPQ SPQ SPQ + 1 mm/- 0.5 mm 1.0 mm 2.0 mm 29205 29228 29252 29206 29229 29253 29207 29231 29254 29208 29232 29255 29209 29233 29256 0.6 29211 29234 1000 29257 1000 Not available 29212 29235 29258 29213 29236 29259 29214 29237 29261 29215 29238 29262 29216 29239 29263 0.82 28124 28324 750 28524 750 28924 500 28125 28325 28525 28925 1.1 28126 28326 750 28526 750 28926 500
C (F)
0.0068 0.0082 0.01 0.012 0.015 0.018 4.0 x 10.0 x 12.5 0.022 0.027 0.033 0.039 0.047 0.056 5.0 x 11.0 x 12.5 0.068 0.082 6.0 x 12.0 x 12.5 Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only
Pitch: 10.0 mm; C-tol. = 5 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING C (F) DIMENSIONS wxhxl (mm) LOOSE IN BOX MASS (g) (2) Short leads lt = 3.5 mm + 1 mm/- 0.5 mm Pitch = 10.0 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.056 0.068 0.082 5.0 x 11.0 x 12.5 6.0 x 12.0 x 12.5 0.82 1.1 28224 28225 28226 28424 28425 28426 750 750 28624 28625 28626 750 750 28944 28945 28946 500 500 lt = 5.0 mm 1.0 mm SPQ Long leads lt = 25.0 mm 2.0 mm SPQ AMMOPACK (1) H = 18.5 mm P0 = 12.7 mm SPQ
Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only
Pitch: 15.0 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX REEL (500 mm) (1) (2) DIMENSIONS MASS C H = 18.5 mm wxhxl Short leads Long leads (g) (3) (F) P0 = 12.7 mm (mm) lt = 25.0 mm lt = 5.0 mm lt = 3.5 mm SPQ SPQ SPQ 0.3 mm 1.0 mm 2.0 mm Pitch = 15 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.01 29076 29096 29116 29141 0.012 29077 29097 29117 29143 0.015 29078 29098 29118 29145 0.018 29079 29099 29119 29147 5.0 x 11.0 x 17.5 1.0 1000 1000 1100 0.022 29081 29101 29121 29149 0.027 29082 29102 29122 29152 0.033 29083 29103 29123 29154 0.039 29084 29104 29124 29156
www.vishay.com 151
For technical questions, contact: rfi@vishay.com
Document Number: 28119 Revision: 16-Jul-09
MKP 338 2 X2
Interference Suppression Film Capacitors Vishay BCcomponents MKP Radial Potted Type
Pitch: 15.0 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX REEL (500 mm) (1) (2) DIMENSIONS MASS C H = 18.5 mm wxhxl Short leads Long leads (g) (3) (F) P0 = 12.7 mm (mm) lt = 25.0 mm lt = 5.0 mm lt = 3.5 mm SPQ SPQ SPQ 0.3 mm 1.0 mm 2.0 mm 0.047 29085 29105 29125 29158 0.056 21563 23563 25563 29161 0.068 21683 23683 1000 25683 1000 29163 1100 1.0 0.082 21823 23823 25823 29165 0.1 21104 23104 25104 29166 0.12 20124 22124 1000 24124 1000 27124 900 0.15 20154 22154 24154 27154 6.0 x 12.0 x 17.5 1.4 750 500 800 0.18 20184 22184 24184 27184 Pitch = 15 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.22 7.0 x 13.5 x 17.5 1.8 20224 22224 750 24224 500 27224 650 0.27 20274 22274 750 24274 500 27274 650 8.5 x 15.0 x 17.5 2.4 0.33 20334 22334 500 24334 450 27334 600 Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
Pitch: 15.0 mm; C-tol. = 10 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING LOOSE IN BOX REEL (500 mm) (1) (2) DIMENSIONS MASS C H = 18.5 mm wxhxl Short leads Long leads (g) (3) (F) P0 = 12.7 mm (mm) lt = 25.0 mm lt = 5.0 mm lt = 3.5 mm SPQ SPQ SPQ + 1 mm/- 0.3 mm 1.0 mm 2.0 mm Pitch = 15 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.01 29106 29139 29066 29086 0.012 29067 29087 29107 29142 0.015 29068 29088 29108 29144 0.018 29069 29089 29109 29146 0.022 29071 29091 29111 29148 0.027 29072 29092 29112 29151 1000 1000 1100 5.0 x 11.0 x 17.5 1.0 0.033 29073 29093 29113 29153 0.039 29074 29094 29114 29155 0.047 29075 29095 29115 29157 0.056 29126 29131 29135 29159 0.068 29127 29132 29136 29162 0.082 29128 29133 29137 29164 0.1 28127 28327 1000 28527 1000 28927 900 0.12 28128 28328 28528 28928 6.0 x 12.0 x 17.5 1.4 750 500 800 0.15 28129 28329 28529 28929 Pitch = 15 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.18 28131 28331 28531 28931 7.0 x 13.5 x 17.5 1.8 750 500 650 0.22 28132 28332 28532 28932 0.27 28133 28333 28533 28933 8.5 x 15.0 x 17.5 2.4 500 450 600 0.33 29129 29134 29138 29167 Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
Document Number: 28119 Revision: 16-Jul-09
For technical questions, contact: rfi@vishay.com
www.vishay.com 152
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Pitch: 15.0 mm; C-tol. = 5 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING C (F) DIMENSIONS wxhxl (mm) LOOSE IN BOX MASS (g) (3) lt = 3.5 mm + 1/- 0.3 mm Pitch = 15 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.1 0.12 0.15 0.18 0.22 0.27 5.0 x 11.0 x 17.5 6.0 x 12.0 x 17.5 1.0 1.4 28227 28228 28229 28231 28232 28233 28427 28428 28429 28431 28432 28433 1000 750 28627 28628 28629 28631 28632 28633 1000 500 28947 28948 28949 28951 28952 28953 900 800 Short leads lt = 5.0 mm 1.0 mm SPQ Long leads lt = 25.0 mm 2.0 mm SPQ REEL (500 mm ) (1) (2) H = 18.5 mm P0 = 12.7 mm SPQ
Pitch = 15 mm 0.4 mm; dt = 0.80 mm 0.08 mm 7.0 x 13.5 x 17.5 8.5 x 15.0 x 17.5 1.8 2.4 750 750 500 500 500 450 650 650 600
Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
Pitch: 22.5 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING C (F) DIMENSIONS wxhxl (mm) LOOSE IN BOX MASS (g) (3) lt = 3.5 mm 0.5 mm Pitch = 22.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 7.0 x 16.5 x 26.0 8.5 x 18.0 x 26.0 10.0 x 19.5 x 26.0 2.9 3.8 6.8 6.0 x 15.5 x 26.0 2.4 21124 21154 21184 21224 21274 21334 20394 20474 20564 20684 20824 20105 23124 23154 23184 23224 23274 23334 22394 22474 22564 22684 22824 22105 200 200 150 200 300 25124 25154 25184 25224 25274 25334 24394 24474 24564 24684 24824 24105 250 200 200 250 250 29264 29265 29266 29267 29268 29269 27394 27474 27564 27684 27824 27105 450 350 300 500 600 Short leads lt = 5.0 mm 1.0 mm SPQ Long leads lt = 25.0 mm 2.0 mm SPQ REEL (500 mm) (1) (2) H = 18.5 mm P0 = 12.7 mm SPQ
Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
www.vishay.com 153
For technical questions, contact: rfi@vishay.com
Document Number: 28119 Revision: 16-Jul-09
MKP 338 2 X2
Interference Suppression Film Capacitors Vishay BCcomponents MKP Radial Potted Type
Pitch: 22.5 mm; C-tol. = 10 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING C (F) DIMENSIONS wxhxl (mm) LOOSE IN BOX MASS (g) (3) lt = 3.5 mm 0.5 mm Pitch = 22.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 7.0 x 16.5 x 26.0 8.5 x 18.0 x 26.0 10.0 x 19.5 x 26.0 2.9 3.8 6.8 6.0 x 15.5 x 26.0 2.4 29169 29171 29172 29173 29174 28134 28135 28136 28137 28138 28139 29175 29176 29177 29178 29179 28334 28335 28336 28337 28338 28339 150 200 200 300 29181 29182 29183 29184 29185 28534 28535 28536 28537 28538 28539 200 250 250 250 29271 29272 29273 29274 29275 28934 28935 28936 28937 28938 28939 450 450 350 300 500 600 Short leads lt = 5.0 mm 1.0 mm SPQ Long leads lt = 25.0 mm 2.0 mm SPQ REEL (500 mm) (1) (2) H = 18.5 mm P0 = 12.7 mm SPQ
Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
Pitch: 22.5 mm; C-tol. = 5 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING C (F) DIMENSIONS wxhxl (mm) LOOSE IN BOX MASS (g) (3) lt = 3.5 mm 0.5 mm Pitch = 22.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.33 0.39 0.47 0.56 0.68 0.82 7.0 x 16.5 x 26.0 8.5 x 18.0 x 26.0 10.0 x 19.5 x 26.0 12.0 x 22.0 x 26.0 2.9 3.8 6.8 7.8 28234 28235 28236 28237 28238 28239 28434 28435 28436 28437 28438 28439 200 200 150 150 28634 28635 28636 28637 28638 28639 250 200 200 200 28954 28955 28956 28957 28958 28959 450 350 300 300 Short leads lt = 5.0 mm 1.0 mm SPQ Long leads lt = 25.0 mm 2.0 mm SPQ REEL (500 mm) (1) (2) H = 18.5 mm P0 = 12.7 mm SPQ
Notes (1) H = In-tape height, P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
Document Number: 28119 Revision: 16-Jul-09
For technical questions, contact: rfi@vishay.com
www.vishay.com 154
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Pitch: 27.5 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING C (F) DIMENSIONS wxhxl (mm) MASS (g) (1) lt = 3.5 mm 0.5 mm 21394 21474 9.0 x 19.0 x 31.5 5.5 21564 21684 21824 11.0 x 21.0 x 31.0 13.0 x 23.0 x 31.0 15.0 x 25.0 x 31.5 18.0 x 28.0 x 31.5 7.4 9.2 12.3 16.1 21105 20125 20155 20185 20225 20275 20335 LOOSE IN BOX Short leads lt = 5.0 mm 1.0 mm 23394 23474 23564 23684 23824 23105 22125 22155 22185 22225 22275 22335 50 100 SPQ Long leads lt = 25.0 mm 2.0 mm 25394 25474 25564 25684 25824 25105 24125 24155 24185 24225 24275 24335 100 75 125 SPQ
Pitch = 27.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 150
Note (1) Weight for short lead product only
31.0 mm Pitch: 27.5 mm C-tol. = 10 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING C (F) DIMENSIONS wxhxl (mm) MASS (g) (1) lt = 3.5 mm 0.5 mm (2) 28141 28142 28143 28144 28145 28146 LOOSE IN BOX Short leads lt = 5.0 mm 1.0 mm 28341 28342 28343 28344 28345 28346 50 100 SPQ Long leads lt = 25.0 mm 2.0 mm 28541 28542 28543 28544 28545 28546 100 75 125 SPQ
Pitch = 27.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 1.0 1.2 1.5 1.8 2.2 2.7 11.0 x 21.0 x 31.0 13.0 x 23.0 x 31.0 15.0 x 25.0 x 31.5 18.0 x 28.0 x 31.5 7.4 9.2 12.3 16.1
Note (1) Weight for short lead product only
Pitch: 27.5 mm; C-tol. = 5 %
CATALOG NUMBER BFC2 338 ..... AND PACKAGING C (F) DIMENSIONS wxhxl (mm) MASS (g) (1) lt = 3.5 0.5 mm 7.4 9.2 12.3 16.1 28241 28242 28243 28244 28245 28246 LOOSE IN BOX Short leads lt = 5.0 1.0 mm 28441 28442 28443 28444 28445 28446 SPQ Long leads lt = 25.0 2.0 mm 28641 28642 28643 28644 28645 28646 SPQ
Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm 1 1.2 1.5 1.8 2.2 2.7 11.0 x 21.0 x 31.0 13.0 x 23.0 x 31.0 15.0 x 25.0 x 31.5 18.0 x 28.0 x 31.5 100 100 100 50 125 125 100 75
Note (1) Weight for short lead product only www.vishay.com 155 For technical questions, contact: rfi@vishay.com Document Number: 28119 Revision: 16-Jul-09
MKP 338 2 X2
Interference Suppression Film Capacitors Vishay BCcomponents MKP Radial Potted Type
SAFETY APPROVALS X2 EN 60384-14 (ENEC) (= IEC 60384-14 ed 3) UL1414; CSA-C22.2 No.1 UL 1283 CSA-E384-14 CQC CB-test certificate VOLTAGE 310 Vac 250 Vac 305 Vac 310 Vac 310 Vac 310 Vac VALUE 1 nF to 3.3 F 1 nF to 1 F 1 nF to 3.3 F 1 nF to 3.3 F 1 nF to 3.3 F 1 nF to 3.3 F FI 2008038 E112471 E109565 2123580 CQC07001018685 (F) CQC07001021279 (L) CQC03001003071 (S) FI 5123 FILE NUMBERS
The ENEC-Approval together with the CB-certificate replace all national marks of the following countries (they have already signed the ENEC-Agreement): Austria; Belgium; Czech. Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg; Netherlands; Norway; Portugal; Slovenian; Spain; Sweden; Switzerland; and United Kingdom.
16
MOUNTING
Normal use
C
(R)
US
CQC
The capacitors are designed for mounting on printed -circuit boards.The capacitors packed in bandoliers are designed for mounting in pinted-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to "Packaging Information". www.vishay.com/doc?28139 Specific method of mounting to withstand vibration and shock In order to withstand vibration and shock tests, it must be insured that the stand-off pips are in good contact with the printed-circuit board: * For pitches 15 mm capacitors shall be mechanically fixed by the leads * For larger pitches the capacitors shall be mounted in the same way and the body clamped Space requirements on printed circuit board The maximum length and width of film capacitors is shown in the drawing: * Eccentricity as in drawing. The maximum eccentricity is smaller than or equal to lead diameter of the product concerned * Product heigth with seating plane as given by "IEC 60717" as reference: hmax. h + 0.3 mm or hmax. h' + 0.3 mm.
bmax. = b + 0.3 mm Eccentricity
Imax. = I + 0.3 mm
Storage temperature * Storage temperature: Tstg = - 25 C to + 40 C with RH maximum 80 % without condesation Ratings and characteristics reference conditions Unless otherwise specified, all elctrical values apply to an ambient temperature of 23 C 1 C, an atmospheric pressure of 86 kPa to 106 kPa and a relative humidity of 50 C 2 %. For reference testing, a conditioning period shall be applied over 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %.
Document Number: 28119 Revision: 16-Jul-09
For technical questions, contact: rfi@vishay.com
www.vishay.com 156
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
CHARACTERISTICS
Capacitance as a function of ambient temperature (typical curve)
4 C/C (%)
10 3
Impedance ()
1n F 4.7 nF 10 nF
Impedance as a function of frequency (typical curve)
2
typical
0 max. -2
10 1
47 nF 10 0n F
47 0 10 nF 00 nF 33 00 nF
10 0
-4 min. -6 - 50 0 50 Tamb (C) 100
10-1
10-2 4 10
10
5
10
6
10
7
f (Hz) 10 8
Tangent of loss angle as a function of frequency (typical curve)
103 Dissipation factor (x 10-4)
Resonant frequency as a function of capacitance (typical curve)
102 f (MHz) 101
102
101
F 1 F > 1 C C F F< 0n 0 n 22 22 < C 47 nF nF 47 F < C F n 10 n 10 C
X2
100
100 101 102 103 104 f (Hz) 105
10-1
1
10
100
1000 C (nF) 10 000
Max. RMS voltage as a function of frequency (typical curve)
10
3
Max. RMS current as a function of frequency (typical curve)
10 4
AC current (mA) 3300 nF 1000 nF 470 nF 100 nF 47 nF
AC voltage (V)
10 2
10
2
10 1
10 nF 4.7 nF
10
Tamb 110 C 10 1 1 10 10
2
0
1nF
Tamb 110 C
10
3
10
4
f (Hz)
10
5
10 -1 1 10
10
2
10
3
10
4
f (Hz) 105
www.vishay.com 157
For technical questions, contact: rfi@vishay.com
Document Number: 28119 Revision: 16-Jul-09
MKP 338 2 X2
Interference Suppression Film Capacitors Vishay BCcomponents MKP Radial Potted Type
Insulation resistance
106
105
104 0 20 40 60 80 100 Tamb (C)
APPLICATION NOTES
* For X2 electromagnetic interference suppression in standard across the line applications (50 Hz/60 Hz) with a maximum mains voltage of 310 Vac * For series impedance applications we refer to the application note www.vishay.com/doc?28153 * These capacitors are not intended for continuous pulse applications. For these situations, capacitors of the AC and pulse programs must be used. * The maximum ambient temperature must not exceed 110 C (125 C for less than 1000 h) for C 470 nF and 110 C for C > 470 nF * Rated voltage pulse slope: If the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 435 Vdc and divided by the applied voltage.
INSPECTION REQUIREMENTS GENERAL NOTES
1. Sub-clause numbers of tests and performance requirements refer to the "Sectional Specification, IEC Publication IEC 60384-14 ed-3 and "Specific Reference Data"
Group C inspection requirements SUB-CLAUSE NUMBER AND TEST
SUB-GROUP C1A PART OF SAMPLE OF SUB-GROUP C1 4.1 Dimensions (detail) Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz 4.3 Robustness of terminations Tensile: load 10 N; 10 s Bending: load 5 N; 4 x 90 No visible damage As specified in chapters "General Data" of this specification
CONDITIONS
RC (s)
PERFORMANCE REQUIREMENTS
Document Number: 28119 Revision: 16-Jul-09
For technical questions, contact: rfi@vishay.com
www.vishay.com 158
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
SUB-CLAUSE NUMBER AND TEST
4.4 Resistance to soldering heat
CONDITIONS
No pre-drying Method: 1A Solder bath: 280 C 5 C Duration: 10 s
PERFORMANCE REQUIREMENTS
4.19
Component solvent resistance
Isopropylalcohol at room temperature Method: 2 Immersion time: 5 min 0.5 min Recovery time: Min 1 h, max 2 h
4.4.2
Final measurements
Visual examination Capacitance Tangent of loss angle
No visible damage Legible marking |C/C| 5 % of the value measured initially. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured initially
Insulation resistance SUB-GROUP C1B PART OF SAMPLE OF SUB-GROUP C1 Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz 4.20 Solvent resistance of the marking Isopropylalcohol at room temperature Method: 1 Rubbing material: cotton wool Immersion time: 5 min 0.5 min 4.6 Rapid change of temperature A = - 55 C B = + 110 C 5 cycles Duration t = 30 min 4.6.1 4.7 Inspection Vibration (see note 3.1) Visual examination Mounting: see Section "Mounting" of this specification Procedure B4 Frequency range: 10 Hz to 55 Hz. Amplitude: 0.75 mm or Acceleration 98 m/s (whichever is less severe) Total duration 6 h 4.7.2 4.9 Final inspection Shock (see note 3) Visual examination Mounting: see Section "Mounting" for more information Pulse shape: half sine Acceleration: 490 m/s Duration of pulse: 11 ms
As specified in section "Insulation Resistance" of this specification
No visible damage Legible marking
No visible damage
No visible damage
www.vishay.com 159
For technical questions, contact: rfi@vishay.com
Document Number: 28119 Revision: 16-Jul-09
MKP 338 2 X2
Interference Suppression Film Capacitors Vishay BCcomponents MKP Radial Potted Type
SUB-CLAUSE NUMBER AND TEST
4.9.2 Final measurements
CONDITIONS
Visual examination Capacitance Tangent of loss angle
PERFORMANCE REQUIREMENTS
No visible damage |C/C| 5 % of the value measured initially. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured initially
Insulation resistance
As specified in section "Insulation Resistance" of this specification
SUB-GROUP C1 COMBINED SAMPLE OF SPECIMENS OF SUB-GROUPS C1A AND C1B 4.11 Climatic sequence Capacitance Measured in 4.4.2 and 4.9.2 Tangent of loss angle: Measured initially in C1A and C1B 4.11.2 Dry heat 4.11.3 Damp heat cyclic Test Db First cycle 4.11.4 Cold 4.11.5 Damp heat cyclic Test Db Remaining cycles 4.11.6 Final measurements Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 5 % of the value measured in 4.11.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.11.1. Voltage proof 1350 Vdc; 1 min between terminations Insulation resistance No permanent breakdown or flash-over Temperature: - 55 C Duration: 2 h Temperature: 110 C Duration: 16 h
4.11.1 Initial measurements
50 % of values specified in section "Insulation Resistance" of this specification
SUB GROUP C2 4.12 Damp heat steady state 56 days; 40 C; 90 % to 95 % RH no load 4.12.1 Initial measurements Capacitance Tangent of loss angle: at 1 kHz
Document Number: 28119 Revision: 16-Jul-09
For technical questions, contact: rfi@vishay.com
www.vishay.com 160
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
SUB-CLAUSE NUMBER AND TEST
4.12.3 Final measurements
CONDITIONS
Visual examination Capacitance Tangent of loss angle
PERFORMANCE REQUIREMENTS
No visible damage Legible marking |C/C| 5 % of the value measured in 4.12.1. Increase of tan : 0. 008 for: C 1 F or 0. 005 for: C > 1 F Compared to values measured in 4.12.1.
Voltage proof 1350 Vdc; 1 min between term. Insulation resistance
No permanent breakdown or flash-over 50 % of values specified in section "Insulation Resistance" of this specification
SUB-GROUP C3 4.13.1 Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz 4.13 Impulse voltage 3 successive impulses, full wave, peak voltage: X2: 2.5 kV for C 1 F X2: 2.5 kV/C for C > 1 F Max.24 pulses 4.14 Endurance Duration: 1000 h 1.25 x URac at 110 C Once in every hour the voltage is increased to 1000 V (RMS) for 0.1 s via resistor of 47 5 % 4.14.7 Final measurements Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 10 % compared to values measured in 4.13.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.13.1. Voltage proof 1350 Vdc; 1 min between terminations. 2120 Vac; 1 min between terminations and case. Insulation resistance 50 % of values specified in section "Insulation Resistance" of this specification No selfhealing breakdowns or flashover
No permanent breakdown or flash-over
www.vishay.com 161
For technical questions, contact: rfi@vishay.com
Document Number: 28119 Revision: 16-Jul-09
MKP 338 2 X2
Interference Suppression Film Capacitors Vishay BCcomponents MKP Radial Potted Type
SUB-CLAUSE NUMBER AND TEST
SUB-GROUP C4 4.15 Charge and discharge 10 000 cycles Charge to 435 Vdc Discharge resistance: 435 Vdc R = -------------------------------------------------1.25 x C ( dU dt )
CONDITIONS
PERFORMANCE REQUIREMENTS
4.15.1 Initial measurements
Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz
4.15.3 Final measurements
Capacitance Tangent of loss angle
|C/C| 10 % compared to values measured in 4.15.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.15.1. 50 % of values specified in section "Insulation Resistance" of this specification 0.9 times the value as specified in section "Resonant Frequency" of this specification After removing test flame from capacitor, the capacitor must not continue to burn for more than 10 s. No burning particle must drop from the sample.
Insulation resistance SUB-GROUP C5 4.16 Radio frequency characteristic Passive flammability Class B Resonance frequency
SUB-GROUP C6 4.17 Bore of gas jet: O 0.5 mm Fuel: butane Test duration for actual volume V in mm: V 250: 10 s 250 < V 500: 20 s 500 < V 1750: 30 s V > 1750: 60 s One flame application
SUB-GROUP C7 4.18 Active flammability 20 cycles of 2.5 kV discharges on the test capacitor connected to URac The cheese cloth around the capacitors shall not burn with a flame. No electrical measurements are required.
Document Number: 28119 Revision: 16-Jul-09
For technical questions, contact: rfi@vishay.com
www.vishay.com 162
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BFC233828501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X