Part Number Hot Search : 
1215Z SIS43 VIPER50B P4KE47 2N6796 34907 UZ15BSA EW6018
Product Description
Full Text Search
 

To Download BAXXDD010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard Fixed Output LDO Regulator Series
Standard Fixed Output LDO Regulators
BADD0 Series, BACC0 Series
Standard Fixed Output LDO Regulators with Shutdown Switch
BADD0W and,BACC0W Series
No.10021EBT01
General Description Standard Fixed Output LDO Regulators are low-saturation regulators, available for output s up to 2A/1A. ROHM has a wide output voltage range and package lineup with and without shutdown switches. This IC has a built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits, a thermal shut-down circuit that protects the IC from damage due to overloading and an over-voltage protection circuit that protects the IC from surges generated in the power supply line of the IC. Features 1) Maximum output current : 2A (BADD0),1A(BACC0) 2) 1% highly accurate output voltage (BADD0) 3) Low saturation with PNP output 4) Built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits 5) Built-in thermal shutdown circuit for protecting the IC from damage due to overloading 6) Built-in over- voltage protection circuit that prevents the destruction of the IC due to power supply surges 7) TO220FP and HRP5 packaging (BADD0) ,TO220FP and TO252 packaging(BACC0) Applications Used in DSP power supplies for DVD and CD players, FPDs, televisions, personal computers or any other consumer device Line up 1A BACC0 Series Part Number BACC0WT BACC0WT-V5 BACC0WFP BACC0T BACC0FP 2A BADD0 Series Part Number BADD0WT BADD0WHFP BADD0T a Symbol
3.0 1.5 bc
3.3 1.8
5.0 2.5
6.0 3.0
7.0 3.3
8.0 5.0
9.0 9.0
10 12 a
12 16 bc
15
Package TO220FP-5 TO220FP-5(V5) TO252-5 TO220FP-3 TO252-3
Package TO220FP-5 HRP5 TO220FP-3
Part NumberBACC0
Part NumberBADD0
a
b c
Details Output Voltage Designation Output Voltage(V) Output Voltage(V) 03 3.0V(Typ.) 08 8.0V(Typ.) 033 3.3V(Typ.) 09 9.0V(Typ.) 05 5.0V(Typ.) J0 10.0V(Typ.) 06 6.0V(Typ.) J2 12.0V(Typ.) 07 7.0V(Typ.) J5 15.0V(Typ.) Switch:"With W" :Shutdown switch included "Without W" :Shutdown switch not included Package T : TO220FP-5(V5),TO220FP-3 FP : TO252-5,TO252-3
Symbol
a
b c
Details Output Voltage Designation Output Voltage(V) Output Voltage(V) 15 1.5V(Typ.) 50 5.0V(Typ.) 18 1.8V(Typ.) 90 9.0V(Typ.) 25 2.5V(Typ.) J2 12.0V(Typ.) 30 3.0V(Typ.) J6 16.0V(Typ.) 33 3.3V(Typ.) Switch:"With W" :Shutdown switch included "Without W" :Shutdown switch not included Package T : TO220FP-5,TO220FP-3 HFP: HRP5
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
1/9
2010.02 - Rev.B
BADD0 Series,BACC0 Series, BADD0W Series,BACC0W Series Absolute Maximum Ratings(Ta=25) Parameter Input Power Supply Voltage Power Dissipation Operating Temperature Range Ambient Storage Temperature Junction Temperature Output Control Terminal Voltage Voltage Applied to the Tip
Technical Note
*1
Symbol Vcc Pd Topr Tstg Tjmax VCTL Vcc peak
*2
*3 *4
Limits -0.3+35 2300(HRP5) 1300(TO252-5) 1200(TO252-3) 2000(TO220FP-3,5) -40+125 -55+150 +150 -0.3+Vcc +50
Unit V mW V V
*1 Must not exceed Pd *2 HRP5 : In cases in which Ta25 when a 70mmx70mmx1.6mm glass epoxy board is used, the power is reduced by 18.4 mW/. TO252FP-3 : In cases in which Ta25 when a 70mmx70mmx1.6mm glass epoxy board is used, the power is reduced by 9.6 mW/. TO252FP-5 : In cases in which Ta25 when a 70mmx70mmx1.6mm glass epoxy board is used, the power is reduced by 10.4 mW/. TO220FP-5 : No heat sink. When Ta25, the power is reduced by 16 mW/. *3 Only for models with shutdown switches. *4 Applied voltage : 200msec or less (tr1msec)
tr1msec
50V 35V 0V
MAX200msec (Voltage Supply more than 35V)
Recommended Operating Range (Ta=25) Parameter BACC0 Input PowerSupply Voltage BADD0 BACC0 Output Current BADD0 Output Control Terminal Voltage
Symbol Vcc Io VCTL
Min. 4.0 3.0 0
Max. 25.0 25.0 1 2 Vcc
Unit V A V
Electrical Characteristics(ABRIDGED) *5 BACC0 Series (unless specified otherwise, Ta=25, VCTL=5.0V(only with switch), Io=500mA,and Vcc= VccD ) Parameter Symbol Min. Typ. Max. Unit Conditions Refer to the lineup for Output Voltage Vo Vox0.98 Vo Vox1.02 V Vo Circuit Current at Shutdown Isd 0 10 A VCTL=0V Minimum I/O Difference Output Current Capacity Input Stability Load Stability Output Voltage Temperature Coefficient*6 Vd Io Reg.I Reg.L TCVO 1.0 0.3 20 50 0.02 0.5 100 100 V A mV mV %/ Vcc= (Vo+1)V 25V Io=5mA1A Io=5mA ,Tj=0~125 Vcc= 0.95xVo
*7 BA00DD0 series (unless specified otherwise, Ta=25, VCTL=3V(only with switch), Io=500mA,and Vcc=VccD ) Parameter Symbol Min. Typ. Max. Unit Conditions
Output Voltage Circuit Current at Shutdown Minimum I/O Difference Output Current Capacity Input Stability Load Stability Output Voltage Temperature Coefficient
*6
Vo Isd Vd Io Reg.I Reg.L TCVO
Vox0.99 2.0
Vo 0 0.45 15 50 0.02
Vox1.01 10 0.7 50 200
V A V A mV mV %/
Io=200mA VCTL=0V Vcc= 0.95xVo, Io=2A Vcc= VccD 25V, Io=200mA Io=5mA2A Io=5mA ,Tj=0~125
*7
*5 Vo=3.0V : Vcc= 8.0V , Vo=3.3V : Vcc=8.3V , Vo=5.0V : Vcc=10.0V , Vo=6.0V : Vcc=11.0V , Vo=7.0V : Vcc=12.0V, Vo=8.0V : Vcc= 13.0V , Vo=9.0V : Vcc=14.0V , Vo=10.0V : Vcc=15.0V , Vo=12.0V : Vcc=17.0V , Vo=15.0V : Vcc=20.0V *6 Design guarantee(100% shipping inspection not performed) *7 Vo=1.5V , 1.8V , 2.5V , 3.0V : Vcc=4.0V , Vo=3.3V , 5.0V : Vcc=7.0V , Vo=9.0V : Vcc=12.0V ,Vo=12V : Vcc=14V , Vo=16V : Vcc=18V
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
2/9
2010.02 - Rev.B
BADD0 Series,BACC0 Series, BADD0W Series,BACC0W Series
Technical Note
Reference Data BACC0(BA33CC0WT)(Unless specified otherwise, Vcc=8.3V, Vo=3.3V, VCTL=5.0V, and Io=0mA)
3.0
4.0 4.0
2.5
OUTPUT VOLTAGE:VOUT[V]
3.0
OUTPUT VOLTAGE:VOUT[V]
0 2 4 6 8 10 12 14 16 18 20
CIRCUIT CURRENT:ICC[mA]
3.0
2.0
1.5
2.0
2.0
1.0
1.0
1.0
0.5
0.0 0 2 4 6 8 10 12 14 16 18 20
0.0
0.0 0 2 4 6 8 10 12 14 16 18 20
SUPPLY VO LTAGE:VCC[ V]
SUPPLY VOLTAGE:VCC[V]
SUPPLY VOLTAGE:VCC[V]
Fig.1 Circuit current
3.5 3.0
600
Fig.2 Input Stability
80 70
Fig.3 Input Stability(Io=500mA)
500
DROPOUT VOLTAGE:Vd[V]
OUTPUT VOLTAGE:VOUT[V]
RIPPLE REJECTION:R.R[dB]
60 50 40 30 20 10 0
2.5 2.0 1.5 1.0 0.5 0.0 0 200 400 600 800 1000 1200 1400 1600 1800 2000
400
300
200
100
0 0 100 200 300 400 500 600 700 800 900 1000
10
100
1000 1k
10k
100000 100k
1000k
OUTPUT CURRENT:Io[mA]
Fig.4 Load Stability
4.5
200
Fig.5 Input/Output Voltage Difference IOUT0V=1A
OUTPUT CURRENT:Io[mA]
FREQUENCY:f[Hz]
Fig.6 Ripple Rejection Characteristics Io=100mA
1000 900
OUTPUT VOLTAGE:VOUT[V]
CIRCUIT CURRENT:Icc[mA]
150
CONTROL CURRENT:ICTL[A]
4.0
800 700 600 500 400 300 200 100
3.5
100
3.0
2.5
50
2.0 -40 -20 0 20 40 60 80 100 120
0 0 100 200 300 400 500 600 700 800 900 1000 OUTPUT CURRENT:Io[mA]
0 0 2 4 6 8 10 12 14 16 18 20
AMBIENT TEMPERATURE:Ta[]
CONTROL VOLTAGE:VCTL[V]
8 7
Fig.7 Output Voltage Temperature Characteristics
4 4
Fig.8 Circuit Current by load Level (IOUT=0mA1A)
4 4
Fig.9 CTL Voltage vs. CTL Current
OUTPUT VOLTAGE:VOUT[V]
OUTPUT VOLTAGE:VOUT[V]
6 5 4 3 2 1 0 0 2 4 6 8 10 12 14 16 18 20 22 24
3 3 2 2 1 1 0 0 5 10 15 20 25 30 35 40
OUTPUT VOLTAGE:VOUT[V]
3 3 2 2 1 1 0 130 140 150 160 170 180 190
CONTROL VOLTAGE:VCTL[V]
SUPPLY VOLTAGE:Vcc[V]
AMBIENT TEMPERATURE:Ta[]
Fig.10 CTL Voltage vs. Output Voltage
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
Fig.11 Overvoltage Operating Characteristics(Io=200mA)
Fig.12 Thermal Shutdown Circuit Characteristics
3/9
2010.02 - Rev.B
BADD0 Series,BACC0 Series, BADD0W Series,BACC0W Series
Technical Note
Reference Data BADD0(BA50DD0WT) (Unless specified otherwise, Vcc=7.0V, Vo=5.0V, VCTL=3.0V, and Io=0mA)
6.0 5.5
8 7
8 7
5.0
OUTPUT VOLTAGE:VOUT[V]
CIRCUIT CURRENT:ICC[mA]
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0
6 5 4 3 2 1
OUTPUT VOLTAGE:VOUT[V]
0 2 4 6 8 10 12 14 16 18 20 22 24
6 5 4 3 2 1 0 0 2 4 6 8 10 12 14 16 18 20 22 24
0.5 0.0 0 2 4 6 8 10 12 14 16 18 20 22 24
0
SUPPLY VOLTAGE:VCC[V]
SUPPLY VOLTAGE:VCC[V]
SUPPLY VOLTAGE:VCC[V]
Fig.13 Circuit Current
8 8 7 7
700 DROPOUT VOLTAGE:VDRP[V] 800
Fig.14 Input Stability
60 55
Fig.15 Input Stability(Io=2A)
6 6 5 5 4 4 3 3 2 2 1 1 0
RIPPLE REJECTION:R.R[dB]
50 45 40 35 30 25 20 15 10
OUTPUT VOLTAGE:VOUT[V]
600 500 400 300 200 100 0
5 0
1.0
2.0 3.0 OUTPUT CURRENT:IOUT[A]
4.0
4.8
0.5 1.0 1.5 OUT PUT CURRENT:IOUT [A]
2.0
10
100
FREQUENCY:f[Hz]
1k 1000
10k
100k 100000
1000k
Fig.16 Load Stability
5.2 200 180 5.1
Fig.17 Input/Output Voltage Difference (Vcc=4.75V)
800 700
Fig.18 Ripple Rejection Characteristics (Iout=100mA)
CONTROL CURRENT:ICTL[A]
0.5 1.0 1.5 2.0
OUTPUT VOLTAGE:VOUT[V]
160
CIRCUIT CURRENT:[mA]
600 500 400 300 200 100 0 0 2 4 6 8 10 12 14 16 18 20 22 24
140 120 100 80 60 40 20
5.0
4.9
4.8 -40 -20 0 20 40 60 80 100
0
AMBIENT TEMPERATURE:Ta[]
OUTPUT CURRENT:IOUT[A]
CONTROL VOLTAGE:VCTL[V]
Fig.19 Output Voltage Temperature Characteristics
8 7
Fig.20 Circuit Current by Load Level (IOUT=0mA2A)
48 47
8
Fig.21 CTL Voltage vs. CTL Current
OUTPUT VOLTAGE:VOUT[V]
OUTPUT VOLTAGE:VOUT[V]
OUTPUT VOLTAGE:VOUT[V]
6 5 4 3 2 1 0 0 2 4 6 8 10 12 14 16 18 20 22 24
36 3 5
6
4 2 3 2 2 1
1 0 0 5 10 15 20 25 30 35 40
4
2
0 130 140 150 160 170 180 190
CONTROL VOLTAGE:VCTL[V]
Fig.22 CTL Voltage vs. Output Voltage
SUPPLY VOLTAGE:Vcc[V]
AMBIENT TEMPERATURE:Ta[]
Fig.23 Overvoltage Operating
Fig.24 Thermal Shutdown Circuit Characteristics
www.rohm.com
(c) 2010 ROHM Co., Ltd. All rights reserved.
1
4/9
2010.02 - Rev.B
BADD0 Series,BACC0 Series, BADD0W Series,BACC0W Series Block Diagrams BACC0WFP/ BADD0WHFP/ BACC0WT(V5)/ BADD0WT
GND
Technical Note
Fin
(TO252-5HRP5)
TOP VIEW
Vcc FIN
Vref
Driver R2 1 2 345 TO252-5 R1 OVP TSD OCP 1 2 3 45 HRP5
PIN No. 1 2 3 4 5 Fin
Pin Name CTL Vcc N.C/GND OUT N.C GND
Function Output voltage ON/OFF control Power supply voltage input Unconnected terminal/GND Voltage output Unconnected terminal GND *2 *1
TOP VIEW
TOP VIEW
1
2
3
4
5
CTL
Vcc
N.C.
OUT
N.C.
1 2 3 45 TO220FP-5 1 2 3 45
2 Only for TO252-5 and HRP5 1 TO252-5 is N.C.,and TO220FP-5,-5(V5),and HRP5 are GND
(TO252-5) GND (TO220FP-5,-5(V5),HRP5)
TO220FP-5V5
Fig.25
BACC0T/ BACC0FP/ BADD0T
GND
Fin
(TO252-3)
Vcc Driver R2
TOP VIEW
FIN
TOP VIEW
Vref
PIN No. 1 2 3 Fin
Pin Name Vcc N.C/GND OUT GND
Function Power supply voltage input Unconnected terminal/GND*1 Voltage output GND *2
R1 OVP TSD OCP 1 2 3 12 3 TO220FP-3
1 TO252-3 is N.C.,and TO-220FP-3,is GND 2 Only for TO252-3 and HRP5
TO252-3 1 2 3
Vcc
N.C.
(TO252-3) GND (TO220FP-3)
OUT
Fig.26
Input / Output Equivalent Circuit Diagrams < BADD0 Series >
< BACC0 Series >
Vcc 10k 39k CTL 31k 2k
Vcc 25k CTL OUT 25k R2
Vcc
OUT R2
R1
R1
Fig.27
Fig.28
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
5/9
2010.02 - Rev.B
BADD0 Series,BACC0 Series, BADD0W Series,BACC0W Series Thermal Design HRP-5 10
9 8 Power Dissipation:Pd(W) 7 6 5 4 3 2 1 0 0 25 50 75 100 Ambient temperature:Ta( 125 150 0 0 25 50 75 100 Ambient temperature:Ta( 125 150
Technical Note
Board size : 70x70x1.6 3 board contains a thermal via Board front copper foil area : 10.5x10.5 2 2-layer board (back surface copper foil area :15x15 2) 2-layer board (back surface copper foil area :70x70 2) 4-layer board (back surface copper foil area :70x70 2)
25
TO220FP-5
1 2 When using a maximum heat sick : j-c=6.25(/W) When using an IC alone : j-6=62.5(/W)
2.0
TO252-5
Mounted on a Rohm standard board Board size : 70x70x1.6 Copper foil area :7x7 TO252-5ja=96.2(/W)
20
1.6 Power Dissipation:Pd(W)
Power Dissipation:Pd(W)
7.3W
120.0
15
1.2
1.30
5.5W
10
0.8
2.3W
5
0.4
22.0
0.0 0 25 50 75 100 Ambient temperature:Ta( 125 150
Fig.29
Fig.30
Fig.31
When using at temperatures over Ta=25, please refer to the heat reducing characteristics shown in Fig.29 through 31. The IC characteristics are closely related to the temperature at which the IC is used and if the temperature exceeds the maximum junction temperature TjMAX., the elements may be damaged or destroyed. From the standpoints of instantaneous destruction and long-term operating reliability, it is necessary give sufficient consideration to IC heat. In order to protect the IC from thermal damage, it is necessary to operate it at temperatures lower than the maximum junction temperature TjMAX of the IC. Fig.30 shows the acceptable loss and heat reducing characteristics of the TO220FP package The portion shown by the diagonal line is the acceptable loss range that can be used with the IC alone. Even when the ambient temperature Ta is a normal temperature (25), the chip (junction) temperature Tj may be quite high so please operate the IC at temperatures less than the acceptable loss Pd. The method of calculating the power consumption Pc(W) is as follows. Pc = (Vcc-Vo) x Io Vcc x Icca Acceptable loss PdPc Solving this for load current IO in order to operate within the acceptable loss: (Please refer to Figs.8 and 20 for Icca.) It is then possible to find the maximum load current IoMAX with respect to the applied voltage Vcc at the time of thermal design. Calculation Example Example 1) When Ta=85, Vcc=8.3V, Vo=3.3V, BA33DD0WT 1.048.3xIcca Io With the IC alone : ja=62.5/W -16mW/ 5 Io200mA (Icca : 2mA) 25=2000mW 85=1040mW Please refer to the above information and keep thermal designs within the scope of acceptable loss for all operating temperature ranges. The power consumption Pc of the IC when there is a short circuit (short between Vo and GND) is : Pc=Vccx(IccaIshort)
*Ishort : Short circuit current Vcc Input voltage Vo Output voltage Io Load current Vcca Circuit current
Io Pd - VccxIcca VccVo
Peripheral Circuit Considerations Vcc Terminal Please attach a capacitor (greater than 0.33F) between the Vcc and GND. The capacitance values will differ depending on the application, so please take this into account when configuring the terminal. GND Terminal Please be sure to keep the set ground and IC ground at the same potential level so that a potential difference does not arise between them. If a potential difference arises between the set ground and the IC ground, the preset voltage will not be outputted, causing the system to become unstable. Therefore, please reduce the impedance by making the ground patterns as wide as possible and by reducing the distance between the set ground and the IC ground as much as possible. CTL Terminal The CTL terminal is turned ON at 2.0V and higher and OFF at 0.8V and lower within the operating power supply voltage range. The power supply and the CTL terminal may be started up and shut down in any order without problems.
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
6/9
2010.02 - Rev.B
BADD0 Series,BACC0 Series, BADD0W Series,BACC0W Series Vo Terminal
100 Unstable operating region EFFECTIVE SERIES RESISTANCE:ESR [] EFFECTIVE SERIES RESISTANCE:ESR [] 100
Technical Note
Unstable operating region
10 Stable operating region
10 Stable operating region
OUT IC 22F
1
1 Unstable operating region
0.1
Unstable operating region
0.1 0
200 600 800 400 OUTPUT CURRENTlo(mA)
1000
1
10 OUTPUT
100 CURRENTlo(mA)
1000
Fig.32 Output Equivalent Circuit
Fig.33 ESR-Io Characteristics (BACC0)
Fig.34 ESR vs Io Characteristics (B ADD0)
Please attach an anti-oscillation capacitor between Vcc and GND. The capacitance of the capacitor may significantly change due to factors such as temperature changes, making it impossible to completely stop oscillations. Please use a tantalum capacitor or aluminum electrolysis capacitor with favorable characteristics and small internal series resistance (ESR) even at low temperatures. The output fluctuates regardless of whether the ESR is large or small. Please use the IC within the stable operating region while referring to the ESR characteristics reference data shown in Figs.32 through 34. In applications where there are sudden load fluctuations, the use of a capacitor with large capacitance is recommended. Other Points of Caution 1)Protection Circuits Over-current Protection Circuit A built-in over-current protection circuit corresponding to the current capacity prevents the destruction of the IC when there are load shorts. This protection circuit is a "7"-shaped current control circuit that is designed such that the current is restricted and does not latch even when a large current momentarily flows through the system with a high-capacitance capacitor. However, while this protection circuit is effective for the prevention of destruction due to unexpected accidents, it is not suitable for continuous operation or transient use. Please be aware when creating thermal designs that the overcurrent protection circuit has negative current capacity characteristics with regard to temperature (Refer to Figs.4 and 16). Thermal Shutdown Circuit (Thermal Protection) This system has a built-in temperature protection circuit for the purpose of protecting the IC from thermal damage. As shown above, this must be used within the range of acceptable loss, but if the acceptable loss happens to be continuously exceeded, the chip temperature Tj increases, causing the temperature protection circuit to operate. When the thermal shutdown circuit operates, the operation of the circuit is suspended. The circuit resumes operation immediately after the chip temperature Tj decreases, so the output repeats the ON and OFF states (Please refer to Figs.12 and 24 for the temperatures at which the temperature protection circuit operates). There are cases in which the IC is destroyed due to thermal runaway when it is left in the overloaded state. Be sure to avoid leaving the IC in the overloaded state. Reverse Current In order to prevent the destruction of the IC when a reverse current flows through the IC, it is recommended that a diode be placed between the Vcc and Vo and a pathway be created so that the current can escape (Refer to Fig.35). 2) This IC is bipolar IC that has a P-board (substrate) and P+ isolation layer between each devise, as shown in Fig.36. A P-N junction is formed between this P-layer and the N-layer of each device, and the P-N junction operates as a parasitic diode when the electric potential relationship is GND> Terminal A, GND> Terminal B, while it operates as a parasitic transistor when the electric potential relationship is Terminal B GND> Terminal A. Parasitic devices are structurally inevitable in the IC. The operation of parasitic devices induces mutual interference between circuits, causing malfunctions and eventually the destruction of the IC. It is necessary to be careful not to use the IC in ways that would cause parasitic elements to operate. For example, applying a voltage that is lower than the GND (P-board) to the input terminal.
(Pin B) O Transistor (NPN) B E GND N P+ N P N P Parasitic element or transistor P+ N P N P+ N P P+ N Parasitic element GND GND (Pin A) Parasitic element
GND
Reverse current
Vcc CTL GND
OUT
Fig. 36:Bypass diode
(Pin B) B C E
GND
Resistor (Pin A)
Parasitic element or transistor
Fig. 37: Example of the basic structure of a bipolar IC
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
7/9
2010.02 - Rev.B
BADD0 Series,BACC0 Series, BADD0W Series,BACC0W Series Ordering part number
Technical Note
B
Part No.
A
3
3
C
C
0
W
Shutdown switch W : Includes switch
H
F
P
-
T
R
Output voltage
Series CC0 : 1A DD0 : 2A
Package HFP HRP5 FP TO252-3 TO252-5 T TO220FP-3 TO220FP-5
Packaging and forming specification TR: Embossed tape and reel (HRP5) E2: Embossed tape and reel (TO252-3, TO252-5) None : Container Tube V5 :Foaming(V5 only)
HRP5
9.3950.125 (MAX 9.745 include BURR)
1.0170.2

Tape
1.9050.1
Embossed carrier tape 2000pcs TR
direction the at right when you ( The on the leftishand1pin of product is thethe upperthe right hand hold ) reel and you pull out tape on
8.82 0.1 (5.59)
Quantity Direction of feed
(7.49)
0.8350.2 1.5230.15 10.540.13
8.00.13
1pin
1.2575
1
2
3
4
5
4.5+5.5 -4.5 +0.1 0.27 -0.05 1.72 0.730.1 0.08 S S
0.080.05
Direction of feed
(Unit : mm)
Reel
Order quantity needs to be multiple of the minimum quantity.
TO252-3

6.50.2
1.50.2
Tape
C0.5 2.30.2 0.50.1
Embossed carrier tape 2000pcs E2
The direction is the 1pin of product is at the lower left when you hold
+0.2 5.1 -0.1
Quantity Direction of feed
FIN
5.50.2 9.50.5
( reel on the left hand and you pull out the tape on the right hand
)
0.65 0.75 2.30.2
0.8
0.65 0.50.1
2.30.2
1.00.2
2.5
1
2
3
1.5
1pin
Direction of feed
(Unit : mm)
Reel
Order quantity needs to be multiple of the minimum quantity.
TO252-5

6.50.2 +0.2 5.1 -0.1 2.30.2 C0.5 0.50.1
Tape Quantity Direction of feed
Embossed carrier tape 2000pcs E2
The direction is the 1pin of product is at the lower left when you hold
1.50.2
FIN
5.50.2 9.50.5
( reel on the left hand and you pull out the tape on the right hand
)
0.8
0.50.1 0.5 1.27 1.00.2
2.5
123
45
1.5
1pin
Direction of feed
(Unit : mm)
Reel
Order quantity needs to be multiple of the minimum quantity.
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
8/9
2010.02 - Rev.B
BADD0 Series,BACC0 Series, BADD0W Series,BACC0W Series
Technical Note
TO220FP-3
+0.3 10.0 -0.1 +0.3 4.5 -0.1 3.20.1 +0.2 2.8 -0.1

Container Quantity Direction of feed Tube 500pcs Direction of products is fixed in a container tube
+0.4 17.0 -0.2
12.00.2
13.5Min.
5.00.2
8.00.2
1.80.2
7.0 +0.3 -0.1
1.3 0.8 2.540.5 0.55 +0.1 -0.05 2.60.5
2.540.5
12
3
(Unit : mm)
Order quantity needs to be multiple of the minimum quantity.
TO220FP-5
1.80.2
+0.3 10.0-0.1 +0.3 7.0 -0.1 +0.3 4.5 -0.1 3.20.1 +0.2 2.8 -0.1

Container Quantity Direction of feed Tube 500pcs Direction of products is fixed in a container tube
+0.4 17.0 -0.2
12.00.2
13.5Min.
8.00.2 0.7
1.2 0.8
1.778
0.50.1 2.85
12345
(Unit : mm)
Order quantity needs to be multiple of the minimum quantity.
TO220FP-5(V5)
1.80.2
+ 0.3 10.0 - 0.1 7.0 + 0.3 - 0.1 3.20.1 +0.3 4.5 -0.1

+0.2 2.8 -0.1
Container Quantity Direction of feed
Tube 500pcs Direction of products is fixed in a container tube
+0.4 17.0 -0.2
12.00.2
31.5Max.
8.00.2 0.7
(2.0)
17.5
1.2 0.8 0.50.1 1.778 4.25 8.15
12345
23.4
(2.85)
25.8
(Unit : mm)
Order quantity needs to be multiple of the minimum quantity.
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
9/9
2010.02 - Rev.B
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuelcontroller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
R1010A


▲Up To Search▲   

 
Price & Availability of BAXXDD010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X