Part Number Hot Search : 
NRF905 RT3YB7M 01118 M2125 DUG10A MAX10 768KH TFS170F
Product Description
Full Text Search
 

To Download B82732W2102B030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power line chokes
Current-compensated D core double chokes 250 V AC, 0.4 ... 2.2 A, 3.3 ... 100 mH
Series/Type: B82732R/W October 2008
7ffARspp
Date:
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Power line chokes Current-compensated D core double chokes
Rated voltage 250 V AC Rated current 0.4 A to 2.2 A Rated inductance 3.3 mH to 100 mH Construction

B82732R/W
Current-compensated double choke Closed rectangular ferrite core Closed polycarbonate coil former (UL 94 V-0) Without encapsulation 2-section winding Clearance and creepage distances > 3 mm
B82732R
Features
High resonance frequency due to 2-section winding Approx. 1% stray inductance for symmetrical
interference suppression Low leakage due to closed core shape High pulse strength Low whirring noise Suitable for wave soldering Design complies with EN 60938-2 (VDE 0565-2) UL and VDE approvals Recyclable owing to omission of encapsulation and glue RoHS-compatible
B82732W
Applications
Suppression of common-mode interferences Switch-mode power applications Electronic ballasts in lamps
Terminals

Base material CuNi18Zn20 Layer composition Ni, Sn Hot-dipped Pins 0.6 x 0.6 (mm) Lead spacing 10 x 12.5 (mm)
Marking Manufacturer, rated inductance, rated current, ordering code, approval symbols, date of manufacture (WWYY) Delivery mode Blister tray in cardboard box
Please read Cautions and warnings and Important notes at the end of this document.
2
10/08
Power line chokes Current-compensated D core double chokes
Dimensional drawings and pin configuration Vertical version (B82732R)
1 2
100.2
B82732R/W
Horizontal version (B82732W)
2
100.2
1 2 1 2
1
4 12.50.2 24 max.
3 4 3
4 12.50.2 24 max.
3
4
3
16.5 max.
8.3 max. 14.8 max.
90
23 max.
17.3 max.
5
5 max.
0.6
IND0286-L
Tolerances to ISO 2768-C unless otherwise noted. Technical data and measuring conditions Rated voltage VR Test voltage Vtest Rated temperature TR Rated current IR Rated inductance LR Inductance tolerance Inductance decrease L/L0 Stray inductance Lstray,typ DC resistance Rtyp Solderability (lead-free) Resistance to soldering heat (wave soldering) Climatic category Storage conditions (packaged) Weight Approvals 250 V AC (50/60 Hz) 1500 V AC, 2 s (line/line) 40 C Referred to 50 Hz and rated temperature
IND0287-U
Dimensions in mm
Measured with Agilent 4284A at 0.1 mA, 20 C, 10 kHz. Inductance is specified per winding. -30/+50% at 20 C < 10% at DC magnetic bias with IR, 20 C Measured with Agilent 4284A at 10 kHz, 5 mA, 20 C, typ. values Measured at 20 C, typical values, specified per winding Sn96.5Ag3.0Cu0.5: (245 5) C, (3 0.3) s Wetting of soldering area 95% (to IEC 60068-2-20, test Ta) (260 5) C, (10 1) s (to IEC 60068-2-20, test Tb) 40/125/56 (to IEC 60068-1) -25 C ... +40 C, 75% RH Approx. 11 g EN 60938-2, UL 1283 3 10/08
Please read Cautions and warnings and Important notes at the end of this document.
3+0.5
0.6
3+0.5
4.8 min.
Power line chokes Current-compensated D core double chokes
Characteristics and ordering codes IR A 0.4 0.6 0.7 0.9 1.0 1.1 1.4 1.7 2.2 LR mH 100 47 39 27 22 15 10 6.8 3.3 Lstray,typ H 850 400 330 230 165 125 85 55 27 Rtyp m 3000 1400 1100 750 580 440 300 190 110 Ordering code Vertical version B82732R2401B030 B82732R2601B030 B82732R2701B030 B82732R2901B030 B82732R2102B030 B82732R2112B030 B82732R2142B030 B82732R2172B030 B82732R2222B030 Horizontal version
B82732R/W
Approvals B82732W2401B030 - B82732W2601B030 x B82732W2701B030 x B82732W2901B030 x B82732W2102B030 - B82732W2112B030 x B82732W2142B030 x B82732W2172B030 x B82732W2222B030 x - x x x - x x x x
x = approval granted Impedance |Z| versus frequency f measured with windings in parallel at 20 C typical values
10 6
IND0291-4-E
Current derating Iop/IR versus ambient temperature TA
1.4 I op I R 1.2 1.0
IND0373-A-E
|Z | 10 5
B82732R/W
10
4
TR = 40 C 0.8
10 3
10 2
2401B030 2601B030 2701B030 2901B030 2102B030 2112B030 2142B030 2172B030 2222B030 10 5 10 6 Hz 10 7 f
0.6 0.4 0.2 0
10 1 4 10
0
20
40
60
80
100
C 140
TA
Please read Cautions and warnings and Important notes at the end of this document.
4
10/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets. - Particular attention should be paid to the derating curves given there. - The soldering conditions should also be observed. Temperatures quoted in relation to wave soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
- Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
5
10/08
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. 6 03/09


▲Up To Search▲   

 
Price & Availability of B82732W2102B030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X