Part Number Hot Search : 
CA3338AM 2Y4NANV BY228G FST32211 GRM32ER MC4120 SMCJ36A GP1A91LC
Product Description
Full Text Search
 

To Download B0727-BL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 414
ADSL2 Transformer
For Broadcom BCM6348 Router Chip
* Designed for use with the Broadcom BCM6348 router chip * Low leakage inductance and 1875 V interwinding isolation * Evaluated and approved by UL to meet 60950 under a Supplementary Insulation System with a working voltage of 250 Vrms, 353.5 V peak.
Core material Ferrite Terminations RoHS tin-silver over tin over nickel over phos bronze. Other terminations available at additional cost. Weight 6.2 g Ambient temperature -40C to +85C Storage temperature Component: -40C to +85C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Mean Time Between Failures (MTBF) 26,315,789 hours Packaging 175 per 13 reel Plastic tape: 32 mm wide, 0.42 mm thick, 28 mm pocket spacing, 12.9 mm pocket depth PCB washing Only pure water or alcohol recommended
Part number1
B0727-BL_
Line side Leakage Turns ratio inductance2 inductance3 Capacitance4 line : chip 5% (H) max (H) max (pF)
2 :1 409.5 6.5 65.0
DCR max (Ohms) chip side line side
0.645 (1-4) 0.645 (2-5) 0.284 (10-7) 0.371 ((9-6)
Longitudinal balance min (dB)
50.0 (1.1 MHz)
THD max (dB)
-80
1. When ordering, please specify termination and packaging coded: B0727-BLD Termination: L = RoHS tin-silver over tin over nickel over phos bronze. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape (175 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance measured at 10 kHz, 0.1 Vrms, 0 Adc with windings connected in series. 3. Leakage inductance measured at 100 kHz, 0.1 Vrms, 0 Adc from pins 1 to 5 with pins 4 and 2 connected and all chip side pins shorted. 4. Capacitance measured at 100 kHz, 0.1 Vrms, 0 Adc from chip side to line side. 5. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Dot above pin1
0.500 max 12,70
0.039 1,00
0.004 /0,10 0.699 max 17,75 0.512 13,00
1
1
10
0.061 1,55
0.590 14,99
0.050 1,27
0.028
10 0,70
Line 4 side 2
7 Chip 9 side
1
Recommended Land Pattern
0.098 2,50
0.530 max 13,46
5 6
0.098 2,50
5
6
inches Dimensions are in mm
Specifications subject to change without notice. Please check our website for latest information.
Document 414
Revised 10/20/08
(c) Coilcraft, Inc. 2008


▲Up To Search▲   

 
Price & Availability of B0727-BL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X