Part Number Hot Search : 
3AA13 2SC37 2SC3923 BAT54 1N966B MBR520 B0967 324C8
Product Description
Full Text Search
 

To Download AM351 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,LTD Tel:0086-21-37185008 Fax:0086-21-57152769
AM351 THRU AM356
PRESS FIT AUTOMOTIVE RECTIFIER(MOTOROLA)
VOLTAGE RANGE 100 TO 600 VOLTS CURRENT 35AMPS
.050.002 1.280.05 MC1
Features
Low leakage Low forward voltage drop High current capability High forward surge current capability
Mechanical Data
Case: Copper case Technology: cell with vcauum soldered Polarity: As marked of case bottom Lead: Plated lead, solderable per MIL-STD-202E method 208C Mounting: Press fit Weigth: 9.0 grams
.62.004 15.70.1
1.0830.01 27.50.5
.050.002 1.280.05 .437.004 11.10.1 0.5-0.504 12.73-12.79
Maximum Ratings and Electrical Charactristics
Rating at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% Parameters Symbols VRRM Maximum repetitive peak reverse voltage VRMS Maximum RM S voltage VDC Maximum DC blocking voltage Maximum Average rectified forward current Io at TC=110oC Peak forward surge current 8.3mS single IFSM half sine-wave superimposed on rated load (JE DEC Method) Rating for fusing(t<8.3ms) Maximum instantaneous forward voltage drop at 100A Maximum DC reverse current TA=25oC at rated DC blocking voltage TA=150 C Typical thermal resistance Operating and storage temperature
o
Epoxy Dimensions in inches and millimeters
AM351 100 70 100
AM352 200 140 200
AM353 300 210 300 35 500 1038 1.08 5.0 450 0.8 -65 to +175
AM354 400 280 400
AM356 600 420 600
Units Volts Volts Volts Amps Amps A2S Volts uA
o
I2t VF IR RJC TJ,TSTG
C/W
o
C
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
AM351 THRU AM356
Ratings and Characteristic Curves
www. cnelectr .com


▲Up To Search▲   

 
Price & Availability of AM351

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X