Part Number Hot Search : 
SC1EXXX 1N4728 ON1269 TBWB2A0O 8671A LT4363 UF1JF AN731
Product Description
Full Text Search
 

To Download 7B27-B-07-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Isolated Thermocouple Input 7B27
FEATURES
Interfaces, amplifies and filters input voltages from a J, K, T, E, R, S or B-type thermocouple. Provides an isolated and protected precision output of either +1 V to +5 V or 0 V to +10 V. Operates with a nominal +24 VDC supply. All 7B27 series modules are mix-and-match and Hot Swappable.
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS
Industrial signal conditioning Industrial signal isolation Industrial signal filtering
Figure 1. 7B27 Functional Block Diagram
PRODUCT OVERVIEW
The 7B Series of signal conditioners feature small size, low cost and a wide output voltage range for a variety of applications including process control and factory-floor environments. The single-channel 7B modules accept inputs from a range of transducers and are fully rated over the extended -40oC to +85oC industrial temperature range. All 7B Series modules are rated for a nominal power supply input of +24 VDC; and, for maximum flexibility, they will accept supply voltages in the +14 VDC to +35 VDC range. The input modules, with the exception of the 7B21, provide a high-level output voltage that is factory configured for either the +1 V to +5 V or 0 V to +10 V range. The 7B21 is a unity gain, isolated input module with an input/output range of +10V. Output modules are available that provide either isolated process current or isolated bipolar voltage output. Model 7B39 converts either a +1 V to +5 V input to a 4 to 20 mA output or a 0 V to +10 V input to a 0-20 mA output. The input/output ranges of the 7B39 are factory configured. The 7B22 is a unity gain module that provides an isolated +10V output signal. All modules have a universal pinout and may be readily hot-swapped under full power without disrupting field wiring. Each module accepts analog transducer signals and transfers them to a process control or factory data collection system without the inherent noise, non-linearity, drift and extraneous voltages which frequently accompany the signals.
The modules feature a maximum nonlinearity of +0.02% and are factory calibrated to guarantee a maximum accuracy specification of +0.1%. The 7B Series offers up to 1500 V rms continuous common mode voltage isolation and 120 V rms of field wiring input protection. The power supplies necessary to drive each of the individual module's input circuitry are internally isolated, enabling the 7B Series modules to offer true channel-to-channel isolation of the input signals. The modules directly accept analog signals from thermocouples, RTDs, current loop powered transmitters, and other process control signals. The 7B Series modules amplify, linearize, isolate, protect and convert the transducer output signals to standardized analog inputs for high-level analog I/O subsystems. The 7B Series Subsystem consists of 19-inch rackcompatible hardware (model AC 1363), with universal mounting backplane and a family of plug-in (up to 16 per backplane) input and output signal conditioning modules. Four, eight-, and sixteen-channel backplanes are available. Each backplane incorporates screw terminals for easy power connections and field wiring, and includes a 25-pin D-type connector for interfacing the high-level single-ended voltage outputs to the user's equipment. Gold-plated sockets are provided on each channel of the backplane to ensure the reliability of each module's electrical connection.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. www.analog.com Tel: 781.329.4700 Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
7B27 GENERAL DESCRIPTION
The 7B27 is a single- channel signal conditioning module that interfaces, amplifies, and filters input voltages from a J, K, T, E, R, S or B -type thermocouple and provides an isolated (up to 100 V rms) and protected precision output of either +1 V to +5 V or 0 V to +10V, linear with input voltage. High accuracy internal cold junction compensation and a predictable upscale open circuit indication provide a complete signal conditioning solution. The 7B27 is mix-and-match and hot-swappable with other 7B Series input modules, so can be inserted or removed from any socket in the same backplane without disturbing power. Model 7B27 is rated to operate with a nominal +24 VDC supply. The three input pins of Model 7B27 are protected up to +30 VDC. A one-pole 3 Hz filter preconditions the thermocouple signal prior to amplification, provided by a low drift input amplifier. Cold junction compensation (CJC) is implemented using a thermistor temperature sensor embedded under the input screw terminal block on a 7B Series backplane. A voltage reference source acts to offset the thermocouple signal in accordance with the specified lower bound on the input temperature range. A current source provides the upscale open circuit indication. Amplitude modulation is used to implement transformer isolation (100 V rms, continuous). Isolated frontend circuitry power is supplied by a DC/DC converter. The output section contains a demodulator, a two-pole low pass filter (-3 dB @ 3 Hz), a buffer amplifier and a power oscillator. The two-pole output filter and subsequent buffer ensures that a low noise, low impedance (<1) signal is available at the output to drive loads down to 2 k.
Figure 2
Rev. 0 | Page 2 of 8
7B27
7B27 Models Available
Model 7B27-J-01-1 7B27-J-01-2 7B27-J-10-1 7B27-J-10-2 7B27-J-11-1 7B27-J-11-2 7B27-J-12-1 7B27-J-12-2 7B27-J-13-1 7B27-J-13-2 7B27-K-02-1 7B27-K-02-2 7B27-K-20-1 7B27-K-20-2 7B27-K-21-1 7B27-K-21-2 7B27-K-22-1 7B27-K-22-2 7B27-K-23-1 7B27-K-23-2 7B27-T-03-1 7B27-T-03-2 7B27-E-04-1 7B27-E-04-2 7B27-R-05-1 7B27-R-05-2 7B27-S-06-1 7B27-S-06-2 7B27-B-07-1 7B27-B-07-2 Input Type Type J Type J Type J Type J Type J Type J Type J Type J Type J Type J Type K Type K Type K Type K Type K Type K Type K Type K Type K Type K Type T Type T Type E Type E Type R Type R Type S Type S Type B Type B Input Range -100C to +100C (-148F to +1400F) -100C to +100C (-148F to +1400F) 0C to +200C (+32F to +392F) 0C to +200C (+32F to +392F) 0C to +400C (+32F to +752F) 0C to +400C (+32F to +752F) 0C to +600C (+32F to +1112F) 0C to +600C (+32F to +1112F) +300C to +600C (+572F to +1112F) +300C to +600C (+572F to +1112F) -100C to +1350C (-148F to +2462F) -100C to +1350C (-148F to +2462F) 0C to +300C (+32F to +572F) 0C to +300C (+32F to +572F) 0C to +600C (+32F to +1112F) 0C to +600C (+32F to +1112F) 0C to +1200C (+32F to +2192F) 0C to +1200C (+32F to +2192F) +600C to +1200C (-148F to +1400F) +600C to +1200C (-148F to +1400F) -100C to +400C (-148F to +752F) -100C to +400C (-148F to +752F) 0C to +900C (+32F to +1652F) 0C to +900C (+32F to +1652F) 0C to +1750C (+32F to +3182F) 0C to +1750C (+32F to +3182F) 0C to +1750C (+32F to +3182F) 0C to +1750C (+32F to +3182F) 0C to +1800C (+32F to +3272F) 0C to +1800C (+32F to +3272F) Output Range +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V +1 V to +5 V 0 V to +10 V
Rev. 0 | Page 3 of 8
7B27
7B27 Specifications (typical @ +23C 5C and Vs = +24 V dc)
Description Input Ranges Thermocouple Types Standard Temperature Ranges Custom Ranges Output Range Options (RL > 2 k) J, K, T, E, R, S, B Refer to Model Table Not Available* +1 V to +5 V or 0 V to +10 V Accuracy1 Initial @ +25C Nonlinearity2 Input Offset vs. Temperature Zero Suppression vs. Temperature Span vs. Temperature Output Offset vs. Temperature Cold Junction Compensation Accuracy4 over +5C to +45C ambient Input Bias Current 1.0C, maximum -25 nA Input Resistance Power ON Power OFF 10 M 30 k, minimum Output Noise 5 MHz Bandwidth 10 Hz to 100 kHz Bandwidth 0.1 Hz to 10 Hz Bandwidth Bandwidth, -3 dB Output Rise Time, 10% to 90% Span 6 mV peak 0.4 mV rms 0.6 V peak 3 Hz 150 ms Common-Mode Voltage (CMV) Input-to-Output and Power 100 V rms continuous Common Mode Rejection (CMR) Input-to-Output and Power @ 50/60 Hz Normal Mode Rejection @ 50/60 Hz Input Protection Input Transient Protection Output Resistance Voltage Output Protection 160 dB 60 dB 30 V dc, continuous ANSI/IEEE C376.90.1-1989IEEE-STD 472IEC 255-4, Class II <1 Continuous Short to Ground Power Supply Voltage Range, Operating +14 V dc to +35 V dc 0.01% Span (0.1% Span, maximum) 0.02% Span, maximum 0.5V/C 0.005% (Vz)3/C 35 ppm/C 0.002% Span/C Model 7B27
Rev. 0 | Page 4 of 8
7B27
Current Sensitivity Mechanical Dimensions +25 mA, maximum 0.0001%/% of Vs 1.663" x 2.11" x 0.563"(42.24 mm x 53.6 mm x 14.3 mm) Environmental Temperature Range Operating Storage Relative Humidity, 24 hours ESD Sensitivity RFI Susceptibility -40C to +85C -40C to +85C 0 to 90% @ +60C non-condensing IEC 801-2, Level 2 0.5% Span error @ 400 MHz, 5 Watt, 3 ft
Warm-up time required to meet specifications is approximately 10 minutes. * Contact factory for OEM requirements. 1 Includes the combined effects of repeatability, hysteresis, and nonlinearity. 2 Nonlinearity is calculated using best-fit straight line method. 3 Vz is the nominal input voltage that results in a 0 V output. 4 When used with the CJC temperature sensor provided on each channel of 7B Series Backplanes. Specifications subject to change without notice.
Rev. 0 | Page 5 of 8
7B27 PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 7B27 Input Field Connections
Table 1. Pin Function Descriptions--
Pin No. 0 1 2 3 4 5 Input Module Function SENSOR INPUT INPUT HIGH INPUT LOW POWER SUPPLY (DC) OUTPUT VOLTAGE OUTPUT & POWER COMMON Output Module Function NOT USED OUTPUT HIGH OUTPUT LOW POWER SUPPLY (DC) INPUT VOLTAGE INPUT AND POWER COMMON
Figure 4 . Model 7B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. 0 | Page 6 of 8
7B27 OUTLINE DIMENSIONS
Figure 5. Outline Dimensions
Rev. 0 | Page 7 of 8
7B27 NOTES
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective companies. D05171-0-10/04(0)
Rev. 0 | Page 8 of 8


▲Up To Search▲   

 
Price & Availability of 7B27-B-07-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X