Part Number Hot Search : 
NTE1838 LTC37 DUG12C BUZ80 CAT25C03 ELM97 M38503 1050N4
Product Description
Full Text Search
 

To Download 351HE0A1ZA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 351 HE
Vishay Spectrol
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
FEATURES
* Accurate linearity down to: 0.5 % * All electrical angles available up to: 360 (no dead band) * Long life: greater than 10M cycles * Non contacting technology: Hall effect * Model dedicated to all applications in harsh environments
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER Electrical Angle Linearity Supply Voltage Supply Current Output Signal Over Voltage Protection Reverse Voltage Protection Load Resistance Recommanded Hysteresis STANDARD 90, 180, 270, 360 1% 5 VDC 10 % 10 mA typical Analog ratiometric 10 % to 90 % of Vsupply or PWM 10 % to 90 % duty cycle + 20 VDC - 10 VDC Min. 1 k for analog output and PWM output < 0.2 % SPECIAL Any other angle upon request 0.5 % Other upon request 16 mA for PWM output Other upon request
MECHANICAL SPECIFICATIONS
PARAMETER Mechanical travel Bearing type Standard Weight 360 continuous, stops upon request: 340 3 Sleeve bearing IP 50; other on request 20 g 2 g
ORDERING INFORMATION/DESCRIPTION
351HE 0 A 1 W OUTPUT TYPE A OUTPUT SIGNAL 1S22 SHAFT TYPE XXXX SPECIAL REQUEST BO 10 PACKAGING Box of 10 pieces e1 LEAD FINISH ELECTRICAL MODEL FEATURES LINEARITY ANGLE
W: Wires 1: 90 0: Continuous rotation A: 1 % Z: Custom 2: 180 and antirotation pin B: 0.5 % 3: 270 1: Continuous rotation 4: 360 and no antirotation 9: Other angles pin 2: Stops at 340 and antirotation pin 3: Stops at 340 and no antirotation pin
0: 6 mm A: Analog CW B: Analog CCW 1: 6.35 mm C: PWM CW 2: 3.175 mm 9: Special D: PWM CCW P: Plain Z: Other output S: Slotted Z: Other type
Shaft length from mounting face 22 mm to 72 mm max. per step of 5 mm
SAP PART NUMBERING GUIDELINES
351HE MODEL 1 MECHANICAL FEATURES B LINEARITY 9 ELECTRICAL ANGLE Z OUTPUT TYPE C OUTPUT SIGNAL 0P27 SHAFT TYPE XXXX SPECIAL REQUEST
www.vishay.com 160
For technical questions, contact: sfer@vishay.com
Document Number: 57099 Revision: 15-Nov-07
Model 351 HE
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
VOUT ANALOG
Operating Temperature Diagnostic High Level Diagnostic Low Level 85 C 96 % min. 2 % max. 125 C 96 % min. 4 % max.
Vishay Spectrol
Vout (% Vsupply)
Diag High Level 90 % Diagnostic High Area
Vout (% Vsupply)
Diag High Level 90 % Diagnostic High Area
CCW CW
10 % Diag Low Level 0
Diagnostic Low Area Theta (Position)
10 % Diag Low Level 0
Diagnostic Low Area Theta (Position)
VOUT PWM
Vout (% Vsupply)
97 % min. T high
CW
Duty Cycle =
Thigh T
T low 1.5 % max. 0 T: periodicity Time (s)
Document Number: 57099 Revision: 15-Nov-07
For technical questions, contact: sfer@vishay.com
www.vishay.com 161
Model 351 HE
Vishay Spectrol
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
DIAGNOSTIC MODES
FAILURE Vout Analog Rpull-up Diagnostic high area Diagnostic high area Diagnostic high area Diagnostic high area Diagnostic high area Vout Analog Rpull-down Diagnostic low area Diagnostic low area Diagnostic low area Diagnostic low area Diagnostic low area
Vpull-up
Vout PWM Rpull-up = 1 k Vpull-up = Vsupply = 5 V > 97 % Vsupply without modulation > 97 % Vsupply without modulation > 97 % Vsupply without modulation > 97 % Vsupply without modulation > 97 % Vsupply without modulation
1: Broken GND 2: Broken Vout 3: Broken Vsupply Over Voltage Vsupply > 7 V Under Voltage Vsupply < 2.7 V
Vsupply 3
Rpull-up Vpull-up can be independent to Vsupply
Sensor
2 Vout
GND 1
Cut off
ENVIRONMENTAL SPECIFICATIONS
Vibrations Shocks Operating Temperature Range Life Rotational Speed (max) Immunity to Radiated Electromagnetic Disturbances Immunity to Power Frequency Magnetic Field Radiated Electromagnetic Emissions Electrostatic Discharges Materials Housing Bushing Shaft Output Bushing Mount Hardware Lockwasher Internal Tooth Panel Nut Steel nickel plated Brass nickel plated Thermoplastic housing Brass nickel plated Stainless steel 3 lead wires 20 G from 10 Hz to 2000 Hz 3 shocks/axis; 50 G half a sine 11 ms - 45 C; + 125 C > 10M of cycles 120 rpm 200 V/m 150 kHz/1 GHz 200 A/m 50 Hz/60 Hz 30 MHz/1 GHz < 30 dBV/m Contact discharges: 4 kV Air discharges: 8 kV
www.vishay.com 162
For technical questions, contact: sfer@vishay.com
Document Number: 57099 Revision: 15-Nov-07
Model 351 HE
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
DIMENSIONS in millimeters
22 0.8 15.8 0.4 1.07 0.2 (2) 0.4 x 45
Vishay Spectrol
O 22.7 0.13 O 1.57 0.1 (2) 3/8 - 32 UNEF-2A
0 O 6.35 -0.036 (3)
O 9.525
VISHAY
0.8 0.2 (1) 8.9 1 0.2 (1) 3 WIRES AWG 20 LENGTH: 300 mm 9.5 YELLOW 7.92 (2)
GREEN RED
CW OR CCW ACCORDING OUTPUT MODE CHOICE
GENERAL TOLERANCE: 0.5 mm
VI
SH
AY
Vsupply = GREEN WIRE
Gnd = YELLOW WIRE
Vout = RED WIRE
VIEWED FROM SHAFT
Notes: (1) For version slotted shaft (2) For version non turn pin (3) For shaft type "1"
MARKING
Unit Identification Manufacturer's name and complete sap part reference, date code, and wiring correspondance: colors versus connections.
Document Number: 57099 Revision: 15-Nov-07
For technical questions, contact: sfer@vishay.com
www.vishay.com 163
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 351HE0A1ZA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X