Part Number Hot Search : 
MC33192 A9N18519 2RS440T M38203M4 PSA3195C 00LVEL F18N20 VEA475K
Product Description
Full Text Search
 

To Download 2W005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
2W005(G) - - - 2W10(G)
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 2.0 A
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV Surge overload rating to 50 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product Lead solderable per MIL-STD-202 method 208 Plastic material has UL flammability classification 94V-O Glass passivated chip junctions
WOM
A .150(3.8) .130(3.3) .305(7.75) .265(6.73) .220(6.73) .180(4.6) B .360(9.1) .340(8.6) .395(10.0) .355(9.0) .340(8.6) .300(7.6) B RB15 WO WOM
A
MIN 1.27(32.3)
MIN 1.20(30.5)
POS. LEAD
.032(.81) .028(.71)
DIA .220 .180
.220 .180 (5.6) (4.6)
(5.6) (4.6)
Weight: 0.050 ounces,1.42 grams
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
2W005 2W01 2W02 2W04 2W06 2W08 2W10 UNITS
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA=25
V RRM V RMS V DC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 2.0
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 1.0 A Maximum reverse current at rated DC blocking voltage @TA=25 @TA =100
IFSM
50.0
A
VF IR TJ TSTG
1.0 10.0 1.0 - 55 ---- + 150 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287015
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERSE
2W005(G) - - -2W10(G)
FIG.2 -- FORWARD DERATING CURVE VVNVVOUTPUT RECTIFIED CURRENT
PEAK FORWARD SURGE CURRENT, AMPERSE
50
2.0
40
0.8 9.5mm 0.6
Resislive or Inductive Load
30
8.3ms Single Half Sine Wave
0.4 COPPERPADS PCB (5.5mm x 5.5mm) 0.2
20
10
0
0
20
40
60
80
100
120
140 150
1
10
100
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERSE
10
10
1.0
1.0
TJ=100
AMPERSE
0.1
0.1
TJ=125 Pulse Width =300uS
TJ=25
.01
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
www.galaxycn.com
Document Number 0287015
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of 2W005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X