Part Number Hot Search : 
107H30 CUSTOM TA114T D2415 2SC17 LM658 30SMD TK15210
Product Description
Full Text Search
 

To Download 2SC2565 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC2565
DESCRIPTION With MT-200 package Complement to type 2SA1095 High transition frequency APPLICATIONS For power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25C)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collectorl power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 160 160 5 15 1.5 150 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=0.1A; IB=0 IE=10mA; IC=0 IC=5 A; IB=0.5 A IC=5A ; VCE=5V VCB=160V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IC=1A ; VCE=10V IE=0; VCB=10V;f=1MHz 55 40 80 200 MIN 160 5 TYP.
2SC2565
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
MAX
UNIT V V
2.0 2.0 50 50 240 |I |I
V V A A
MHz pF
hFE-1 classifications R 55-110 O 80-160 Y 120-240
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2565
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2565

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X