Part Number Hot Search : 
B1200CCL LPC2921 12N60C MBI10 MEL8206 B09AG PQ600 B09AG
Product Description
Full Text Search
 

To Download 2SC2562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC2562
DESCRIPTION With TO-220 package Complement to type 2SA1012 Low saturation voltage High speed switching time APPLICATIONS High current switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 60 50 5 5 1 25 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Base-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=10mA , IB=0 IC=3A; IB=0.15A IC=3A; IB=0.15A VCB=50V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=1V IC=3A ; VCE=1V IC=1A ; VCE=4V f=1MHz ; VCB=10V 70 30 120 80 MIN 50 TYP.
2SC2562
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE -1 hFE -2 fT Cob
MAX
UNIT V
0.4 1.2 1 1 240 |I |I
V V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A ;IB1=- IB2=0.15A RL=10| ,VCC=30V 0.1 1.0 0.1 |I |I |I s s s
hFE-1 Classifications O 70-140 Y 120-240
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2562
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC2562
4
JMnic
Product Specification
Silicon NPN Power Transistors
2SC2562
5


▲Up To Search▲   

 
Price & Availability of 2SC2562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X