Part Number Hot Search : 
OMA541SK 6KE120AP TM100 RE5RL38A AN77L05 AN4210 HC406 D9244
Product Description
Full Text Search
 

To Download 2SA794 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA794 2SA794A
DESCRIPTION With TO-126 package Complement to type 2SC1567/1567A High collector-emitter voltage VCEO APPLICATIONS For low frequency output driver Optimum for the driver stage of low frequency and 40W to 100W output amplifier
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL PARAMETER 2SA794 VCBO Collector-base voltage 2SA794A 2SA794 VCEO Collector- emitter voltage 2SA794A VEBO IC ICM PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25ae Open collector Open base -120 -5 -0.5 -1 1.2* 150 -55~+150 ae ae V A A W Open emitter -120 -100 V CONDITIONS VALUE -100 V UNIT
*Without heat sink
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SA794 V(BR)CEO Collector-emitter breakdown voltage 2SA794A V(BR)EBO VCEsat VBEsat hFE-1 hFE-2 COB fT Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain DC current gain Collector output capacitance Transition frequency IE=-1|I A ;IC=0 IC=-100|I A ;IB=0 CONDITIONS
2SA794 2SA794A
SYMBOL
MIN -100
TYP.
MAX
UNIT
V -120 -5 -0.2 -0.85 90 50 20 120 pF MHz -0.4 -1.2 220 V V V
IC=-500mA ;IB=-50mA IC=-500mA ;IB=-50mA IC=-150mA ; VCE=-10V IC=-500mA ; VCE=-5V IE=0 ; VCB=-10V;f=1MHz VCB=-10V;IE=50mA;f=200MHz
hFE-1 Classifications Q 90-155 R 130-220
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA794 2SA794A
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA794

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X