Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download 177-007-9P1BG4-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro-D Accessories Shorting Plug Assembly 177-007
Shorting Plug Assemblies are Micro-D connectors with all contacts bussed/shorted together. Enclosed in a backshell and fitted with jackscrews, these shorting plugs provide ESD protection to sensitive instrumentation.
MATERIALS & FINISHES
Shells Contacts Encapsulant Insulators Hardware Aluminum Alloy 6061 -T6 Gold-Plated Copper Alloy Epoxy Glass-Filled LCP 300 Series Stainless Steel, Passivated
HOW TO ORDER 177-007 SHORTING PLUGS
Series 177-007 Connector Size 9 15 21 25 31 37 51 51-2 67 69 100 Contact Type P S
- Pin - Socket
Shell Finish 1 2 4 5 6
- Cadmium, Yellow
Hardware Option B - Fillister Head
Jackscrew
Lanyard Option N - No Lanyard G - Flexible Nylon
Rope
Lanyard Length
Ring Terminal Ordering Code
Chromate
- Electroless
H - Hex Head
Jackscrew
Nickel
- Black Anodize - Gold - Chem Film
F - Wire Rope,
Nylon Jacket
Length in 06 - .125 (3.2) One Inch 01 - .140 (3.6) Increments 05 - .167 (4.2) 04 - .197 (5.0)
Example: "6" equals six inches. I.D. of Ring Terminal
E - Extended
Jackscrew
H - Wire Rope,
Teflon Jacket
F - Jackpost, Female N - No Hardware
Sample Part Number 177-007
B
- 25
S
F
2
LENGTH
H
SEE ORDERING INFO
F
4
- 06
D A C E
#2-56 UNC THDS. 9-69 PIN #4-40 UNC THDS. 100 PIN
CODE B CODE H FILLISTER HEAD HEX HEAD JACKSCREW JACKSCREW
CODE F FEMALE JACKPOST
CODE E EXTENDED JACKSCREW
A Max. Size
9 15 21 25 31 37 51 51-2 67 69 100
B Max. In .
.370 .370 .370 .370 .370 .370 .410 .370 .370 .410 .460
C In.
.565 .715 .865 .965 1.115 1.265 1.215 1.615 2.015 1.515 1.800
D Max. mm.
14.35 18.16 21.97 24.51 28.32 32.13 30.86 41.02 51.18 38.48 45.72
E Max. In.
.450 .570 .690 .750 .810 .850 .880 .880 .880 .880 .940
F Max. In.
.410 .580 .740 .850 .980 1.130 1.080 1.510 1.880 1.380 1.470
In.
.850 1.000 1.150 1.250 1.400 1.550 1.500 1.910 2.310 1.810 2.235
mm.
21.59 25.40 29.21 31.75 35.56 39.37 38.10 48.51 58.67 45.97 56.77
mm.
9.40 9.40 9.40 9.40 9.40 9.40 10.41 9.40 9.40 10.41 11.68
In.
.600 .720 .840 .900 .960 1.000 1.030 1.030 1.030 1.030 1.090
mm.
15.24 18.29 21.34 22.86 24.38 25.40 26.16 26.16 26.16 26.16 27.69
mm.
11.43 14.48 17.53 19.05 20.57 21.59 22.35 22.35 22.35 22.35 23.88
mm.
10.41 14.73 18.80 21.59 24.89 28.70 27.43 38.35 47.75 35.02 37.34
M
(c) 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
www.glenair.com
M-3
E-Mail: sales@glenair.com


▲Up To Search▲   

 
Price & Availability of 177-007-9P1BG4-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X