Part Number Hot Search : 
IMS1403 AVR125 RKTV206 H472J J110G 87006 UPA1792G M41T94MH
Product Description
Full Text Search
 

To Download 08055F104MAT4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 X8R/X8L Dielectric
General Specifications
AVX has developed a range of multilayer ceramic capacitors designed for use in applications up to 150C. These capacitors are manufactured with an X8R and an X8L dielectric material. X8R material has capacitance variation of 15% between -55C and +150C. The X8L material has capacitance variation of 15% between -55C to 125C and +15/-40% from +125C to +150C. The need for X8R and X8L performance has been driven by customer requirements for parts that operate at elevated temperatures. They provide a highly reliable capacitor with low loss and stable capacitance over temperature. They are ideal for automotive under the hood sensors, and various industrial applications. Typical industrial application would be drilling monitoring system. They can also be used as bulk capacitors for high temperature camera modules. Both X8R and X8L dielectric capacitors are automotive AEC-Q200 qualified. Optional termination systems, tin, FLEXITERM(R) and conductive epoxy for hybrid applications are available. Providing this series with our FLEXITERM(R) termination system provides further advantage to customers by way of enhanced resistance to both, temperature cycling and mechanical damage.
PART NUMBER (see page 2 for complete part number explanation)
0805
Size 0603 0805 1206
5
Voltage 16V = Y 25V = 3 50V = 5 100V = 1
F
Dielectric X8R = F X8L = L
104
K
4
T
2
Packaging 2 = 7" Reel 4 = 13" Reel
A
Special Code A = Std. Product
Capacitance Capacitance Failure Terminations Tolerance Code (In pF) Rate T = Plated Ni J = 5% 4 = Automotive 2 Sig. Digits + and Sn K = 10% A = Not Number of Z = FLEXITERM(R) M = 20% Applicable U = Conductive Zeros e.g. 10F = 106 Epoxy for Hybrid apps NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
X8R
SIZE
331 471 681 102 152 222 332 472 682 103 153 223 333 473 683 104 154 224 334 474 684 105
WVDC Cap 330 (pF) 470 680 1000 1500 2200 3300 4700 6800 Cap 0.01 (F) 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1 WVDC
X8L
0805 1206
50V J J J J J J J J J J J J J J N N N 25V 50V 331 471 681 102 152 222 332 472 682 103 153 223 333 473 683 104 154 224 334 474 684 105
0603
25V G G G G G G G G G G G G G G G 50V G G G G G G G G G G G G G G 25V J J J J J J J J J J J J J J N N N N
SIZE
WVDC Cap 330 (pF) 470 680 1000 1500 2200 3300 4700 6800 Cap 0.01 (F) 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1 WVDC
0603
25V 50V G G G G G G G G G G G G G G G G 100V G G G G G G G G G G 25V
0805
50V J J J J J J J J J J J J J J J J N N 100V J J J J J J J J J J J J N N 16V
1206
25V 50V 100V
J J J J J J J J J J J M M M M M M
J J J J J J J J J J J M M M M M
G G G G G G
J J J J J J J N N N
25V
50V
25V
50V
25V
50V
25V
50V
100V
25V
50V
100V
J J J M M M 16V
J J M M
J J J J J J J J J J J J J J P P
J J J J J J J J J J J M Q Q Q
25V
50V
100V
SIZE
Letter Max. Thickness A 0.33 (0.013)
0603
C 0.56 (0.022) E 0.71 (0.028) PAPER
0805
G 0.90 (0.035) J 0.94 (0.037)
1206
K 1.02 (0.040) M 1.27 (0.050)
SIZE
N 1.40 (0.055)
0603
P Q 1.52 1.78 (0.060) (0.070) EMBOSSED X 2.29 (0.090)
0805
Y 2.54 (0.100) Z 2.79 (0.110)
1206
= AEC-Q200 Qualified
14
X8R/X8L Dielectric
General Specifications
APPLICATIONS FOR X8R AND X8L CAPACITORS
* * * * All market sectors with a 150C requirement Automotive on engine applications Oil exploration applications Hybrid automotive applications - Battery control - Inverter / converter circuits - Motor control applications - Water pump * Hybrid commercial applications - Emergency circuits - Sensors - Temperature regulation
ADVANTAGES OF X8R AND X8L MLC CAPACITORS
* Both ranges are qualified to the highest automotive AEC-Q200 standards * Excellent reliability compared to other capacitor technologies * RoHS compliant * Low ESR / ESL compared to other technologies * Tin solder finish * FLEXITERM(R) available * Epoxy termination for hybrid available * 100V range available
ENGINEERING TOOLS FOR HIGH VOLTAGE MLC CAPACITORS
* * * * Samples Technical Articles Application Engineering Application Support
10.00
X8R/X8L Dielectric
0805, 50V, X8R/X8L Typical Temperature Coefficient
0.00
X8R
Cap change %
-10.00
-20.00 -30.00
X8L
-40.00
-50.00 -55 -35 -15 0 20 25 35 45 65 85 105 125 130 135 140 150
Temperature (C)
15
X8R/X8L Dielectric
Specifications and Test Methods
Parameter/Test Operating Temperature Range Capacitance Dissipation Factor Insulation Resistance Dielectric Strength X8R/X8L Specification Limits -55C to +150C Within specified tolerance 2.5% for 50V DC rating 3.5% for 25V DC and 16V DC rating 100,000M or 1000M - F, whichever is less No breakdown or visual defects Measuring Conditions Temperature Cycle Chamber Freq.: 1.0 kHz 10% Voltage: 1.0Vrms .2V Charge device with rated voltage for 120 5 secs @ room temp/humidity Charge device with 300% of rated voltage for 1-5 seconds, w/charge and discharge current limited to 50 mA (max) Note: Charge device with 150% of rated voltage for 500V devices. Deflection: 2mm Test Time: 30 seconds
1mm/sec
Resistance to Flexure Stresses
Appearance Capacitance Variation Dissipation Factor Insulation Resistance
No defects 12% Meets Initial Values (As Above) Initial Value x 0.3 95% of each terminal should be covered with fresh solder No defects, <25% leaching of either end terminal 7.5% Meets Initial Values (As Above) Meets Initial Values (As Above) Meets Initial Values (As Above) No visual defects 7.5% Meets Initial Values (As Above) Meets Initial Values (As Above) Meets Initial Values (As Above) No visual defects 12.5% Initial Value x 2.0 (See Above) Initial Value x 0.3 (See Above) Meets Initial Values (As Above) No visual defects 12.5% Initial Value x 2.0 (See Above) Initial Value x 0.3 (See Above) Meets Initial Values (As Above)
90 mm
Solderability Appearance Capacitance Variation Dissipation Factor Insulation Resistance Dielectric Strength Appearance Capacitance Variation Dissipation Factor Insulation Resistance Dielectric Strength Appearance Capacitance Variation Dissipation Factor Insulation Resistance Dielectric Strength Appearance Capacitance Variation Dissipation Factor Insulation Resistance Dielectric Strength
Dip device in eutectic solder at 230 5C for 5.0 0.5 seconds
Resistance to Solder Heat
Dip device in eutectic solder at 260C for 60 seconds. Store at room temperature for 24 2 hours before measuring electrical properties.
Step 1: -55C 2 Step 2: Room Temp Step 3: +125C 2 Step 4: Room Temp
30 3 minutes 3 minutes 30 3 minutes 3 minutes
Thermal Shock
Repeat for 5 cycles and measure after 24 2 hours at room temperature Charge device with 1.5 rated voltage ( 10V) in test chamber set at 150C 2C for 1000 hours (+48, -0) Remove from test chamber and stabilize at room temperature for 24 2 hours before measuring. Store in a test chamber set at 85C 2C/ 85% 5% relative humidity for 1000 hours (+48, -0) with rated voltage applied. Remove from chamber and stabilize at room temperature and humidity for 24 2 hours before measuring.
Load Life
Load Humidity
16


▲Up To Search▲   

 
Price & Availability of 08055F104MAT4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X