Part Number Hot Search : 
AP131 AJ32F3 MAX9110 13700D 2N60D 8XC54 74ALS1 S6416
Product Description
Full Text Search
 

To Download WC146SMF50-32768KHZ-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WC146SM-32.768KHZ Series Crystal
Ultra Low Profile with 1.4mm Height max 32.768KHZ RoHS Compliant Available Ideal for use in space confined applications Tape and Reel Packaging ELECTRICAL SPECIFICATIONS: Frequency Frequency Tolerance Turnover Temperature Temperature Coefficient Load Capacitance Series Resistance Maximum Drive Level Recommended Drivel Level Shunt Capacitance Aging Operating Temperature Storage Temperature MECHANICAL DETAIL:
4 0.55 [.022] 1 6.70 [.264] 7.00 [.276] MAX 1.40 [.055] MAX 0.15 [.006] 0.20 [.008] 0.40 [.016] 0.40 [.016] 0.20 [.008] 0.60 [.024] RECOMMENDED LAND PATTERN DIMENSIONS IN BRACKETS ARE IN INCHES. 1.20 [.047] 0.30 [.012] 3 2 1.50 [.059] MAX 4 1 INTERNAL CONNECTION DO NOT CONNECT PINS 2 & 3 TO EXTERNAL DEVICES 5.10 [.201] 1.20 [.047] 0.60 [.024] 3 2
32.768KHZ 20ppm or 50ppm +25C 5C -0.04 x 10-6/C2 7.0pF or 12.5pF 65K Ohms max 1.0 uWatt 0.1 uWatt 0.8pF typ 3ppm for the first year -40C to +85C -55C to +125C
0.30 [.012]
PART NUMBER GUIDE:
WC146SM 32.768KHZ
RoHS Compliant Blank = Not Compliant F = Is Compliant
Frequency Tolerance Blank = 20 ppm 50 = 50 ppm
Load Capacitance Blank = 12.5pF 7 = 7pF
Value Added Options Blank = No Added Options T = Tape and Reel
Please consult with MMD sales department for any other parameters or options.
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision 12/12/05 A


▲Up To Search▲   

 
Price & Availability of WC146SMF50-32768KHZ-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X