Part Number Hot Search : 
GH1420 UDZ15B MCD139B 44749 56F80 430450 SKKD81H4 MA568
Product Description
Full Text Search
 

To Download W04L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W005L THRU W10L
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
RC-2
0.366(9.3) 0.350(8.9) 0.290(7.4) 0.270(6.9)
Forward Current - 1.5 Amperes
FEATURES
1.1 (27.9) MIN.
1.0 (25.4) MIN.
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Ideal for printed circuit boards Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
POS.LEAD
0.032(0.8) DIA. 0.028(0.7)
MECHANICAL DATA
Case: Molded plastic body Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Polarity: Polarity symbols marked on case Mounting Position: Any Weight:0.05 ounce, 1.42 grams
0.220(5.6) 0.180(4.6)
0.220(5.6) 0.180(4.6)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load, for capacitive load current derate by 20%.
SYMBOLS
W005L 50 35 50
W01L 100 70 100
W02L W04L 200 140 200 400 280 400 1.5 50.0 10 1.0
W06L 600 420 600
W08L W10L UNITS 800 560 800 1000 700 1000 VOLTS VOLTS VOLTS Amps Amps A2s Volts uA mA pF C/W C C
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward output rectified current at TA=25 C( Note 2) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum instantaneous forward voltage drop per birdge element at 1.5A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance Operating junction temperature range storage temperature range
VRRM VRMS VDC I(AV)
IFSM I2t VF IR CJ RqJA TJ TSTG
10 0.5 15 40 -55 to +125 -55 to +150
NOTES: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts. 2.Unit mounted on P.C. board with 0.22" x 0.22"(5.5x5.5mm) copper pads,0.375"(9.5mm) lead length.
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES W005L THRU W10L
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERES
1.5
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50
1.2
40
0.9
30
0.6
Single Phase Half Wave 60Hz Resistive or inductive Load
20
0.3
10
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0 0 25 50 75 100 125 150 175
0
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 1,000 10
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
INSTANTANEOUS FORWARD CURRENT,AMPERES
100
1
10
TJ=100 C
0.1
TJ=25 C PULSE WIDTH=300 ms 1%DUTY CYCLE
1
0.01 0.6 0.8 1.0 1.2 1.4 1.5
0.1
TJ=25 C
0.01
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
200 100 TJ=25 C
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
TRANSIENT THERMAL IMPEDANCE, C/W
100
JUNCTION CAPACITANCE, pF
10
10
1
0.1 0.01 0.1 1 10 100
1 0.1 1.0 10 100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of W04L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X