Part Number Hot Search : 
AD115 SPN7002L 42500 B20100 25C30 D1215 B20150 FU220N
Product Description
Full Text Search
 

To Download VTK-30005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SENDUST TOROIDAL POWER INDUCTORS
FEATURES
* Sendust Powdered Iron Toroidal Construction. * Optimized For Use as High Frequency DC Chokes. * Temp Rise Data: Ripple Currents < 10% @ 100KHz * Low Cost Self Lead Construction. * Lower AC Losses Than Normal Powdered iron
NOTES: Temp Rise T1 & T2 are calculated.
1) Ln = Nominal Ind. @ 0.0Adc L1 = Nominal Ind. @ I1 Adc, T1 Temp Rise L2 = Nominal Ind. @ I2 Adc, T2 Temp Rise 2) I1 Represents a 1-20% Drop in Ln I2 Represents a 20-40% Drop in Ln
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERTURE RANGE -55OC TO +105OC PART NUMBER Ln (H) DCR (Ohm) 0.024 0.030 0.054 0.102 0.091 0.171 0.008 0.012 0.032 0.043 0.053 0.053 0.005 0.006 0.010 0.021 0.026 0.030 0.037 0.004 0.010 0.013 0.020 0.025 0.006 0.027 0.009 0.0023 T2 T1 L1 @ I1 L2 @ I2 (dc A) (OC) (H) (dc A) (OC) (H) 10 18 42 82 127 210 9 17 37 79 117 205 9 16 36 80 124 154 258 18 41 78 128 168 40 167 60 9.4 1 1 1 1 1 1 2 2 2 2 2 2 5 5 5 5 5 5 5 7 7 7 7 7 10 10 12 25 12 9 10 12 6 9 6 5 17 9 8 5 6 6 9 8 8 9 11 5 8 8 7 8 7 26 14 26 8 13 31 57 96 154 7 12 22 53 80 150 7 12 20 57 90 108 194 13 29 54 96 120 33 122 55 8.7 2 2 2 2 2 2 4 4 4 4 4 4 10 10 10 10 10 10 10 14 14 14 14 14 16 16 16 30 47 36 39 46 24 33 23 20 66 33 30 21 22 22 36 33 30 35 32 19 29 30 28 32 18 50 20 32
REF. DIMENSIONS IN INCHES
A .31 .38 .48 .59 .76 .92 .51 .63 .60 .95 1.06 1.24
C .16 .18 .21 .25 .32 .32 .24 .28 .26 .34 .40 .56
VT/B .14 .16 .19 .23 .30 .30 .21 .25 .24 .31 .36 .52 .33 .39 .39 .51 .69 .69 .84 .56 .53 .70 .86 .86 .72 .85 .88 .75
HT/B PIN OD .29 .36 .46 .57 .74 .90 .48 .59 .58 .92 1.03 1.20 .94 1.05 1.05 1.61 1.79 1.79 2.10 1.24 1.63 1.80 2.10 2.10 1.82 2.10 2.12 1.85 .014 .016 .016 .016 .020 .018 .025 .032 .0225 .0285 .0285 .032 .051 .051 .051 .051 .050 .051 .051 .064 .064 .064 .064 .064 .064 .057 .080 .100
VTK-01001 10 VTK-02001 20 VTK-05001 50 VTK-10001 100 VTK-15001 150 VTK-25001 250 VTK-01002 10 VTK-02002 20 VTK-05002 50 VTK-10002 100 VTK-15002 150 VTK-25002 250 VTK-01005 VTK-02005 VTK-05005 VTK-10005 VTK-15005 VTK-20005 VTK-30005 10 20 50 100 150 200 312
1.00 .39 1.11 .45 1.11 .45 1.67 .57 1.85 .75 1.85 .75 2.18 1.00 1.32 1.70 1.88 2.18 2.18 .63 .60 .78 .95 .95
VTK-02007 20 VTK-05007 50 VTK-10007 100 VTK-15007 150 VTK-20007 200 VTK-05010 50 VTK-25010 250 VTK-07012 VTK-01025 70 12
1.91 .81 2.19 1.10 2.21 2.25 .98 .95
Specifications subject to change without notice.
PM-DCXXXXX 9/2000
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
1
SENDUST TOROIDAL POWER INDUCTORS
FEATURES
* Sendust Powdered Iron Toroidal Construction. * Optimized For Use as High Frequency DC Chokes. * Temp Rise Data: Ripple Currents < 10% @ 100KHz * Low Cost Self Lead Construction. * Lower AC Losses Than Normal Powdered iron
NOTES: Temp Rise T1 & T2 are calculated.
1) Ln = Nominal Ind. @ 0.0Adc L1 = Nominal Ind. @ I1 Adc, T1 Temp Rise L2 = Nominal Ind. @ I2 Adc, T2 Temp Rise 2) I1 Represents a 1-20% Drop in Ln I2 Represents a 20-40% Drop in Ln
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERTURE RANGE -55OC TO +105OC PART NUMBER VTK-00001 VTK-00002 VTK-00003 VTK-00004 VTK-00005 VTK-00006 VTK-00007 VTK-00008 VTK-00009 Ln H) ( 10 25 50 75 100 150 200 250 330 Rate DCR L1 @ I1 T1 IDC (Ohm) (H) (dc A) (OC) 7.37 5.20 3.95 3.50 3.15 2.35 1.98 1.85 1.70 0.010 0.020 0.035 0.045 0.055 0.100 0.140 0.160 0.190 9.0 22.5 45.0 67.5 90.0 135.0 180.0 225.0 297.0 1.7 1.00 0.70 0.60 0.50 0.40 0.35 0.30 0.27 15 15 15 15 15 15 15 15 15 T2 L2 @ I2 H) (dc A) (OC) A ( 8.0 20.0 40.0 60.0 80.0 120.0 160.0 200 264 3.3 1.9 1.3 1.1 0.95 0.75 0.65 0.60 0.50 40 40 40 40 40 35 35 35 35 .31 .38 .48 .59 .76 .92 .51 .63 .60
REF. DIMENSIONS IN INCHES
C .16 .18 .21 .25 .32 .32 .24 .28 .26
VT/B .14 .16 .19 .23 .30 .30 .21 .25 .24
HT/B PIN OD .29 .36 .46 .57 .74 .90 .48 .59 .58 .036 .032 .028 .025 .025 .020 .018 .018 .018
Specifications subject to change without notice.
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
2
SENDUST TOROIDAL POWER INDUCTORS
FEATURES
* Sendust Powdered Iron Toroidal Construction. * Optimized For Use as High Frequency DC Chokes. * Low core loss * Low Cost Self Lead Construction.
NOTES:
Ln = Nominal Ind. @ 0.0Adc L1 = Nominal Ind. @ I1 Adc, T1 Temp Rise Ln & L1 = +/-15%
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERTURE RANGE -55OC TO +105OC PART NUMBER XTK-00020 XTK-00021 XTK-00022 XTK-00023 XTK-00024 XTK-00025 XTK-00026 XTK-00027 XTK-00028 XTK-00029 XTK-00030 XTK-00031 XTK-00032 XTK-00033 XTK-00034 XTK-00035 XTK-00036 XTK-00037 XTK-00038 XTK-00039 XTK-00040 XTK-00041 XTK-00042 XTK-00043 Ln (H) 10 12 15 18 22 27 33 39 47 56 68 100 120 150 180 220 270 330 390 470 560 680 820 1000 I1 (dc A) 12.5 12.0 11.2 10.8 10.3 9.8 7.4 7.1 6.7 6.4 4.9 4.4 3.3 3.1 3.8 3.6 3.4 3.3 2.5 2.3 2.2 2.1 2.0 1.9 L1 (H) 6.5 8.0 9.5 11.2 13.5 16.0 21.5 25.0 29.0 34.0 45.5 64.0 84.0 102.0 106.0 125.0 150.0 176.0 235.0 276.0 320.0 375.0 440.0 520.0 T1 (OC) 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 DCR (Ohm) 0.007 0.008 0.008 0.009 0.010 0.011 0.020 0.022 0.024 0.026 0.046 0.056 0.100 0.110 0.075 0.085 0.095 0.100 0.180 0.190 0.210 0.230 0.260 0.280
REF. DIMENSIONS IN INCHES
A .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95 .95
C .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55 .55
VT/B .46 .46 .46 .46 .46 .46 .45 .45 .45 .45 .44 .44 .44 .44 .48 .48 .48 .48 .46 .46 .46 .49 .49 .49
HT/B PIN OD .88 .88 .88 .88 .88 .88 .87 .87 .87 .87 .86 .86 .86 .86 .90 .90 .90 .90 .88 .88 .88 .91 .91 .91 .053 .053 .053 .053 .053 .053 .042 .042 .042 .042 .034 .034 .027 .027 .034 .034 .034 .034 .027 .027 .027 .027 .027 .027
VTK-xxxxx FOR VERTICAL & HTK-xxxxx FOR HORIZONTAL
Specifications subject to change without notice.
PM-DCXXXXX 9/2000
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
3
SENDUST TOROIDAL POWER INDUCTORS
VTK-XXXX MECHANICAL HTK-XXXX MECHANICAL
VTK-XXXXXOUTLINE VERTICAL MOUNT
SCHEMATIC
HORIZONTAL OR VERTICAL MOUNT: Table Part Numbers are Vertical Mount. Change the "V" to "H" for Horizontal Mount. Example: VTK-05001 = Vertical Mount 50uH, 1.0Adc HTK-05001 = Horizontal Mount 50uH, 1.0Adc
HTK-XXXXXOUTLINE HORIZONTAL MOUNT
EPOXY HOLDS WIRE
EPOXY HOLDS WIRE
A
A
C
P VTK-XXXXX M
STRIPPED & TINNED .01 TO .12 ABOVE SEATING PLANE
B
C
P HTK-XXXXX M
STRIPPED & TINNED .01 TO .12 ABOVE SEATING PLANE
0.5 TYP
D2 MUR610CT
VTK/HTK-XXXX XXuH @ X.XA
0.5 TYP
B
R4 20.0K 1% + C3 R5 220uF 10.0K 1% 25V
Vout DC
C2 + 1000uF 35V
SECONDARY
RTN
SCHEMATIC
APPLICATION
VARIATIONS AVAILABLE. FOR INTERMEDIATE VALUES AND/ OR CUSTOM DESIGNS PLEASE CONSULT THE FACTORY.
Specifications subject to change without notice.
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
4


▲Up To Search▲   

 
Price & Availability of VTK-30005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X