Part Number Hot Search : 
AD740 GRM21B ISL9203A 980909 155J63 09081 95100 1N5830
Product Description
Full Text Search
 

To Download UF2002PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low power loss, high efficiency * Low leakage * Low forward voltage drop * High current capability * High surge capability * High speed switching * High reliability
UF2001PT THRU UF2007PT
CURRENT 2.0 Amperes
DO-15
0.034(0.9) DIA. 0.028(0.7) 1.0(25.4) MIN.
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.38 gram
0.300(7.6) 0.230(5.8)
0.140(3.6) DIA. 0.104(2.6)
1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
DO-15
UNITS Volts Volts Volts Amps Amps 17 pF
o o
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5mm) Lead Length TA = 55oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 1) Maximum Thermal Resistance (Note 2) R Operating and Storage Temperature Range
JA
SYMBOL VRRM VRMS VDC IO IFSM CJ R
JL
UF2001P
TUF2002PT
UF2003PT
UF2004PT
UF2005PT
UF2006PT
UF2007PT
50 35 50
100 70 100
200 140 200
400 280 400 2.0 60
600 420 600
800 560 800
1000 700 1000
30 12 40 -55 to +150
C/W C/W
o
TJ, TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 2.0 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 3) TA = 25oC TA = 125oC SYMBOL VF IR 50 trr 50 75 uAmps nSec 2001-6
UF2001P
T UF2002PT
UF2003PT
UF2004PT
UF2005PT
UF2006PT
UF2007PT
UNITS Volts uAmps
1.0 10
1.3
1.7
NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Ambient, and from junction to lead length 0.375" (9.5mm) P.C.B. mounted. 3. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
RATING CHARACTERISTIC CURVES ( UF2001PT THRU UF2007PT )
50 NONINDUCTIVE
10 NONINDUCTIVE
trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) -0.25A
AVERAGE FORWARD CURRENT, ( A )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
3.0 Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (-)
D.U.T
2.0
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE 1)
(+) -1.0A
NOTES: 1. Rise Time = 7ns max. Input Impedance = 1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedlance= 50 ohms.
1cm SET TIME BASE FOR 10/20 nS/cm
0 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE ( OC )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
PT
003
UF2
UF
20
04
PT
~U
UF 200 6P
10
TJ= 125oC
1.0
F2
PT~ 001 UF2
00
5P
T
1.0
.1
.1
TJ= 25oC
0.1 Pulse Width = 300uS 1% Duty Cycle 0.01
.01
0
20
40
60
80
100
120
140
0
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % ) FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, ( A ) 70 JUNCTION CAPACITANCE, ( pF ) 60 50 40 30 20 10 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100 200
.2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, ( V ) FIG. 6 - TYPICAL JUNCTION CAPACITANCE
8.3ms Single Half Sine-Wave (JEDEC Method)
100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
UF2 001P T~U F200
T~
UF
TJ= 25oC
200
TJ= 100oC
7P
T
5PT
TJ= 25oC
UF20 0
6PT~
UF20 0
7PT


▲Up To Search▲   

 
Price & Availability of UF2002PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X