Part Number Hot Search : 
HC1G0 PQ100 P1300 00104 TA8409 TB627 1609012 KM616
Product Description
Full Text Search
 

To Download TU801G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8A Glass Passivated Bridge Rectifier TU800G - TU810G
8A Glass Passivated Bridge Rectifier
Features
Glass passivated chip junction Low forward voltage drop High reliability Ideal for printed circuit boards High temperature soldering guaranteed: 250 C/10 seconds at 5lbs.(2.3kg) tension * RoHS compliant * * * * *
TU
Mechanical Data
Case: Terminals: Polarity: Mounting Torque: Weight: TU, Epoxy meets UL 94V-0 flammability rating Plated leads solderable per MIL-STD-202, Method 208 Polarity symbols marked on case 8.8 in. - lbs. max. 8.0 grams (approx)
Maximum Ratings And Electrical Characteristics (Tamb=25C)
Symbols Parameter Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Note 1) TU 800G 50 35 50 TU 801G 100 70 100 TU 802G 200 140 200 TU 804G 400 280 400 8.0 TU 806G 600 420 600 TU 808G 800 560 800 TU 810G 1000 700 1000 Unit V V V A TA=100C 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IF=8.0A TA=25C A 500 TA=125C Conditions
VRRM VRMS VDC IF(AV) IFSM VF IR
Peak Forward Surge Current
300
A
Maximum Instantaneous Forward Voltage Drop per leg Maximum DC Reverse Current at Rated DC Blocking Voltage per leg
1.0 10
V
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/AH 2007-09-18 Page 1 of 4
8A Glass Passivated Bridge Rectifier TU800G - TU810G
Symbols Parameter Rating for Fusing (1msIt RJA RJC TJ,TSTG
Note:
1. Mounted on 75 x 75 x 3.0mm Al. plate 2. Mounted on PCB at 9.5mm lead length with 12mm copper pad 3. Single Phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Rating and Characteristic Curves
Fig.2-Max Non-Repetitive Peak Forward Surge Current per leg IFSM, Peak Forward Surge Current (A)
Fig.1- Forward Current Derating Curve IF(AV), Average Forward Current (A)
TA, Ambient Temperature (C)
Number of Cycles at 60Hz
Rev. A/AH 2007-09-18 www.taitroncomponents.com Page 2 of 4
8A Glass Passivated Bridge Rectifier TU800G - TU810G
Fig.3- Typical Forward Characteristics, per leg IF, Instantaneous Forward Current (A) IR, Instantaneous Reverse Current (A)
Fig.4-Typical Reverse Characteristics per leg
VF, Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5-Typical Junction Capacitance, per leg
CJ, Capacitance (pF)
VR, Reverse Voltage (V) Rev. A/AH 2007-09-18 www.taitroncomponents.com Page 3 of 4
8A Glass Passivated Bridge Rectifier TU800G - TU810G
Dimensions in inch (mm)
How to contact us
TU
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/AH 2007-09-18 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of TU801G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X