Part Number Hot Search : 
1170H HRW02 ON0102 TS024 TS024 89LPC9 100M1 FM1233D
Product Description
Full Text Search
 

To Download TSM802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSM802
20V N-Channel MOSFET w/ESD Protected
TDFN 3x3
Pin Definition: 1. Source 2. Source 3. Source 4. Gate 5, 6, 7, 8. Drain
PRODUCT SUMMARY VDS (V)
20
RDS(on)(m)
25 @ VGS = 4.5V 30 @ VGS = 2.5V 65 @ VGS = 1.8V
ID (A)
5 4 2
Features
Advance Trench Process Technology High Density Cell Design for Ultra Low On-resistance Low Profile 0.75mm (typ.) ESD Protect 2KV
Block Diagram
Application
Specially Designed for Li-on Battery Packs Battery Switch Application
Ordering Information
Part No. Package Packing
3Kpcs / 7" Reel 3Kpcs / 7" Reel 10Kpcs / 13" Reel 10Kpcs / 13" Reel N-Channel MOSFET
TSM802CQ RV TDFN 3x3 TSM802CQ RVG TDFN 3x3 TSM802CQ RK TDFN 3x3 TSM802CQ RKG TDFN 3x3 Note: "G" denotes for Halogen Free
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current a,b Continuous Source Current (Diode Conduction) Maximum Power Dissipation Ta = 25 C o Ta = 75 C
o
Symbol
VDS VGS ID IDM IS PD TJ TJ, TSTG
Limit
20 12 6 30 1.4 3.1 1.6 +150 -55 to +150
Unit
V V A A A W
o o
Operating Junction Temperature Operating Junction and Storage Temperature Range
C C
Thermal Performance
Parameter
Junction to Case Thermal Resistance Junction to Ambient Thermal Resistance (PCB mounted) Notes: a. Pulse width limited by the Maximum junction temperature b. Surface Mounted on 1"x1" FR4 Board, t 10 sec. c. Pulse limited <5s @ ID=10A / VGS=10V 1/6 Version: D08
Symbol
RJC RJA
Limit
4.5 48
Unit
o o
C/W C/W
TSM802
20V N-Channel MOSFET w/ESD Protected
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate Body Leakage Zero Gate Voltage Drain Current On-State Drain Current Drain-Source On-State Resistance Forward Transconductance Diode Forward Voltage Dynamic
b
Conditions
VGS = 0V, ID = 250uA VDS = VGS, ID = 250uA VGS = 12V, VDS = 0V VDS = 16V, VGS = 0V VDS =5V, VGS = 4.5V VGS = 4.5V, ID = 5A VGS = 2.5V, ID = 4A VGS = 1.8V, ID = 2A VDS = 10V, ID = 4.5A IS = 2A, VGS = 0V
Symbol
BVDSS VGS(TH) IGSS IDSS ID(ON) RDS(ON) gfs VSD Qg Qgs Qgd Ciss Coss Crss td(on) tr td(off)
Min
20 0.6 --30 ------------
Typ
-0.8 ---18 24 39 30 0.6 15 3.4 1.2 950 450 135 140 210 3700 2000
Max
-1.0 10 1.0 -25 30 65 -1.2 20 -----200 250 4800 2600
Unit
V V uA uA A m S V
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching
c
VDS = 10V, ID = 4.5A, VGS = 4.5V VDS = 10V, VGS = 0V, f = 1.0MHz
nC
pF
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time
VDD = 10V, RL = 10, ID = 1A, VGEN = 4.5V,
-----
nS
RG = 6 Turn-Off Fall Time tf Notes: a. pulse test: PW 300S, duty cycle 2% b. For DESIGN AID ONLY, not subject to production testing. b. Switching time is essentially independent of operating temperature.
2/6
Version: D08
TSM802
20V N-Channel MOSFET w/ESD Protected
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Output Characteristics Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
3/6
Version: D08
TSM802
20V N-Channel MOSFET w/ESD Protected
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
On-Resistance vs. Gate-Source Voltage Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
4/6
Version: D08
TSM802
20V N-Channel MOSFET w/ESD Protected TDFN 3x3 Mechanical Drawing
DIM A A1 A3 b D D1 E E2 e K L H
TDFN 3x3 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX. 0.65 0.85 0.026 0.034 0.00 0.05 0.000 0.002 0.15 0.25 0.006 0.010 0.20 0.30 0.008 0.012 2.90 3.10 0.114 0.122 2.20 2.30 0.086 0.090 2.90 3.10 0.114 0.122 1.49 1.59 0.058 0.063 0.625 0.675 0.025 0.027 0.25 0.35 0.010 0.014 0.35 0.45 0.014 0.017 0.61 0.71 0.024 0.028
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Month Code for Halogen Free Product (O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep, X=Oct, Y=Nov, Z=Dec) L = Lot Code
5/6
Version: D08
TSM802
20V N-Channel MOSFET w/ESD Protected
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
6/6
Version: D08


▲Up To Search▲   

 
Price & Availability of TSM802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X