Part Number Hot Search : 
045N10N LGA679 SD1080T 14066BCP LHV4340 DB25S 6680M 70HF100R
Product Description
Full Text Search
 

To Download TS6K8A-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS Series
TS**
Materials and Finish
Standard material: Standard color: Soldering Temp.: Contact:
Modular Jacks (PCB Mounted, Unshielded)
RoHS
PCB-Layout (Top View) Glass filled polyester (UL94V-0) Black 240C / 5 sec. Thickness 0.35mm Alloy C5210, Gold plating over Nickel (contact area) Tin Plating over Nckel (solder area)
* Depopulation of contacts possible
Part No.
TS4* TS6* TS8* TS10*
No. of Postions 4 6 8 10
A
10.00 12.20 15.10 15.10
B
10.00 12.00 15.00 15.00
C
3.06 5.10 7.14 9.18
TS2K**
PCB-Layout (Top View)
RoHS
* Depopulation of contacts possible
Part No.
TS2K4* TS2K6* TS2K8*
No. of Positons 4 6 8
A
13.72 15.75 17.78
B
11.18 13.21 15.24
C
7.62 10.16 11.43
D
3.81 6.35 8.89
TS2K**-C
PCB-Layout (Top View)
RoHS
Materials and Finish
Standard material: Standard color: Soldering Temp.: Contact: Glass filled polyester (UL94V-0) Black 215C / 5 sec. Thickness 0.35mm Alloy C5210, Gold plating over Nickel (contact area) Tin Plating over nickel (solder area)
* Depopulation of contacts possible
Part No.
TS2K4*-C TS2K6*-C TS2K8*-C TS2K10*-C
No. of Positions 4 6 8 10
A
13.72 15.75 17.78 17.78
B
11.48 13.21 15.24 15.24
C
7.62 10.16 11.43 11.43
Trading Division
Sockets and Connectors
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
TS Series
TS3K**
Materials and Finish
Standard material: Standard color: Soldering Temp.: Contact:
Modular Jacks (PCB Mounted, Unshielded)
RoHS
Glass filled polyester (UL94V-0) Black 240C / 5 sec. Thickness 0.35mm Alloy C5210, Gold plating over Nickel (contact area) Tin Plating over Nickel (solder area)
PCB-Layout (Top View)
* Depopulation of contacts possible
Part No.
TS3K4* TS3K6* TS3K8* TS3K10*
No. of Positions 4 6 8 10
A
13.97 16.00 17.50 17.50
B
11.43 13.46 15.26 15.26
C
7.63 10.16 11.43 11.43
TS6K**-A
Materials and Finish
Standard material: Standard color: Soldering Temp.: Contact: Glass filled polyester (UL94V-0) Black 240C / 5 sec. Thickness 0.35mm Alloy C5210, Gold plating over Nickel (contact area) Tin Plating over Nickel (solder area)
RoHS
PCB-Layout (Top View)
* Depopulation of contacts possible
Part No.
TS6K4*-A TS6K6*-A TS6K8*-A TS6K10*-A
Trading Division
No. of Positions 4 6 8 10
A
11.21 12.96 15.00 15.00
B
7.62 10.16 11.43 11.43
C
3.81 6.35 8.89 11.43
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
TS Series
TS6K**-C
Materials and Finish
Standard material: Standard color: Soldering Temp.: Contact:
Modular Jacks (PCB Mounted, Unshielded)
RoHS
Glass filled polyester (UL94V-0) Black 240C / 5 sec.c. Thickness 0.35mm Alloy C5210, Gold plating over Nickel (contact area) Tin plating over Nickel (solder area)
PCB-Layout (Top View)
* Depopulation of contacts possible
Part No.
TS6K4*-C TS6K6*-C TS6K8*-C TS6K10*-C
No. of Positions 4 6 8 10
A
11.20 13.20 15.20 15.20
B
7.62 10.16 11.43 11.43
TS6K**-S (SMT with Side Entry)
Materials and Finish
Standard material: Standard color: Soldering Temp.: Contact: Glass filled polyester (UL94V-0) Black 240C / 5 sec. Thickness 0.35mm Alloy C5210, Gold plating over Nickel (contact area) Tin plating over Nickel (solder area) PCB-Layout (Top View)
RoHS
* Depopulation of contacts possible
Part No.
TS6K4*-S TS6K6*-S TS6K8*-S TS6K10*-S
Sockets and Connectors
No. of Positions 4 6 8 10
A
11.21 12.96 15.00 15.00
B
7.62 10.16 11.43 11.43
C
3.81 6.35 8.89 11.43
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Trading Division
TS Series
TS3004ST-8*1 SMT TS3004ST-10101 SMT
Materials and Finish
Standard material: Standard color: Soldering Temp.: Contact:
Modular Jacks (PCB Mounted, Shielded)
RoHS
Glass filled Nylon66 (UL94V-0) Black 220C / 60 sec., 260C peak Thickness 0.35mm Alloy C5191, 6"Gold plating over Nickel (mating area) Tin plating over Nickel (solder area)
PCB-Layout (Top View)
A * Depopulation of contacts possible
Part No.
TS3004ST-8*1SMT TS3004ST-10101SMT
No. of Positions 8 10
A
8.89 11.43
TS3004S-**1SMT
Materials and Finish
Shielding: Copper Alloy (0.2mm, Tin Plated) Housing: PA6T C430NK (UL 94V-0), colour black Soldering Temp.: 220C / 60 sec., 260C peak Contact: Thickness 0.35mm Alloy C5210, 6"Gold plating over Nickel (mating area) Tin plating over Nickel (solder area)
RoHS
PCB-Layout (Top View)
* Depopulation of contacts possible
Part No.
TS3004S-6*1SMT TS3004S-8*1SMT TS3004S-10*1SMT
Trading Division
No. of Positions 6 8 10
A
13.56 15.74 15.74
B
10.16 11.43 11.43
C
6.53 8.89 11.43
D
13.57 15.54 15.54
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
TS Series
Part Number TS3009S-881
Materials and Finish
Modular Jacks (PCB Mounted, Shielded)
RoHS
Shielding: Brass, Nickel plated Housing: Engineering Thermoplatsic (UL94V-0) Soldering Temp.: 240C / 5 sec. Contact: Gold plating over Nickel (mating area) Tin plating over Nickel (solder area)
PCB-Layout (Top View)
Part Numbers TS3014S-**-1
Materials and Finish
Shielding: Housing: Soldering Temp.: Contact: Brass, Nickel plating Thermoplastic, glass filled (UL 94V-0), colour black 240C / 5 sec. Phosphor Bronze, 6"Gold plating over Nickel (mating area) Tin plating over Nickel (solder area) PCB-Layout (Top View)
RoHS
* Depopulation of contacts possible
Part No.
TS3014S-6*-1 TS3014S-8*-1 TS3014S-10*-1
Sockets and Connectors
No. of Positions 6 8 10
A
13.56 15.74 15.74
B
10.16 11.43 11.43
C
6.53 8.89 11.43
D
13.57 15.54 15.54
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Trading Division
TS Series
Modular Jacks (PCB Mounted, Shielded)
RoHS
Standard Type PCB-Layout (Top View)
Part Number TS3017S1-**21
Materials and Finish
Shielding: Copper alloy, Nickel plated Housing: Polyester, glass filled (UL 94V-0), colour black Soldering Temp.: 240C / 5 sec. Contact: Thickness 0.35mm Alloy C5210, 6"Gold plating over Nickel (mating area) Tin plating over Nickel (solder area)
CAT5 Type PCB-Layout (Top View)
Part Number TS3101S-**1
Materials and Finish
Shielding: Copper alloy, Nickel plated Housing: Polyester, glass filled (UL 94V-0), colour black Soldering Temp.: 240C / 5 sec. Contact: Thickness 0.35mm Alloy C5210, 6"Gold plating over Nickel (mating area) Tin plating over Nickel (solder area)
RoHS
Front Panel Jack only clearance without latch feature
Single Panel - Latch clearance Panel thickness 0.0062 inch
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Trading Division
Sockets and Connectors


▲Up To Search▲   

 
Price & Availability of TS6K8A-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X