Part Number Hot Search : 
TM1130P 30CPQ050 SP706RCN W81C180 C1213A AC60S120 SSM3K3 FP1016A
Product Description
Full Text Search
 

To Download TR2616-640Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THRU-HOLE INDUCTORS TR Series: Toroidal Filter
FEATURES
*Compact size, High Performance, Low cost *Low Leakage and minimal acoustical noise *Large current device
APPLICATIONS
*For equipment using thyristors, such as SCR, Triac, etc.. Lighting Controls Speed Controls Heating Controls *Spike and noise protection for DC circuit of switching power supply *Switching power supply input/output EMI/RFI prevention
CORE MATERIAL CHARACTERISTICS
*miac: 75 *Bms: 14000 gauss *Temperature stability: 5 to 10%
CHARACTERISTICS
Part Number Inductance Rated Max Wire Dimensions (mm) min Current Resistance Diameter A B C E (mH) (A) (mW) (mm) max max 5 max 10 1 45 0.4 8.5 6.0 20 3 25 2 85 0.4 13.5 7.5 20 3 26 2 55 0.6 17.0 11.0 25 3 46 2 70 0.6 17.0 11.0 25 3 72 2 85 0.6 17.0 11.0 25 3 45 2 75 0.6 17.0 14.0 25 3 80 2 85 0.6 17.0 14.0 25 3 130 2 100 0.6 17.0 14.0 25 3 40 3 40 0.8 23.0 13.0 25 3 72 3 50 0.8 23.0 13.0 25 3 110 3 70 0.8 23.0 13.0 25 3 35 5 30 1.0 26.0 16.0 25 3 64 5 40 1.0 26.0 16.0 25 3 100 5 50 1.0 26.0 16.0 25 3 45 5 40 1.0 32.0 17.0 253 3 90 5 50 1.0 32.0 17.0 253 3 140 5 70 1.0 32.0 17.0 253 3
DIMENSIONS
A B
TR0806-100Y TR1307-250Y TR1711-260Y TR1711-460Y TR1711-720Y TR1714-450Y TR1714-800Y TR1714-131Y TR2313-400Y TR2313-720Y TR2313-111Y TR2616-350Y TR2616-640Y TR2616-101Y TR3217-450Y TR3217-900Y TR3217-141Y
E
Wf
C
CHARACTERISTIC CURVES
200
TR1711-
200
TR1714800Y
200
TR2313111Y 720Y
150
131Y 150 L (mH) 720Y 460Y 260Y
100
150
L (mH)
100
L (mH)
100 1000 5000
100
50
50
450Y
50
400Y
0 10 100 1000 5000
0 10
0 10 100 1000 5000
DC Current (mA)
200
DC Current (mA)
230 200
DC Current (mA)
TR2616-
TR3217Sheilded version available. See page C4D03.
150
150
L (mH)
100
101Y 640Y 350Y
L (mH)
100 1000 5000
141Y
100
50
900Y
50
450Y
0 10
0
10
100
1000
5000
DC Current (mA)
DC Current (mA) C4D02 REV 2002.05.16
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com


▲Up To Search▲   

 
Price & Availability of TR2616-640Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X