Part Number Hot Search : 
N4750A 2000861 SF10JG LB1881V N4750A 40128 ZD4710 RN4906FE
Product Description
Full Text Search
 

To Download TMC32NPX-EVAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTERFAC E C O N T R O L L E R
I N T E G R A T E D C I R C U ITS
TM C4 01
Step / Direc tion to SP I conver ter
M A IN CH A R AC T ER IS T IC S
INFO
The TMC401 converts step/direction signals into SPI datagrams that can be used to drive a TMC236, TMC239, TMC246 or TMC249 stepper motor driver chip directly. It provides five different microstep resolutions (from 1/32 to 1/2) as well as two full step resolution modes. The stallGuardTM bits of a TMC246 or TMC249 motor driver are output on three pins, in order to allow an easy usage of the stallGuardTM feature. Also the overtemperature pre-warning bit is output on one extra pin (and can be used to shut off the driver when there is an overtemperature pre-warnINTERFACE
* step / directon signal to SPI converter * allow step-/direction control for TMC236, TMC246, TMC239, TMC249 drivers * outputs for stallGuardTM value and driver OTPW flag * resolution control from fullstep up to 1/32 microsteps * optional power down control * mixed decay selectable * step-/direction input up to 245kHz * SPI output
ELECTRICAL DATA
ing condition). The TMC401 also provides a feature that reduces the motor current to 25% when there have not been any step pulses for at least one second. This features can be enabled or disabled. Mixed Decay can also be enabled or disabled using a dedicated pin. The evaluation board contains the TMC401 and different driver configurations of the TMC249 wit external MOSFETs.
* 5V supply * 5V CMOS / TTL compatible IOs * TQFP32 package * RoHS compliant
PACKAGE
+5V DC
Step/Dir
Power Down feature Mixed Decay Step resolution
StallGuard
3
3
TMC401
Sequencer
e.g. TMC246
Driver
Step Motor
10 m m
Valid
Error
Temperatur prewarning
StallGuard and Error Bit Decoder
interface
Driver
serial
to driver
SPI
Disable
OR DE R C O DE
D E S C RI P T I ON
TMC401-PI TMC32NPX-EVAL
Step / direction to SPI converter in TQFP-32 package Evaluation board for TMC401-PI, TMC249A-LA & TMC32NP-MLP, TMC249A-SA & TMC32NP2-SM8 and TMC249A-LA & TMC34NP-PSO
www.trinamic.com - for detailed information and datasheets
9


▲Up To Search▲   

 
Price & Availability of TMC32NPX-EVAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X