Part Number Hot Search : 
AN1N5419 SK372 SK372 6P23C M9435 N20MV MSU001T 40060
Product Description
Full Text Search
 

To Download TF50-51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TF Series High Performance 20 Section 10-Tap Delay Lines
Fast Rise Time ( td / tr 10 ) High Bandwidth 0.35 / tr Low Distortion LC Network 10 Equal Delay Taps Standard Impedances: 50 - 75 - 100 Stable Delay vs. Temperature: 100 ppm/OC Operating Temperature Range -55OC to +125OC
Electrical Specifications at 25OC
Delay Tolerances Total (ns) Tap-to-Tap (ns) 50 Ohm Part Number
1, 2, 3
COM 28 27 26 25 24
TF Schematic Diagram
23 22 21 20 19 18 17 16
COM 15
1 IN
2
3
4
5
6
7
8
9
10
11
12
13
14
10% 20% 30% 40% 50%
60% 70% 80% 90% 100%
Rise Time (ns)
DCR max. (Ohms)
75 Ohm Part Number
Rise Time (ns)
DCR max. (Ohms)
100 Ohm Part Number
Rise Time (ns)
DCR max. (Ohms)
50 2.5 75 3.7 80 4.0 100 5.0 120 6.0 150 15.0 200 10.0 250 12.5 300 15.0 400 20.0 500 25.0
5.0 1.0 7.5 2.0 8.0 2.0 10.0 2.0 12.0 2.0 15.0 2.5 20.0 3.0 25.0 3.0 30.0 3.5 40.0 4.0 50.0 5.0
TF50-5 TF75-5 TF80-5 TF100-5 TF120-5 TF150-5 TF200-5 TF250-5 TF300-5 TF400-5 TF500-5
6.2 9.2 9.5 11.2 13.4 15.7 21.3 27.2 31.1 41.0 50.8
1.9 2.1 2.2 2.3 2.3 2.4 2.5 2.6 2.7 2.8 2.9
TF50-7 TF75-7 TF80-7 TF100-7 TF120-7 TF150-7 TF200-7 TF250-7 TF300-7 TF400-7 TF500-7
6.2 9.2 9.6 11.7 13.7 16.1 21.5 27.3 31.4 41.3 53.1
2.0 2.2 2.3 2.5 2.7 3.1 3.3 3.5 3.6 3.7 3.9
1.450 (36.83) MAX.
TF50-10 TF75-10 TF80-10 TF100-10 TF120-10 TF150-10 TF200-10 TF250-10 TF300-10 TF400-10 TF500-10
6.4 9.4 9.9 12.5 13.8 16.4 21.6 27.5 32.3 41.7 54.2
2.2 2.3 2.4 2.7 3.1 3.5 3.8 4.3 4.6 4.8 5.1
1. Rise Times are measured from 10% to 90% points. 2. Delay Times measured at 50% points of leading edge. 3. Output (100% Tap) terminated through ZO to ground.
.320 (8.13) .290 (7.37) .300 (7.62) MAX.
Dimensions in Inches (mm)
.030 .275 (0.76) (6.99) TYP. MAX. .120 (3.05) MIN. .010 (0.25) TYP. .350 (8.89) .310 (7.87)
.050 (1.27) TYP.
.020 (0.51) TYP.
.100 (2.54) TYP.
SP3 Series
3-Pin Mini-SIP Passive Delays
Refer to SIL2 Series
.490 (12.45) MAX. .120 (3.05) MAX.
Electrical Specifications at 25OC SP3 Style Schematic
Delay (ns) Rise Time 20% - 80% max. (ns) DCR max. (Ohms) Part Number Zo: XX= 50, 55, 75, 93, 10 or 20
1 IN
2 COM
3 OUT
63
.020 (0.51) TYP. .100 (2.54)
.375 (9.53) MAX.
.030 (0.76) TYP. .120 (3.05) MIN.
.010 (0.25) TYP. .060 (1.52) TYP.
Part Number Examples: SP3-2-50 = 2 ns 50 SP3-2.5-93 = 2.5 ns 93 SP3-5-10 = 5 ns 100 SP3-10-20 = 10 ns 200
1.0 .20 1.5 .20 2.0 .20 2.5 .20 3.0 .20 3.5 .20 4.0 .20 4.5 .20 5.0 .25 6.0 .30 7.0 .30 7.5 .30 8.0 .30 10 .30
1.6 1.6 1.6 1.6 1.7 1.7 1.7 1.7 1.8 2.0 2.2 2.4 2.4 2.8
.20 .30 .40 .50 .60 .60 .70 .70 .80 .85 .90 .95 .95 1.20
SP3-1 - XX SP3-1.5 - XX SP3-2 - XX SP3-2.5 - XX SP3-3 - XX SP3-3.5 - XX SP3-4 - XX SP3-4.5 - XX SP3-5 - XX SP3-6 - XX SP3-7 - XX SP3-7.5 - XX SP3-8 - XX SP3-10 - XX
1. Rise Times are measured from 20% to 80% points. 2. Delay Times measured at 50% points of leading edge. 3. Output (100% Tap) terminated through ZO to ground.
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
www.rhombus-ind.com
UKRPEXV LQGXVWULHV LQF
)RU RWKHU YDOXHV &XVWRP 'HVLJQV FRQWDFW IDFWRU\
sales@rhombus-ind.com
11
TEL: (714) 898-0960
FAX: (714) 896-0971
TF-SP3 2001-01


▲Up To Search▲   

 
Price & Availability of TF50-51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X