Part Number Hot Search : 
CTB04VY 4CK1750 109387 VQRT624C M52342 SAA7326 HCPL062N SAA7348
Product Description
Full Text Search
 

To Download STR2-16B-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STR2-16B-40
Features: 1. Emitted color :Blue 2. Lens Appearance : Water Clear 3.Indoor and outdoor application. 4. Low power consumption. 5. Wet and dust proof. Package dimensions
Notes: 1. All dimensions are in millimeters. 2. Tolerance is 0.3mm unless otherwise specified. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
Circuit Diagram
Applications: 1. Customer design.
STR2-16B-40
Absolute maximum ratings(Ta=25
Parameter Symbol
)
Rating Unit
Power Dissipation Vcc Peak Forward Current* Reverse Voltage Operating Temperature Storage Temperature
1 1
Pd Vcc IFP VR Topr Tstg
4 13 600 10 -25 ~60 -30 ~85
W V mA V
* Condition for IFP is pulse of 1/10 duty and 0.1msec width. Electrical and optical characteristics(Ta=25 Parameter Forward Current Luminous Intensity Reverse Current Color Rank Viewing Angle
1/2
) Min. 240 20 460~475 35 ------40 Typ. 270 Max. 300 25 180 Unit mA lm A nm deg
Symbol IF Iv IR
Condition Vcc=12V Vcc=12V VR=10V Vcc=12V Vcc=12V


▲Up To Search▲   

 
Price & Availability of STR2-16B-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X