Part Number Hot Search : 
MPSD06 MPSD06 IDT74A 08852 HIP9020 12016 APL58 SY8954
Product Description
Full Text Search
 

To Download SSR1A1B-350-120-25-8T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID STATE RELAY
Adam Technologies, Inc.
SSR1 SERIES SOLID STATE RELAY
6 Pin DIP
.256 [6.50] .248 [6.30]
6 & 8 PIN DIP PACKAGES-TYPE SSR
R SERIES
INTRODUCTION:
Adam Tech's Solid State MOSFET controlled relays deliver fast, reliable, bounce free switching in small packages. The LED input with MOSFET output is ideal for applications requiring low power input to control larger loads while providing extremely high isolation. They are ideal to replace reed relays in applications susceptible to EMI or vibration while offering the reliability of a Solid State design with extended life. Comprised of two components in one package this product allows designers to condense PCB space.
.343 [8.70] .335 [8.50] .150 [3.81] .130 [3.30]
SSR1A-350-120-35-6T
.200 [5.08] .100 [2.54]
.320 [8.12] .260 [6.60]
18 .300 [7.62]
.014 [0.35] .010 [0.25]
.100 [2.54]
.035 [0.90] .031 [0.80]
o.031 [0.80]
.300 [7.62]
Recommended PCB Layout
SSR1 & SSR2 SERIES SOLID STATE RELAY
8 Pin DIP
.256 [6.50] .248 [6.30] .390 [9.91] .379 [9.63] .150 [3.81] .130 [3.30]
SSR2A-350-120-25-8T
.300 [7.62] .100 [2.54]
FEATURES:
This series is offered in both 6 & 8 in DIP packages. Typical applications are data communications equipment, computers, security devices, medical equipment and instrumentation.
.320 [8.12] .260 [6.60]
18 .300 [7.62]
.014 [0.35] .010 [0.25]
.100 [2.54]
.035 [0.90] .031 [0.80]
o.031 [0.80]
.300 [7.62]
Recommended PCB Layout
Load Volts (V) Load Current (mA) Input Current (mA) Off State Leakage (mA)
SOLID STATE RELAY PART NO.
On Resistance (Ohms)
Isolation (Vrms)
Time On (m sec.)
Time Off (m sec.)
Dip Package
Contact Form 1a
SSR1A-250-170-15-6T SSR1A-250-200-10-6T SSR1A-350-120-15-6T SSR1A-350-120-35-6T SSR1A-350-170-16-6T SSR1A-350-170-20-6T 250 250 250 250 250 250 170 200 120 120 170 170 15 10 25 35 16 20 3,750 3,750 3,750 3,750 3,750 3,750 5 5 5 2 5 5 1 1 1 1 1 1 5 5 5 3 5 5 5 5 5 3 5 5 6 Pin 6 Pin 6 Pin 6 Pin 6 Pin 6 Pin
Contact Form 1b
SSR1B-350-120-35-6T 350 120 35 3,750 5 1 3 3 6 Pin
Contact Form 2a
SSR2A-250-170-15-8T SSR2A-350-120-25-8T 250 350 170 120 15 25 3,750 3,750 5 5 1 1 5 5 5 5 8 Pin 8 Pin
Contact Form 1a1b
SSR1A1B-250-150-20-8T SSR1A1B-350-120-25-8T SSR1A1B-350-120-35-8T 250 350 350 150 120 120 20 25 35 3,750 2,500 3,750 5 5 5 1 1 1 5 1 5 5 1 5 8 Pin 8 Pin 8 Pin
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
65


▲Up To Search▲   

 
Price & Availability of SSR1A1B-350-120-25-8T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X