Part Number Hot Search : 
BAR18 E00204 AOT414 1117G RS3BB 7204S3 PA5155 HIP1011
Product Description
Full Text Search
 

To Download SSM9916H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM9916H,J
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Low on-resistance Capable of 2.5V gate drive Low drive current Simple drive requirement G
D
BV DSS RDS(ON) ID
18V 25m 35A
S
Description
Power MOSFETs from Silicon Standard provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
G D S
TO-252(H)
G
D
S
TO-251(J)
Absolute Maximum Ratings
Symbol VDS VGS ID @ TC=25C ID @ TC=125C IDM PD @ TC=25C TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 4.5V Continuous Drain Current, VGS @ 4.5V Pulsed Drain Current
1
Rating 18 12 35 16 90 50 0.4 -55 to 150 -55 to 150
Units V V A A A W W/C C C
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 2.5 110 Unit C/W C/W
Rev.2.02 1/29/2004
www.SiliconStandard.com
1 of 6
SSM9916H,J
Electrical Characteristics @ T j=25oC (unless otherwise specified)
Symbol BVDSS
BV DSS/ Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
Min. 18 0.5 -
Typ. 0.03 18 17.5 1.2 7.9 7.3 98 25.6 98 527 258 112
Max. Units 25 40 1 1 25 100 V V/C m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25C, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V, ID=6A VGS=2.5V, ID=5.2A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=125 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=6A VDS=18V, VGS=0V VDS=18V ,VGS=0V VGS= 12V ID=18A VDS=18V VGS=5V VDS=10V ID=18A RG=3.3 ,VGS=5V RD=0.56 VGS=0V VDS=18V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS ISM VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=1.3V
1
Min. -
Typ. -
Max. Units 35 90 1.3 A A V
Pulsed Source Current ( Body Diode )
Forward On Voltage
2
Tj=25C, IS=35A, VGS=0V
Notes:
1.Pulse width limited by safe operating area. 2.Pulse width <300us , duty cycle <2%.
Rev.2.02 1/29/2004
www.SiliconStandard.com
2 of 6
SSM9916H,J
100
80
T C =25 o C
80
V G =4.5V
70
T C =150 o C
V G =4.5V
60
ID , Drain Current (A)
V G =3.5V
60
ID , Drain Current (A)
V G =3.5V
50
40
V G =2.5V
40
V G =2.5V
30
20
20
V G =1.5V
10
V G =1.5V
0 0 1 2 3 4 5 6 7
0 0 1 2 3 4 5 6 7 8
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
30
1.8
I D= 6 A
28
I D =6A
1.6
T C =25 C
o
V G =4.5V
24
Normalized R DS(ON)
1 2 3 4 5 6
26
1.4
RDSON (m )
1.2
22
1.0
20
0.8
18
0.6 -50 0 50 100 150
V GS (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance vs. Junction Temperature
Rev.2.02 1/29/2004
www.SiliconStandard.com
3 of 6
SSM9916H,J
40
60
35 50
30
ID , Drain Current (A)
40 25
PD (W)
25 50 75 100 125 150
20
30
15 20 10 10 5
0
0 0
T c , Case Temperature ( C)
o
T c , Case Temperature ( o C)
50
100
150
Fig 5. Maximum Drain Current vs. Case Temperature
Fig 6. Typical Power Dissipation
1000
1
DUTY=0.5
100
10us
Normalized Thermal Response (R thjc)
0.2
ID (A)
10
100us 1ms 10ms 100ms
0.1
0.1
0.05
0.02 0.01 SINGLE PULSE
PDM
t T
1
T c =25 o C Single Pulse
0.1 0.1 1 10 100
Duty factor = t/T Peak Tj = P DM x Rthjc + TC
0.01 0.00001 0.0001 0.001 0.01 0.1 1
V DS (V)
t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
Rev.2.02 1/29/2004
www.SiliconStandard.com
4 of 6
SSM9916H,J
16
f=1.0MHz
1000
I D =18A
14
Ciss V DS =10V V DS =15V Coss
VGS , Gate to Source Voltage (V)
12
10
V DS =18V
8
C (pF)
100
Crss
6
4
2
0 0 5 10 15 20 25 30 35 40 45
10 1 5 9 13 17 21 25
Q G , Total Gate Charge (nC)
V DS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100
1.2
10
0.95
T j =150 o C
VGS(th) (V)
T j =25 o C IS (A)
1
0.7
0.1
0.45
0.01 0 0.4 0.8 1.2 1.6
0.2 -50
V SD (V)
T j , Junction Temperature ( o C )
0
50
100
150
Fig 11. Forward Characteristic of Reverse Diode
Fig 12. Gate Threshold Voltage vs. Junction Temperature
Rev.2.02 1/29/2004
www.SiliconStandard.com
5 of 6
SSM9916H,J
VDS 90%
RD
D
VDS
TO THE OSCILLOSCOPE 0.5x RATED VDS
RG
G
+ 5v -
S VGS
10% VGS td(on) tr td(off) tf
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE
QG 5V
D
G S
+
RATED VDS
QGS
QGD
VGS
1~ 3 mA
IG ID
Charge
Q
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
Rev.2.02 1/29/2004
www.SiliconStandard.com
6 of 6


▲Up To Search▲   

 
Price & Availability of SSM9916H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X