Part Number Hot Search : 
Z27VC 5KP24A GL602USB EZ1086CT PE30L0F 30252 TC9256F 351104
Product Description
Full Text Search
 

To Download SRRM1C5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rotary Switch
12-position General-purpose Vertical Type
SRRM Series
General-purpose type switch applicable to a wide range of electronic devices.
Typical Specifications
Items Rating max. min. Resistive load Contact resistance Initial/After operating life Shorting Rotational torque Non-shorting Without load Operating life With load
10,000cycles 0.25A 30V DC
Detector Specifications Push
0.25A 30V DC/50BA 3V DC
Slide
20m max./60m 80 70 30mN m 30mN m max.
Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM
10,000cycles
Product Line
Poles Positions Changeover angle Changeover timing
Shorting 1 12
Endless
Actuator configuration
Round shaft with groove Flat Round shaft with groove
Actuator length mm
15 20
Minimum order unit pcs.
Product No.
SRRM1C6200 SRRM1C5400 SRRM1C7800
CustomProducts
Non shorting 5 30 2 6 Shorting 3 4 4 3 3
15 600
SRRM254700 SRRM262400 SRRM264300
Flat Round shaft with groove 18-tooth serration 20
SRRM342800 SRRM433700
Dimensions
Style
Unit:mm
Terminal Configuration
3.2
Unit:mm
(18.7) 3.2 15.5 4 1.6 (8.7) 1.2 6
2
L
10 9.5
0.7
26.8
o6
A
M9G0.75
0.8 12.5
2 PC board mounting face
Notes
1. Products other than those listed in the above chart are also available. Please contact us for details. 2. Non-shorting type requires external wiring of common terminals. 3. All the axis are die casting shafts. 4. Please place purchase orders per minimum order unit(integer). 5. Round-shaft with groove(shaft length 20mm) type are 8mm length.
Refer to P.171 for shaft configurations. Refer to P.173 for attached parts.
31
3
1
o24
167
Rotary Switch
12-position General-purpose Vertical Type
SRRM Series
Standard Circuit Diagram
Shorting Circuit DIagram 1-pole, 12-positions 2-poles, 5-positions 2-poles, 6-positions 3-poles, 4-positions
Unit:mm
4-poles, 3-positions
Detector Circuit diagram 3 2 1 !2 !11 !0 Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts PC board mounting hole dimensions Viewed from the direction A 9 !3 C 8 4 5 6 7 1 !2 !11 !0 9 2 !3 C
C
Push Slide Rotary
3
4 5 6 !4 8 7 1 !2 !11 2
3 !3 C
C
4 5 6 !4 8 9 7 1 !2 !11 2
3
4 5 !3 C
C !4
3 2 6 7 8 1 !2 !11 !0
C
4 5 6 7 8 9
!5
C
C
!3 !4C !6 C!5
!0
!0
9
Equally divided
15 30
13-o1.5 holes
15 30
12-o1.5 holes
Equally divided
15 30
14-o1.5 holes
Equally divided
15 30
15-o1.5 holes
Equally divided
15 30
45
16-o1.5 holes
30
o13
45
o13 o19
o13 o19
o13 o19
60
45
45
60
o13 o19
60
45
Non Shorting Circuit Diagram 1-pole, 12-positions 2-poles, 6-positions
Unit:mm
Circuit diagram
3 2
4 5 6 7 8 2
3
4 5 6 7 8
CC 1 !3 !4 External wiring !5C C!6 !2
CC 1 !3 !4 External wiring !5C C!6 !2
!11 !0 9
!11 !0 9
PC board mounting hole dimensions Viewed from the direction A
Equally divided
30
15
45
16-o1.5 holes
45
45
Notes
1. The s mark in the above table indicate a stopper with the shaft turned fully counterclockwise when viewed from direction A of the diagrams. 2. Note that the location of C terminal differs depending on the number of positions. 3. External wiring is required if specified in the above diagrams.
168
o13
o19
o19
4 4 45
45
Rotary Switches
List of Varieties
Series SRBD SRBQ Insertion Reflow type SRRM SRBV SRBM Rotary Pulse SRRN
Photo
Detector Push
Operating temperature range Rating(max)/(min) (Resistive load) Initial contact resistance Insulation resistance Voltage proof Rotational direction Push direction Electrical performance Mechanical performance Durability Environmental performance Soldering
Outline specifications
Step angle
36
40
3 1 2 3 4
30
3
18 3
30
3 2 3 4
Slide Rotary Encoders Power Dual-in-line Package Type
Number of poles W
1 11.4 10 12.4 1.7 25 to 85 3.5 10 0.1A 16V DC 50BA 3V DC to 60
1 16.2 18.5 7.5 40 0.3A 16V DC 50BA 3V DC 100M to 85
1 2 12.5 10 11.5 10
Dimensions mm
D H
to
60
TACT SwitchTM CustomProducts
1mA 5V DC 50BA 3V DC 100M
0.25A 30V DC 50BA 3V DC 100M min. 500V DC 500V AC for 1minute
0.1A 16V DC 50BA 3V DC
0.15A 12V DC 50BA 3V DC 100M min. 500V DC 500V AC for 1minute
min. 100V DC
min. 100V DC
100V AC for 1minute
100V AC for 1minute 5N for 1minute 0.6N m 0.5N m 100N
3N for 1minute 5N for 1minute 10N for 1minute 1N m 50N Load at the tip of shaft SRRM : 5N SRBV, SRBQ : 1N Unit : mm 20N The below table shows for SRBQ Unit : mm Distance from Shaft mounting surface to the wobble max.value tip of shaft below 5 0.5 max. above 5 and below 10 0.9 max. above 10 and below 15 1.2 max. The below table shows for SRBV Unit : mm
Measuring position from mounting surface Shaft wobble Applicable mounting max. dimension value
Actuator strength
1N m
Applicable Measuring position Shaft wobble mounting from mounting surface max. value dimension 10mm 0.17 mm 0.25 mm 15 mm 20 mm
Wobble of actuator
Measuring position from mounting surface
Shaft wobble Applicable mounting max. dimension value
15mm
10 15
0.17 0.25
15 20
10 15
0.2 0.3
15 20 Load at the tip of shaft : 5N 30,000cycles 100m max. 10,000cycles 70m max. 10,000cycles 100m max.
Operating life without load Operating life with load Load : (at rated load) Cold Dry heat Damp heat Manual soldering Dip soldering Reflow soldering Page
10,000cycles 250m max. 10,000cycles 250m max. -40 2 for 500h 85 2 for 500h
10,000cycles 100m max. 10,000cycles 100m max.
10,000cycles 40m max. 10,000cycles 60m max. 20 85 40 2
10,000cycles 100m max. 10,000cycles 150m max. 2 2 for 96h for 96h
60 2 , 90 to 95%RH for 500h 350 10 1 3 0s 260 5 5 1s Please see P.172 158 160 350 5 3s max.
, 90 to 95%RH for 96h 350 10 ,3
1 0
s 260 10 5 1s
260 10
5 1s
260 3 5s max.
167
165
162
169
157
Rotary Switches
Shaft Configurations
18-tooth Serration Shaft
The shaft shows the position in which it is turned fully counterclockwise.
Cutting Shaft
L0.5 B A 18 tooth serration
Unit:mm
Shaft length L 15 20
L0.5 R 18 tooth serration
A 6 10
B 1 2
C 7 11
Die Casting Shaft
Detector Push
Unit:mm
0.7
o6
C
o6
1
Shaft length L
o6.1 Except serrated part
R
8 12
C1
C1
15 20
Slide Rotary
Details About Serration
1 The mold dimensions of standard serration and the dimensions of test jigs are as shown in the figure at left. 2 Position of the serration bottom When the shaft is turned fully counterclockwise, the position of the serration bottom is on the AA line. 3 Slitting angle The slitting angle position is not specified.
98 90 20
Testing jig dimensions
Encoders Power
o6 o6.08 o5.06 o5.3
0.07
Dual-in-line Package Type TACT SwitchTM CustomProducts
o6.1
7
Shaft dimensions
Round Shaft
L0.5
C1
Round Shaft with Groove
The shaft shows the position in which it is turned fully counterclockwise.
L0.5 1.60.3
o6 -0.1
0
Shaft flatten angle
o6 -0.1 10.3
0
C0.5
Flat Shaft
The shaft shows the position in which it is turned fully counterclockwise.
Cutting Shaft
L0.5 R0.3 4.5 -0.1
0 o6 -0.1 0
Die Casting Shaft
Shaft length L
0.5 when R 10
L0.5
Unit:mm R
7 12
0.5 when R 10
4.5-0.05
15 20
R0.3
0 o6 -0.05 0
C1
C1 o6.10.2 except for flat part
Shaft flatten angle
Note
SRBM Series are based on p printed terminal direction . SRRM, SRRN, SRBV Series are based on s panel lug .
171
Rotary Switches
Attached Parts
The following parts are included with the product.
SRRM, SRBV
Hexagonal nut
11 2
o14 o9.1 0.5
Unit:mm
Flat washer
Detector Push Slide Rotary Encoders
M9G0.75
Power Dual-in-line Package Type
SRBM, SRRN
Hexagonal nut
11 2
Unit:mm
Flat washer
o12 o7.1 0.5
TACT SwitchTM CustomProducts
M7G0.75
173


▲Up To Search▲   

 
Price & Availability of SRRM1C5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X