Part Number Hot Search : 
K2639 PI74FCT L9130 MMBT3906 UPD44 1N5230 BPC80 SBL1050
Product Description
Full Text Search
 

To Download SR8200E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR8200E
Elektronische Bauelemente
VOLTAGE 200V
8.0 Amp Schottky Barrier Rectifiers
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
DO-27
FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction
.220(5.6) .197(5.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guaranteed * Polarity: As Marked * Mounting position: Any * Weight: 1.10 grams(Approximately)
.052(1.3) .048(1.2) DIA.
.375(9.5) .285(7.2)
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (IF = 8 Amps,Tj = 25 C) Maximum Instantaneous Forward Voltage (IF = 8 Amps,Tj=125 C) Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance RJC (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SR8200E 200 200 200 8 150 0.82 0.70 0.05 20 200 12 -50 ~ +150 -65 ~ +175
UNITS V V V A A V mA mA pF C/W C C
Ta=25 C Ta=125 C
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
SR8200E
VOLTAGE 200V
Elektronische Bauelemente
8.0Amp Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES
Typical Forward Current Derating Curve
100
14
Typical Forward Characteristic
10
8
Instantaneous Forward Current (A)
12
Average Forward Current (A)
10
6
4
2
125J 75J 1 100J
0 20 50 100 150 190
Tc, Case Temperature (J)
50J
25J
Typical Junction Capacitance
400
0.1 0.3
0.4
0.5
0.6
0.7
0.8
0.9
Junction Capacitance (pF)
Forward Voltage (V)
300
200
Typical Reverse Characteristic
100 100 125J
0
0.1
1
10
100 100J
Revise Voltage (%)
10
Maximum Non- Repetitive Forward Surge Current
200
Reverse Current(uA)
75J
1
Peak Forwad surge Current (A)
160
Tj=25J
8.3mS Single half Sine Wave JEDEC Method
120
0.1
50J
80
25J
40
0.01 10
40
80
120
18
220
Reverse Voltage(V)
0 0 10 100
Number of Cycles at 60Hz
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua l
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SR8200E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X