Part Number Hot Search : 
RS1001 2988735 AD7545SQ CH5288 SN8P1700 C34063 HD404889 FC74N
Product Description
Full Text Search
 

To Download SMBCM104LH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZOWIE
Preliminary SMBCM104LH Low VF Schottky Bridge Rectifier
Low VF Schottky Bridge Rectifier
(40V / 1A)
OUTLINE DIMENSIONS Case : MBCM
0.60 0.10 3.00 0.10
Unit : mm
FEATURES
* * * * * * * Halogen-free type Lead free product, compliance to RoHS Lead less chip form, no lead damage Lead-free solder joint, no wire bond & lead frame Low power loss, High efficiency High current capability Plastic package has Underwriters Laboratory Flammability Classification 94V-0
0.05
1.40 0.05
~
+ ~
0.0
5
R0 .2
0.70 0.05
0
APPLICATION
* Suitable for battery - powered circuits * Communication Equipment
MARKING
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled Terminals : Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026. Polarity : Laser Cathode band marking
~
104L .
+ ~
10 = Amps class (1.0A) 4 = Voltage class (40V) L = Low VF = Halogen-free type
Absolute Maximum Ratings (Ta = 25 C)
Rating ITEM
Repetitive peak reverse voltage Average forward current Peak forward surge current Operating storage temperature Range
o
Symbol
VRRM IF(AV) IFSM Tj,TSTG
Conditions
1.01 0.15
2.70 0.10
SMBCM104LH 40 1.0
Unit
V A A
o
8.3ms single half sine-wave
30 -55 to +125
C
Electrical characteristics (Ta = 25 C)
ITEM Symbol Conditions Type Min. Typ. Max. Unit
o
Forward voltage
VF
IF = 0.5A
SMBCM104LH
-
0.37
0.40
V
Repetitive peak reverse current Junction capacitance
IRRM Cj Rth(JA)
VR = Max. VRRM , Ta = 25 oC VR = 4V, f = 1.0 MHz Junction to ambient (NOTE) Junction to lead (NOTE)
-
0.35 115 110 15
1.00 o
mA pF
Thermal resistance Rth(JL) -
C/W
NOTES : Thermal resistance, junction to ambient, measured on PC board with 5.0mm2 (0.03mm thick) land areas.
REV. 0
2009/05
ZOWIE
FIG.1 - FORWARD CURRENT DERATING CURVE 1.0
SMBCM104LH
(40V / 1.0A)
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 30 PEAK FORWARD SURGE CURRENT, AMPERES
8.3ms Single Half Sine-Wave (JEDEC Method)
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.2X0.2"(5.0X5.0mm) COPPER PAD AREAS
25
20
0.5
15
10 5
0 0 25 50 75 100
o
0 125 150 1 10 NUMBER OF CYCLES AT 60Hz 100 LEAD TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
TJ=80 C
o
1.00
1.0
0.10
0.10
TJ=25 C
o
0.01
Ta=25 C
o
0.01
0.001 0 0.2 0.4 0.6 0.8
.001 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE 400 JUNCTION CAPACITANCE, pF
TJ = 25 C f=1.0MHz Vsig=50mVP-P
o
100
10 .1 1.0 10 100 REVERSE VOLTAGE, VOLTS
REV. 0
2009/05


▲Up To Search▲   

 
Price & Availability of SMBCM104LH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X