Part Number Hot Search : 
54853A PFS5000 MC1402 4111D L7805T TDZ27J 00406 BU2508AW
Product Description
Full Text Search
 

To Download SLC7649S-360KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 481-1
SMT Power Inductors - SLC7649 Series
* Designed for use in multi-phase VRM/VRD regulators and high current/high frequency DC/DC converters. * Requires only 60 mm2 of board space; can handle up to 100 A
Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant matte tin over nickel over copper. Other terminations available at additional cost. Weight 0.9 g Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 250/7reel; 1000/13 reel Plastic tape: 16 mm wide, 0.35 mm thick, 12 mm pocket spacing, 5 mm pocket depth PCB washing Only pure water or alcohol recommended
Part number1
SLC7649S-360KL_ SLC7649S-500KL_ SLC7649S-700KL_ SLC7649S-101KL_ SLC7649S-121KL_ SLC7649S-151KL_
L DCR SRF 10%2 5%3 typ4 (nH) (mOhms) (MHz)
36 50 70 100 120 150 0.17 0.17 0.17 0.17 0.17 0.17 1150 900 750 110 78 67
Isat5 (A)
100 84 65 42 33 27
Irms6 (A)
39 39 39 39 39 39
0.300 max 7,62
0.295 max 7,49
XXX X
Dash number Internal code
1. When ordering, please specify termination and packaging code: SLC7649S-101KLC Termination: L = RoHS compliant matte tin over nickel over copper Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (250 per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape (1000 per full reel). Factory order only, not stocked. 2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4263B LCR meter or equivalent. 3. DCR is measured between the two points indicated on the dimensional drawing. 4. SRF measured using an Agilent/HP 8753ES network analyzer or equivalent. 5. DC current at which the inductance drops 20% (typ) from its value without current. 6. Current that causes a 40C temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
0.195 max 4,96 0.105 2,67
Points used for measuring DCR
Recommended Land Pattern
0.085 2,16 0.100 2,54 0.135 3,43
0.225 5,72
inches Dimensions are in mm
Specifications subject to change without notice. Please check our website for latest information.
Document 481-1
Revised 09/10/09
(c) Coilcraft, Inc. 2009
Document 481-2
SMT Power Inductors - SLC7649 Series
L vs Frequency
160 140 120
120 nH 100 nH 150 nH
160 140
150 nH 120 nH
120
Inductance (nH)
Inductance (nH)
100 80 60 40
100 80 60 40
100 nH
70 nH 50 nH 36 nH
70 nH 50 nH 36 nH
20 0 0.1 1 10 100
20 0 0.1 1 10 100
Current (A)
Frequency (MHz)
ESR vs Frequency
80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60
100
Equivalent Series Resistance ( )
Temperature rise (from 25C)
150 nH 10 120 nH 100 nH 1 70 nH
0.1 36 nH
50 nH
0.01 1 10 100
Current (A rms)
Frequency (MHz)
Irms Derating
120 110
Percent of rated current
100 90 80 70 60 50 40 20 10 0 -40 -20 0 20 40 60 80 100 120 140
Ambient temperature (C)
Specifications subject to change without notice. Please check our website for latest information. Document 481-2 Revised 09/10/09
(c) Coilcraft, Inc. 2009
25C
30


▲Up To Search▲   

 
Price & Availability of SLC7649S-360KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X