Part Number Hot Search : 
L817C MMBZ2 SSM3J01T ENA1952A 1N3022 4063AB LC864312 MBRF20
Product Description
Full Text Search
 

To Download SKM300GAL12E4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SKM300GAL12E4
Absolute Maximum Ratings Symbol
IGBT VCES IC ICnom ICRM ICRM = 3xICnom VCC = 800 V VGE 15 V VCES 1200 V VGES tpsc Tj Inverse diode IF
SKM300GAL12E4
Conditions
Values
1200
Unit
V A A A A V s C A A A A A C A A A A A C A C V
Tj = 175 C
Tc = 25 C Tc = 80 C
422 324 300 900 -20 ... 20
SEMITRANS(R)3
IGBT4 Modules
Tj = 150 C
10 -40 ... 175
Tj = 175 C
Tc = 25 C Tc = 80 C
353 264 300 900 1548 -40 ... 175
IFnom
Features
* IGBT4 = 4. Generation (Trench)IGBT * VCEsat with positive temperature coefficient * High short circuit capability, self limiting to 6 x ICNOM * Soft switching 4. Generation CAL diode (CAL4)
IFRM IFSM Tj
IFRM = 3xIFnom tp = 10 ms, sin 180, Tj = 25 C
Freewheeling diode IF IFnom IFRM IFSM Tj Module It(RMS) Tstg Visol AC sinus 50Hz, t = 1 min 500 -40 ... 125 4000 IFRM = 3xIFnom tp = 10 ms, sin 180, Tj = 25 C Tj = 175 C Tc = 25 C Tc = 80 C 353 264 300 900 1548 -40 ... 175
Typical Applications
* * * * DC/DC - converter Brake chopper Switched reluctance motor DC - Motor
Remarks
* Case temperature limited to Tc = 125C max, recomm. Top = -40 ... +150C, product rel. results valid for Tj = 150
Characteristics Symbol
IGBT VCE(sat) VCE0 rCE VGE(th) ICES Cies Coes Cres QG RGint IC = 300 A VGE = 15 V chiplevel Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C VGE = 15 V Tj = 25 C Tj = 150 C 5 Tj = 25 C Tj = 150 C f = 1 MHz f = 1 MHz f = 1 MHz 17.6 1.16 0.94 1700 2.5 1.85 2.25 0.8 0.7 3.5 5.2 5.8 0.1 2.1 2.45 0.9 0.8 4.0 5.5 6.5 0.3 V V V V m m V mA mA nF nF nF nC
Conditions
min.
typ.
max.
Unit
VGE=VCE, IC = 12 mA VGE = 0 V VCE = 1200 V VCE = 25 V VGE = 0 V VGE = - 8 V...+ 15 V Tj = 25 C
GAL (c) by SEMIKRON Rev. 0 - 19.02.2009 1
SKM300GAL12E4
Characteristics Symbol
td(on) tr Eon td(off) tf Eoff Rth(j-c)
Conditions
VCC = 600 V IC = 300 A VGE = 15 V RG on = 1.5 RG off = 1.5 di/dton = 6100 A/s di/dtoff = 3000 A/s per IGBT Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C IF = 300 A Tj = 150 C di/dtoff = 7300 A/s T = 150 C j VGE = 15 V Tj = 150 C VCC = 600 V per diode Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C IF = 300 A Tj = 150 C di/dtoff = 7300 A/s T = 150 C j VGE = 15 V Tj = 150 C VCC = 600 V per Diode Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C
min.
typ.
220 44 27 520 117 39
max.
Unit
ns ns mJ ns ns mJ
0.11 2.17 2.11 1.3 0.9 2.9 4.0 345 54 23 0.17 2.17 2.11 1.3 0.9 2.9 4.0 345 54 23 0.17 15 20 2.49 2.42 1.5 1.1 3.3 4.4 2.49 2.42 1.5 1.1 3.3 4.4
K/W V V V V m m A C mJ K/W V V V V m m A C mJ K/W nH m m
SEMITRANS 3
IGBT4 Modules
SKM300GAL12E4
(R)
Inverse diode VF = VEC IF = 300 A VGE = 0 V chip VF0 rF IRRM Qrr Err Rth(j-c)
Features
* IGBT4 = 4. Generation (Trench)IGBT * VCEsat with positive temperature coefficient * High short circuit capability, self limiting to 6 x ICNOM * Soft switching 4. Generation CAL diode (CAL4)
Typical Applications
* * * * DC/DC - converter Brake chopper Switched reluctance motor DC - Motor
Freewheeling diode VF = VEC IF = 300 A VGE = 0 V chip VF0 rF IRRM Qrr Err Rth(j-c) Module LCE RCC'+EE' Rth(c-s) Ms Mt w terminal-chip per module to heat sink M6
Remarks
* Case temperature limited to Tc = 125C max, recomm. Top = -40 ... +150C, product rel. results valid for Tj = 150
TC = 25 C TC = 125 C 3 to terminals M6 2.5
0.25 0.5 0.02 0.038 5 5 325
K/W Nm Nm Nm g
GAL 2 Rev. 0 - 19.02.2009 (c) by SEMIKRON
SKM300GAL12E4
Fig. 1: Typ. output characteristic, inclusive RCC'+ EE'
Fig. 2: Rated current vs. temperature IC = f (TC)
Fig. 3: Typ. turn-on /-off energy = f (IC)
Fig. 4: Typ. turn-on /-off energy = f (RG)
Fig. 5: Typ. transfer characteristic
Fig. 6: Typ. gate charge characteristic
(c) by SEMIKRON
Rev. 0 - 19.02.2009
3
SKM300GAL12E4
Fig. 7: Typ. switching times vs. IC
Fig. 8: Typ. switching times vs. gate resistor RG
Fig. 9: Transient thermal impedance
Fig. 10: CAL diode forward characteristic
Fig. 11: CAL diode peak reverse recovery current
Fig. 12: Typ. CAL diode peak reverse recovery charge
4
Rev. 0 - 19.02.2009
(c) by SEMIKRON
SKM300GAL12E4
Semitrans 3
GAL
This is an electrostatic discharge sensitive device (ESDS), international standard IEC 60747-1, Chapter IX. This technical information specifies semiconductor devices but promises no characteristics. No warranty or guarantee expressed or implied is made regarding delivery, performance or suitability.
(c) by SEMIKRON
Rev. 0 - 19.02.2009
5


▲Up To Search▲   

 
Price & Availability of SKM300GAL12E4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X